Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC05-6 Datasheet(PDF) 7 Page - Semtech Corporation

Part # LC05-6
Description  Dual Low Capacitance TVS Array for Telecom Line-Card Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LC05-6 Datasheet(HTML) 7 Page - Semtech Corporation

  LC05-6 Datasheet HTML 1Page - Semtech Corporation LC05-6 Datasheet HTML 2Page - Semtech Corporation LC05-6 Datasheet HTML 3Page - Semtech Corporation LC05-6 Datasheet HTML 4Page - Semtech Corporation LC05-6 Datasheet HTML 5Page - Semtech Corporation LC05-6 Datasheet HTML 6Page - Semtech Corporation LC05-6 Datasheet HTML 7Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
 2003 Semtech Corp.
www.semtech.com
PROTECTION PRODUCTS
LC05-06
Contact Information
Semtech Corporation
Protection Products Division
200 Flynn Road, Camarillo, CA 93012
Phone: (805)498-2111 FAX (805)498-3804
t
r
a
P
r
e
b
m
u
N
g
n
i
k
r
o
W
e
g
a
t
l
o
V
r
e
p
y
t
Q
l
e
e
R
e
z
i
S
l
e
e
R
B
T
.
6
-
5
0
C
LV
60
0
5h
c
n
I
7
E
T
.
6
-
5
0
C
LV
60
0
5
2h
c
n
I
3
1
Note:
(1) No suffix indicates tube pack.
Ordering Information


Similar Part No. - LC05-6

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
LC05-6 SEMTECH-LC05-6 Datasheet
180Kb / 7P
   Dual Low Capacitance TVS Array for Telecom Line-Card Applications?
LC05-6TB SEMTECH-LC05-6TB Datasheet
180Kb / 7P
   Dual Low Capacitance TVS Array for Telecom Line-Card Applications?
LC05-6TE SEMTECH-LC05-6TE Datasheet
180Kb / 7P
   Dual Low Capacitance TVS Array for Telecom Line-Card Applications?
More results

Similar Description - LC05-6

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
LC04-12 SEMTECH-LC04-12 Datasheet
201Kb / 8P
   Dual Low Capacitance TVS Array for Telecom Line-Card Applications
LC05-6 SEMTECH-LC05-6 Datasheet
180Kb / 7P
   Dual Low Capacitance TVS Array for Telecom Line-Card Applications?
LC04-6 SEMTECH-LC04-6_05 Datasheet
167Kb / 7P
   Dual Low Capacitance TVS Array for Telecom Linecard Applications
LC04-6 SEMTECH-LC04-6 Datasheet
195Kb / 7P
   Dual Low Capacitance TVS Array for Telecom LineCard Applications?
logo
Protek Devices
VSMF05LC PROTEC-VSMF05LC_11 Datasheet
493Kb / 6P
   multi-line low capacitance tvs array
MSMF05LC PROTEC-MSMF05LC_12 Datasheet
496Kb / 6P
   MULTI-LINE LOW CAPACITANCE TVS ARRAY
VSMF05LCC PROTEC-VSMF05LCC_11 Datasheet
518Kb / 6P
   multi-line low capacitance tvs array
SMP6LC05-2P PROTEC-SMP6LC05-2P_12 Datasheet
728Kb / 7P
   MULTI-LINE LOW CAPACITANCE TVS ARRAY
MSMF05LCC PROTEC-MSMF05LCC_11 Datasheet
517Kb / 6P
   MULTI-LINE LOW CAPACITANCE TVS ARRAY
VSMF05LCC PROTEC-VSMF05LCC_12 Datasheet
521Kb / 6P
   MULTI-LINE LOW CAPACITANCE TVS ARRAY
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com