Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T0816 Datasheet(PDF) 10 Page - ATMEL Corporation

Part # T0816
Description  3-channel Laser Driver with RF Oscillator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T0816 Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button T0816_05 Datasheet HTML 6Page - ATMEL Corporation T0816_05 Datasheet HTML 7Page - ATMEL Corporation T0816_05 Datasheet HTML 8Page - ATMEL Corporation T0816_05 Datasheet HTML 9Page - ATMEL Corporation T0816_05 Datasheet HTML 10Page - ATMEL Corporation T0816_05 Datasheet HTML 11Page - ATMEL Corporation T0816_05 Datasheet HTML 12Page - ATMEL Corporation T0816_05 Datasheet HTML 13Page - ATMEL Corporation T0816_05 Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10
4505H–DVD–11/05
T0816
Figure 9-4.
Transfer Characteristic of Channel 2
(Gain = 278, Load Resistor at IOUT = 6.8
Ω)
Figure 9-5.
Voltage Compliance R (IOUT to VCC) = 5.9
y = 0.2783x - 3.3199
0
50
100
150
200
250
300
350
400
0
200
400
600
800
1000
1200
1400
1600
Iin (µA)
Vcc = 5.5 V
Vcc = 5.0 V
Vcc = 4.5 V
0
50
100
150
200
250
300
350
0.0
1.0
2.0
3.0
4.0
5.0
VCC-V(IOUT)/V


Similar Part No. - T0816_05

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T0816-PEQG ATMEL-T0816-PEQG Datasheet
352Kb / 14P
   3 - CHANNEL LASER DRIVER WITH RF OSCILLATOR
T0816-TCQ ATMEL-T0816-TCQ Datasheet
352Kb / 14P
   3 - CHANNEL LASER DRIVER WITH RF OSCILLATOR
T0816M-TCQG ATMEL-T0816M-TCQG Datasheet
352Kb / 14P
   3 - CHANNEL LASER DRIVER WITH RF OSCILLATOR
More results

Similar Description - T0816_05

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T0816 ATMEL-T0816 Datasheet
352Kb / 14P
   3 - CHANNEL LASER DRIVER WITH RF OSCILLATOR
T0820 ATMEL-T0820 Datasheet
187Kb / 11P
   4 CHANNEL LASER DRIVER WITH RF OSCILLATOR
T0820 ATMEL-T0820_05 Datasheet
278Kb / 12P
   4-channel Laser Driver with RF Oscillator
T0806 ATMEL-T0806 Datasheet
241Kb / 7P
   3 CHANNEL LASER DRIVER WITH RF OSCILLATOR AND 2 OUTPUTS
T0806 ATMEL-T0806_05 Datasheet
282Kb / 8P
   3-channel Laser Driver with RF Oscillator and 2 Outputs
logo
Analog Devices
AD9662 AD-AD9662 Datasheet
65Kb / 2P
   3-Channel Laser Diode Driver with Oscillator
Rev. SpA
AD9662ARQZ AD-AD9662ARQZ Datasheet
265Kb / 16P
   3-Channel Laser Diode Driver with Oscillator
REV. C
AD9662 AD-AD9662_15 Datasheet
265Kb / 16P
   3-Channel Laser Diode Driver with Oscillator
REV. C
AD9662ARQZ AD-AD9662ARQZ Datasheet
265Kb / 16P
   3-Channel Laser Diode Driver with Oscillator
REV. C
logo
Intersil Corporation
EL6211 INTERSIL-EL6211 Datasheet
23Kb / 2P
   3-Channel Laser Diode Driver Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com