Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EVM4257ALPT Datasheet(PDF) 10 Page - Semtech Corporation

Part # EVM4257ALPT
Description  Dual Channel Per-Pin Parametric Measurement Unit
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

EVM4257ALPT Datasheet(HTML) 10 Page - Semtech Corporation

Back Button EVM4257ALPT Datasheet HTML 6Page - Semtech Corporation EVM4257ALPT Datasheet HTML 7Page - Semtech Corporation EVM4257ALPT Datasheet HTML 8Page - Semtech Corporation EVM4257ALPT Datasheet HTML 9Page - Semtech Corporation EVM4257ALPT Datasheet HTML 10Page - Semtech Corporation EVM4257ALPT Datasheet HTML 11Page - Semtech Corporation EVM4257ALPT Datasheet HTML 12Page - Semtech Corporation EVM4257ALPT Datasheet HTML 13Page - Semtech Corporation EVM4257ALPT Datasheet HTML 14Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
10
 2005 Semtech Corp. / Rev. 5, 11/30/05
TEST AND MEASUREMENT PRODUCTS
E4237/E4257/E4287
www.semtech.com
Circuit Description
Circuit Overview
E42X7 is a family of dual channel parametric test and
measurement units, each of which can:
• Force Voltage/Measure Current
• Force Current/Measure Voltage
• Force Voltage/Measure Voltage
• Force Current/Measure Current
Each PMU channel can force or measure voltage over a
16.25V range and force or measure current over four
distinct ranges:
E4257, E4287
E4237
± 40 µA
± 40 µA
± 400 µA
± 4 mA
± 4 mA
± 40 mA
The E42X7 also features integrated voltage clamp/over-
voltage detection circuitry that provides over-voltage
protection to the DUT (Device Under Test) during normal
operation. Short-circuit protection circuitry protects the
E42X7 by limiting the maximum output current to a
specified value over the full-scale current for a particular
range. The E4287 features an integrated analog MUX
that is intended to be used to toggle the “driver high level”
supplied to a pin electronics driver between normal logic
levels and a super voltage level which is suitable for
programming devices that require a “third-level” such as
FLASHTM.
The E4287 also features a pin (per channel), GUARD,
which can be used to drive the guard traces of a FORCE/
SENSE pair. By surrounding FORCE and SENSE traces
with guard traces which connect to the GUARD pin, an
effective method to achieve minimal leakage can be
achieved.
The E42X7 also includes a test head ground (DUTGND)
referencing features which allow the force voltage function
to be referenced to a separate ground reference other
than the ground (GND) power used for the device.
Also included with the E42X7 are a number of integrated
switches that allow the device to be configured to:
• Connect a central “system” PMU to the
DUT through the FORCE and SENSE pins
of the E42X7.
• Provide a ~4.5K
Ω pull-up resistor to the
programmed force voltage level, which
allows devices with unipolar open-element
outputs (i.e., open drain) to be tested without
providing a designated pull-up or pull-down
on a load board.
PPMU Functionality
The trapezoid in Figure 1 describes the V/I functionality of
the E42X7’s internal PMU when a DUT is connected to
the FORCE or RF pins (a functional schematic of the E42X7
can be viewed in Figure 2).
Figure 1. PMU Functionality/Range at the
FORCE and RF Pins
RF Pin, All Ranges
FORCE Pin, Ranges A,B,C (E4257, E4287)
FORCE Pin, Range D (E4257, E4287)
FORCE Pin, Range C (E4237)
Output Current
[% Full-Scale Range]
VCC – 2V
VCC – 4V
VEE + 2V
VEE + 4V
+100%
–100%
Output Voltage [V]


Similar Part No. - EVM4257ALPT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
EVM4707BBG SEMTECH-EVM4707BBG Datasheet
193Kb / 25P
   Quad Channel Per-Pin Precision Measurement Unit
EVM4717DBG SEMTECH-EVM4717DBG Datasheet
211Kb / 22P
   Quad Channel, Per Pin Precision Measurement Unit
logo
Panasonic Semiconductor
EVM49G PANASONIC-EVM49G Datasheet
145Kb / 2P
   Ceramic Substrate Trimmer Potentiometers/EVM49/4L
EVM4LG PANASONIC-EVM4LG Datasheet
145Kb / 2P
   Ceramic Substrate Trimmer Potentiometers/EVM49/4L
EVM4LG PANASONIC-EVM4LG Datasheet
74Kb / 2P
   6mm Size Ceramic Trimmer Potentiometers
More results

Similar Description - EVM4257ALPT

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5520 AD-AD5520_15 Datasheet
514Kb / 24P
   Per Pin Parametric Measurement Unit/Source Measure Unit
REV. B
AD5520JSTZ AD-AD5520JSTZ Datasheet
514Kb / 24P
   Per Pin Parametric Measurement Unit/Source Measure Unit
REV. B
AD5520 AD-AD5520 Datasheet
763Kb / 20P
   Per Pin Parametric Measurement Unit/Source Measure Unit
REV. A
logo
Maxim Integrated Produc...
MAX9951 MAXIM-MAX9951 Datasheet
499Kb / 23P
   Dual Per-Pin Parametric Measurement Units
Rev 1; 2/05
MAX9949 MAXIM-MAX9949 Datasheet
286Kb / 23P
   Dual Per-Pin Parametric Measurement Units
Rev 2; 3/09
logo
Analog Devices
AD5520JSTZ AD-AD5520JSTZ Datasheet
514Kb / 24P
   Per Pin Parametric Measurement Unit/Source Measure Unit
REV. B
AD5520 AD-AD5520_17 Datasheet
409Kb / 25P
   Per Pin Parametric Measurement Unit/Source Measure Unit
logo
Maxim Integrated Produc...
MAX9951 MAXIM-MAX9951_V01 Datasheet
399Kb / 24P
   Dual Per-Pin Parametric Measurement Units
2013
MAX9949 MAXIM-MAX9949_V01 Datasheet
389Kb / 23P
   Dual Per-Pin Parametric Measurement Units
19-3014; Rev 3; 6/10
MAX9951 MAXIM-MAX9951_09 Datasheet
304Kb / 24P
   Dual Per-Pin Parametric Measurement Units
Rev 4; 11/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com