Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E6435BHFT Datasheet(PDF) 10 Page - Semtech Corporation

Part # E6435BHFT
Description  Per-Pin Electronics Companion DAC
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

E6435BHFT Datasheet(HTML) 10 Page - Semtech Corporation

Back Button E6435BHFT Datasheet HTML 6Page - Semtech Corporation E6435BHFT Datasheet HTML 7Page - Semtech Corporation E6435BHFT Datasheet HTML 8Page - Semtech Corporation E6435BHFT Datasheet HTML 9Page - Semtech Corporation E6435BHFT Datasheet HTML 10Page - Semtech Corporation E6435BHFT Datasheet HTML 11Page - Semtech Corporation E6435BHFT Datasheet HTML 12Page - Semtech Corporation E6435BHFT Datasheet HTML 13Page - Semtech Corporation E6435BHFT Datasheet HTML 14Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
10
 2006 Semtech Corp. / Rev. 3, 8/25/06
TEST AND MEASUREMENT PRODUCTS
Edge6435/6436
www.semtech.com
Circuit Description (continued)
Circuit Description (continued)
RESET*
RESET* low resets the input shift register (no CLKIN
required), the central register, and input registers. With
RESET* high, the following leading edge of CLKIN will cause
reset condition to be removed (see Figure 21). Two clock
cycles are required after RESET* is set to logic “high” for
the DAC outputs to be enabled.
Programming Sequence
The DACs are programmed serially (see Figures 1 and 6).
On each rising edge of CLKIN, SDIN is loaded into a shift
register. It requires 24 Clocks to fully load the shift register.
LOAD
Following the serial input of a new DAC value, then LOAD
high for the leading edge of CLKIN loads the new DAC
value and its address into the Central Register. Following
the loading of the Central Register, LOAD needs to go low
followed by a leading edge of CLKIN so as to enable the
address decoder (see Figure 6).
STORE
Following the LOAD of the Central Register and the enabling
of the address docoder, the channel or set of channels
addressed DACs input register or channel function is
“stored” by a CLKIN with STORE high. Only upon the STORE
of a DAC or set of DAC’s “value latch” (Figure 2) does the
Edge6435/6436 compute the input to DAC’s Latch A (of
Rank A). There needs to be at least one clock edge after
LOAD is set to logic “low” before STORE is set to logic
“high” (see Figure 21).
UPDATE
Following the STORE of multiple DAC values into Rank A
DAC latches, Rank B latches may be updated in parallel
with the values of their Rank A DAC latches by a CLKIN
with UPDATE high. There must be at least 16 clock cycles
between when STORE is set to logic “low” and UPDATE is
latched to logic “high” in order to latch the latest data
(see Figure 21).
RANK Selection
Referring to Figures 1, 2 and 3:
RANK low selects Rank A latches to the DACs
(no CLKIN required).
RANK high selects Rank B latches to the DACs
(no CLKIN required).
DACEN
DACEN low forces all DAC voltage outputs to ~0V and all
current outputs to ~0 mA (no CLKIN required).
With
DACEN high, then a following leading edge of CLKIN will
cause DACs to be enabled (see Figure 23).
TEST MODE/SHIFTOUT*
TEST_MODE is used to enable the LDOUT and DACOUT
channels. Once enabled (TESTMODE = 1), SHIFTOUT*
can be used to begin transmission of serial data through
the LDOUT pin, or DAC outputs can be monitored at the
DACOUT pin (see Figure 24) (TEST_MODE functionality
does not depend on CLKIN)).
When addressing DAC channels that have been assigned
to a PinCast “set”, TEST-MODE is internally disabled in
order to prevent multiple DAC outputs from being
connected in parallel and possibly damaging the E6435/
6436.


Similar Part No. - E6435BHFT

ManufacturerPart #DatasheetDescription
logo
FERYSTER Inductive Comp...
E64-10-50 FERYSTER-E64-10-50 Datasheet
38Kb / 6P
   Planar E cores and accessories
logo
Ferroxcube Internationa...
E64-3C90 FERROXCUBE-E64-3C90 Datasheet
56Kb / 6P
   Planar E cores and accessories
E64-3C90-A1600-E FERROXCUBE-E64-3C90-A1600-E Datasheet
56Kb / 6P
   Planar E cores and accessories
E64-3C90-A2500-E FERROXCUBE-E64-3C90-A2500-E Datasheet
56Kb / 6P
   Planar E cores and accessories
E64-3C90-A3150-E FERROXCUBE-E64-3C90-A3150-E Datasheet
56Kb / 6P
   Planar E cores and accessories
More results

Similar Description - E6435BHFT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
EDGE6420 SEMTECH-EDGE6420 Datasheet
241Kb / 29P
   Per-Pin Electronics Companion DAC
logo
Intersil Corporation
ISL55162 INTERSIL-ISL55162 Datasheet
335Kb / 2P
   SOC Dual Channel 300MHz Pin Electronics/DAC/PMU/Deskew
logo
Semtech Corporation
EDGE211 SEMTECH-EDGE211 Datasheet
83Kb / 12P
   Dual Pin Electronics Driver
E737 SEMTECH-E737 Datasheet
470Kb / 18P
   Per-Pin Precision Measurement Unit
EDGE737 SEMTECH-EDGE737 Datasheet
137Kb / 19P
   Per-Pin Precision Measurement Unit
EDGE819 SEMTECH-EDGE819 Datasheet
84Kb / 10P
   Octal, 18V Pin Electronics Driver
E749BPJ SEMTECH-E749BPJ Datasheet
104Kb / 14P
   Octal Pin Electronics Driver/Receiver
EDGE749 SEMTECH-EDGE749 Datasheet
104Kb / 14P
   Octal Pin Electronics Driver/Receiver
EDGE749 SEMTECH-EDGE749_02 Datasheet
152Kb / 15P
   Octal Pin Electronics Driver/Receiver
E649BPJ SEMTECH-E649BPJ Datasheet
100Kb / 14P
   Octal Pin Electronics Driver/Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com