Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACS8526 Datasheet(PDF) 66 Page - Semtech Corporation

Part # ACS8526
Description  Line Card Protection Switch for PDH, SONET or SDH Systems
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS8526 Datasheet(HTML) 66 Page - Semtech Corporation

Back Button ACS8526 Datasheet HTML 62Page - Semtech Corporation ACS8526 Datasheet HTML 63Page - Semtech Corporation ACS8526 Datasheet HTML 64Page - Semtech Corporation ACS8526 Datasheet HTML 65Page - Semtech Corporation ACS8526 Datasheet HTML 66Page - Semtech Corporation ACS8526 Datasheet HTML 67Page - Semtech Corporation ACS8526 Datasheet HTML 68Page - Semtech Corporation ACS8526 Datasheet HTML 69Page - Semtech Corporation ACS8526 Datasheet HTML 70Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 74 page
background image
ADVANCED COMMUNICATIONS
FINAL
DATASHEET
Revision 4.01/June 2006 © Semtech Corp.
Page 66
www.semtech.com
ACS8526 LC/P LITE
Note...This table is only for comparing the ACS8526 output jitter performance against values and quoted in various specifications for given
conditions. It should not be used to infer compliance to any other aspects of these specifications.
GR-499-CORE[12] & G824[9] for 1.544 MHz
10 Hz - 40kHz
5.0 p-p
0.001 p-p
GR-499-CORE[12] & G824[9] for 1.544 MHz
8 kHz - 40kHz
0.1 p-p
0.001 p-p
GR-1244-CORE[13] for 1.544 MHz
> 10 Hz
0.05 p-p
0.001 p-p
Table 27 Output Jitter Generation at 35 Hz bandwidth and 8 kHz Input (cont...)
Test Definition
Jitter Spec
ACS8526 Jitter
Specification
Filter
UI
UI (TYP)


Similar Part No. - ACS8526

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ACS8520 SEMTECH-ACS8520 Datasheet
1Mb / 150P
   Synchronous Equipment Timing Source for Stratum 3/4E/4 and SMC Systems
ACS8520 SEMTECH-ACS8520 Datasheet
1Mb / 150P
   Synchronous Equipment Timing Source for Stratum 3/4E/4 and SMC Systems
logo
IQD Frequency Products ...
ACS8520 IQD-ACS8520 Datasheet
208Kb / 4P
   TCXO Specification
logo
Semtech Corporation
ACS8520A SEMTECH-ACS8520A Datasheet
3Mb / 150P
   Synchronous Equipment Timing Source for Stratum 3/4E/4 and SMC Systems
logo
IQD Frequency Products ...
ACS8520A IQD-ACS8520A Datasheet
208Kb / 4P
   TCXO Specification
More results

Similar Description - ACS8526

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ACS8527 SEMTECH-ACS8527 Datasheet
433Kb / 22P
   Line Card Protection Switch for PDH, SONET or SDH Systems
ACS8525 SEMTECH-ACS8525 Datasheet
1Mb / 112P
   Line Card Protection Switch for SONET/SDH Systems
ACS8525A SEMTECH-ACS8525A Datasheet
2Mb / 112P
   Line Card Protection Switch for SONET/SDH Systems
ACS8595 SEMTECH-ACS8595 Datasheet
164Kb / 12P
   Line Card Protection Switch for SONET/SDH AdvancedTCA Systems
ACS8515LC SEMTECH-ACS8515LC Datasheet
597Kb / 47P
   Line Card Protection Switch for SONET or SDH Network Elements
ACS8515 SEMTECH-ACS8515 Datasheet
454Kb / 50P
   Line Card Protection Switch for SONET or SDH Network Elements
logo
Zarlink Semiconductor I...
ZL30106 ZARLINK-ZL30106_05 Datasheet
1Mb / 48P
   SONET/SDH/PDH Network Interface DPLL
ZL30106 ZARLINK-ZL30106 Datasheet
423Kb / 48P
   SONET/SDH/PDH Network Interface DPLL
ZL30122 ZARLINK-ZL30122 Datasheet
259Kb / 23P
   SONET/SDH Low Jitter Line Card Synchronizer
ZL30120 ZARLINK-ZL30120 Datasheet
324Kb / 27P
   SONET/SDH/Ethernet Multi-Rate Line Card Synchronizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com