Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACS8525A Datasheet(PDF) 22 Page - Semtech Corporation

Part # ACS8525A
Description  Line Card Protection Switch for SONET/SDH Systems
Download  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS8525A Datasheet(HTML) 22 Page - Semtech Corporation

Back Button ACS8525A Datasheet HTML 18Page - Semtech Corporation ACS8525A Datasheet HTML 19Page - Semtech Corporation ACS8525A Datasheet HTML 20Page - Semtech Corporation ACS8525A Datasheet HTML 21Page - Semtech Corporation ACS8525A Datasheet HTML 22Page - Semtech Corporation ACS8525A Datasheet HTML 23Page - Semtech Corporation ACS8525A Datasheet HTML 24Page - Semtech Corporation ACS8525A Datasheet HTML 25Page - Semtech Corporation ACS8525A Datasheet HTML 26Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 112 page
background image
ACS8525A LC/P
ADVANCED COMMS & SENSING
FINAL
DATASHEET
Revision 1.00/September 2007 © Semtech Corp.
Page 22
www.semtech.com
Outputs
The ACS8525A delivers four output signals on the
following ports: Two clocks, one each on ports Output O1
and Output O2; and two Sync signals, on ports FrSync and
MFrSync. Output O1 and Output O2 are independent of
each other and are individually selectable. Output 01 is a
differential port (pins O1POS and O1NEG), and can be
selected PECL or LVDS. Output O2 (pin O2) and the Sync
outputs are TTL/CMOS.
The two Sync outputs, FrSync (8 kHz) and MFrSync
(2 kHz), are derived from DPLL1.
PECL/LVDS Output Port Selection
The choice of PECL or LVDS compatibility for Output 01 is
programmed via the cnfg_differential_output register,
Reg. 3A.
Output Frequency Selection and PLL Configuration
The output frequency at many of the outputs is controlled
by a number of inter-dependent parameters (refer to “PLL
Architecture” on page 14). The frequencies of the output
clocks are selectable from a range of pre-defined spot
frequencies/port technologies, as defined in Tables 6 and
7.
Outputs O1 & O2 Frequency Configuration Steps
The output frequency selection is performed in the
following steps:
6. Refer to Table 8, Frequency Divider Look-up, to
choose a set of output frequencies.
7. Refer to the Table 8 to determine the required APLL
frequency to support the frequency set.
8. Refer to Table 9, APLL1 Frequencies, and Table 10,
APLL2 Frequencies, to determine in what mode
DPLL1 and DPLL2 need to be configured, considering
the output jitter level.
9. Refer to Table 11, O1 and O2 Output Frequency
Selection, and the column headings in Table 8,
Frequency Divider Look-up, to select the appropriate
frequency from either of the APLLs on each output as
required.
Note...1.544 MHz/2.048 MHz are shown for SONET/SDH respectively. Pin SONSDHB controls default, when High SONET is default
Table 6 Output Reference Source Selection Table
Port
Name
Output Port
Technology
Frequencies Supported
Output
O1
LVDS/PECL
(LVDS default)
Frequency selection as per Table 7 and Table 11
Output
O2
TTL/CMOS
FrSync
TTL/CMOS
FrSync, 8 kHz programmable pulse width and polarity, see Reg. 7A.
MFrSync
TTL/CMOS
MFrSync, 2 kHz programmable pulse width and polarity, see Reg. 7A.
Table 7 Output Frequency Selection
Frequency (MHz, unless stated otherwise)
DPLL1 Mode
DPLL2 Mode
APLL2 Input Mux
Jitter Level (Typ)
rms
(ps)
p-p
(ns)
2 kHz
77.76 MHz Analog
-
-
60
0.6
2 kHz
Any digital feedback mode
-
-
1400
5
8 kHz
77.76 MHz Analog
-
-
60
0.6
8 kHz
Any digital feedback mode
-
-
1400
5


Similar Part No. - ACS8525A

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ACS8525 SEMTECH-ACS8525 Datasheet
1Mb / 112P
   Line Card Protection Switch for SONET/SDH Systems
ACS8525LC SEMTECH-ACS8525LC Datasheet
1Mb / 112P
   Line Card Protection Switch for SONET/SDH Systems
ACS8525P SEMTECH-ACS8525P Datasheet
1Mb / 112P
   Line Card Protection Switch for SONET/SDH Systems
ACS8525T SEMTECH-ACS8525T Datasheet
1Mb / 112P
   Line Card Protection Switch for SONET/SDH Systems
More results

Similar Description - ACS8525A

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ACS8525 SEMTECH-ACS8525 Datasheet
1Mb / 112P
   Line Card Protection Switch for SONET/SDH Systems
ACS8595 SEMTECH-ACS8595 Datasheet
164Kb / 12P
   Line Card Protection Switch for SONET/SDH AdvancedTCA Systems
ACS8526 SEMTECH-ACS8526 Datasheet
805Kb / 74P
   Line Card Protection Switch for PDH, SONET or SDH Systems
ACS8527 SEMTECH-ACS8527 Datasheet
433Kb / 22P
   Line Card Protection Switch for PDH, SONET or SDH Systems
ACS8515LC SEMTECH-ACS8515LC Datasheet
597Kb / 47P
   Line Card Protection Switch for SONET or SDH Network Elements
ACS8515 SEMTECH-ACS8515 Datasheet
454Kb / 50P
   Line Card Protection Switch for SONET or SDH Network Elements
logo
Zarlink Semiconductor I...
ZL30122 ZARLINK-ZL30122 Datasheet
259Kb / 23P
   SONET/SDH Low Jitter Line Card Synchronizer
ZL30120 ZARLINK-ZL30120 Datasheet
324Kb / 27P
   SONET/SDH/Ethernet Multi-Rate Line Card Synchronizer
ZL30119 ZARLINK-ZL30119_06 Datasheet
529Kb / 28P
   SONET/SDH OC-48/OC-192 Line Card Synchronizer
ZL30117 ZARLINK-ZL30117 Datasheet
401Kb / 24P
   SONET/SDH OC-48/OC-192 Line Card Synchronizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com