Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACS8525 Datasheet(PDF) 88 Page - Semtech Corporation

Part # ACS8525
Description  Line Card Protection Switch for SONET/SDH Systems
Download  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS8525 Datasheet(HTML) 88 Page - Semtech Corporation

Back Button ACS8525 Datasheet HTML 84Page - Semtech Corporation ACS8525 Datasheet HTML 85Page - Semtech Corporation ACS8525 Datasheet HTML 86Page - Semtech Corporation ACS8525 Datasheet HTML 87Page - Semtech Corporation ACS8525 Datasheet HTML 88Page - Semtech Corporation ACS8525 Datasheet HTML 89Page - Semtech Corporation ACS8525 Datasheet HTML 90Page - Semtech Corporation ACS8525 Datasheet HTML 91Page - Semtech Corporation ACS8525 Datasheet HTML 92Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 112 page
background image
ADVANCED COMMUNICATIONS
FINAL
DATASHEET
Revision 3.01/August 2005 © Semtech Corp.
Page 88
www.semtech.com
ACS8525 LC/P
[5:0]
PBO_phase_offset
Each time a Phase Build-out event is triggered,
there is an uncertainty of up to 5 ns introduced
which translates to a phase hit on the output. The
mean error over a large number of events is
designed to be zero. This register can be used to
introduce a fixed offset into each PBO event. This
will have the effect of moving the mean error
positive or negative in time.
-
The value in this register is a 6-bit 2’s complement
number. The value multiplied by 0.101 gives the
programmed offset in nanoseconds. Values greater
than +1.4 ns or less than -1.4 ns should NOT be
used as they may cause internal mathematical
errors.
Address (hex):
73
Register Name cnfg_phase_loss_fine_limit
Description
(R/W) Register to configure some
of the parameters of the DPLL
phase detectors.
Default Value
1010 0010
Bit 7Bit 6
Bit 5Bit 4
Bit 3
Bit 2Bit 1Bit 0
fine_limit_en
noact_ph_loss
narrow_en
phase_loss_fine_limit
Bit No.
Description
Bit Value
Value Description
7
fine_limit_en
Register bit to enable the phase_loss_fine_limit
Bits [2:0]. When disabled, phase lock/loss is
determined by the other means within the device.
This must be disabled when multi-UI jitter tolerance
is required, see Reg. 74,
cnfg_phase_loss_course_limit.
0
1
Phase loss indication only triggered by other means.
Phase loss triggered when phase error exceeds the
limit programmed in phase_loss_fine_limit,
Bits [2:0].
6
noact_ph_loss
The DPLL detects that an input has failed very
rapidly. Normally, when the DPLL detects this
condition, it does not consider phase lock to be lost
and will phase lock to the nearest edge (±180º)
when a source becomes available again, hence
giving tolerance to missing cycles. If phase loss is
indicated, then frequency and phase locking is
instigated (±360º locking). This bit can be used to
force the DPLL to indicate phase loss immediately
when no activity is detected.
0
1
No activity on reference does not trigger phase lost
indication.
No activity triggers phase lost indication.
Address (hex):
72 (cont...)
Register Name cnfg_PBO_phase_offset
Description
(R/W) Register to offset the mean
time error of Phase Build-out
events.
Default Value
0000 0000
Bit 7Bit 6
Bit 5Bit 4
Bit 3
Bit 2Bit 1Bit 0
PBO_phase_offset
Bit No.
Description
Bit Value
Value Description


Similar Part No. - ACS8525

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ACS8525A SEMTECH-ACS8525A Datasheet
2Mb / 112P
   Line Card Protection Switch for SONET/SDH Systems
ACS8525ALC SEMTECH-ACS8525ALC Datasheet
2Mb / 112P
   Line Card Protection Switch for SONET/SDH Systems
ACS8525AP SEMTECH-ACS8525AP Datasheet
2Mb / 112P
   Line Card Protection Switch for SONET/SDH Systems
ACS8525AT SEMTECH-ACS8525AT Datasheet
2Mb / 112P
   Line Card Protection Switch for SONET/SDH Systems
More results

Similar Description - ACS8525

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ACS8525A SEMTECH-ACS8525A Datasheet
2Mb / 112P
   Line Card Protection Switch for SONET/SDH Systems
ACS8595 SEMTECH-ACS8595 Datasheet
164Kb / 12P
   Line Card Protection Switch for SONET/SDH AdvancedTCA Systems
ACS8526 SEMTECH-ACS8526 Datasheet
805Kb / 74P
   Line Card Protection Switch for PDH, SONET or SDH Systems
ACS8527 SEMTECH-ACS8527 Datasheet
433Kb / 22P
   Line Card Protection Switch for PDH, SONET or SDH Systems
ACS8515LC SEMTECH-ACS8515LC Datasheet
597Kb / 47P
   Line Card Protection Switch for SONET or SDH Network Elements
ACS8515 SEMTECH-ACS8515 Datasheet
454Kb / 50P
   Line Card Protection Switch for SONET or SDH Network Elements
logo
Zarlink Semiconductor I...
ZL30122 ZARLINK-ZL30122 Datasheet
259Kb / 23P
   SONET/SDH Low Jitter Line Card Synchronizer
ZL30120 ZARLINK-ZL30120 Datasheet
324Kb / 27P
   SONET/SDH/Ethernet Multi-Rate Line Card Synchronizer
ZL30119 ZARLINK-ZL30119_06 Datasheet
529Kb / 28P
   SONET/SDH OC-48/OC-192 Line Card Synchronizer
ZL30117 ZARLINK-ZL30117 Datasheet
401Kb / 24P
   SONET/SDH OC-48/OC-192 Line Card Synchronizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com