Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACS8525 Datasheet(PDF) 60 Page - Semtech Corporation

Part # ACS8525
Description  Line Card Protection Switch for SONET/SDH Systems
Download  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS8525 Datasheet(HTML) 60 Page - Semtech Corporation

Back Button ACS8525 Datasheet HTML 56Page - Semtech Corporation ACS8525 Datasheet HTML 57Page - Semtech Corporation ACS8525 Datasheet HTML 58Page - Semtech Corporation ACS8525 Datasheet HTML 59Page - Semtech Corporation ACS8525 Datasheet HTML 60Page - Semtech Corporation ACS8525 Datasheet HTML 61Page - Semtech Corporation ACS8525 Datasheet HTML 62Page - Semtech Corporation ACS8525 Datasheet HTML 63Page - Semtech Corporation ACS8525 Datasheet HTML 64Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 112 page
background image
ADVANCED COMMUNICATIONS
FINAL
DATASHEET
Revision 3.01/August 2005 © Semtech Corp.
Page 60
www.semtech.com
ACS8525 LC/P
Address (hex):
38
Register Name cnfg_dig_outputs_sonsdh
Description
Configures Digital1 and Digital2
output frequencies to be SONET
or SDH compatible frequencies.
Default Value
0000 0100*
Bit 7Bit 6
Bit 5Bit 4
Bit 3
Bit 2Bit 1Bit 0
dig2_sonsdh
dig1_sonsdh
Bit No.
Description
Bit Value
Value Description
7Not used.
-
-
6
dig2_sonsdh
Selects whether the frequencies generated by the
Digital2 frequency generator are SONET derived or
SDH.
*Default value of this bit is set by the SONSDHB pin
at power-up.
1
0
Digital2 can be selected from 1,544/3,088/6,176/
12,352 kHz.
Digital2 can be selected from 2,048/4,096/8,192/
16,384 kHz.
5
dig1_sonsdh
Selects whether the frequencies generated by the
Digital1 frequency generator are SONET derived or
SDH.
*Default value of this bit is set by the SONSDHB pin
at power-up.
1
0
Digital1 can be selected from 1,544/3,088/6,176/
12,352 kHz.
Digital1 can be selected from 2,048/4,096/8,192/
16,384 kHz.
[4:0]
Not used.
-
-
Address (hex):
39
Register Name cnfg_digtial_frequencies
Description
(R/W) Configures the actual
frequencies of Digital1 & Digital2.
Default Value
0000 1000
Bit 7Bit 6
Bit 5Bit 4
Bit 3
Bit 2Bit 1Bit 0
digital2_frequency
digital1_frequency
Bit No.
Description
Bit Value
Value Description
[7:6]
digital2_frequency
Configures the frequency of Digital2. Whether this is
SONET or SDH based is configured by Bit 6
(dig2_sonsdh) of Reg. 38.
00
01
10
11
Digital2 set to 1,544 kHz or 2,048 kHz.
Digital2 set to 3,088 kHz or 4,096 kHz.
Digital2 set to 6,176 kHz or 8,192 kHz.
Digital2 set to 12,353 kHz or 16,384 kHz.
[5:4]
digital1_frequency
Configures the frequency of Digital1. Whether this is
SONET or SDH based is configured by Bit 5
(dig1_sonsdh) of Reg. 38.
00
01
10
11
Digital1 set to 1,544 kHz or 2,048 kHz.
Digital1 set to 3,088 kHz or 4,096 kHz.
Digital1 set to 6,176 kHz or 8,192 kHz.
Digital1 set to 12,353 kHz or 16,384 kHz.
[3:0]
Not used.


Similar Part No. - ACS8525

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ACS8525A SEMTECH-ACS8525A Datasheet
2Mb / 112P
   Line Card Protection Switch for SONET/SDH Systems
ACS8525ALC SEMTECH-ACS8525ALC Datasheet
2Mb / 112P
   Line Card Protection Switch for SONET/SDH Systems
ACS8525AP SEMTECH-ACS8525AP Datasheet
2Mb / 112P
   Line Card Protection Switch for SONET/SDH Systems
ACS8525AT SEMTECH-ACS8525AT Datasheet
2Mb / 112P
   Line Card Protection Switch for SONET/SDH Systems
More results

Similar Description - ACS8525

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ACS8525A SEMTECH-ACS8525A Datasheet
2Mb / 112P
   Line Card Protection Switch for SONET/SDH Systems
ACS8595 SEMTECH-ACS8595 Datasheet
164Kb / 12P
   Line Card Protection Switch for SONET/SDH AdvancedTCA Systems
ACS8526 SEMTECH-ACS8526 Datasheet
805Kb / 74P
   Line Card Protection Switch for PDH, SONET or SDH Systems
ACS8527 SEMTECH-ACS8527 Datasheet
433Kb / 22P
   Line Card Protection Switch for PDH, SONET or SDH Systems
ACS8515LC SEMTECH-ACS8515LC Datasheet
597Kb / 47P
   Line Card Protection Switch for SONET or SDH Network Elements
ACS8515 SEMTECH-ACS8515 Datasheet
454Kb / 50P
   Line Card Protection Switch for SONET or SDH Network Elements
logo
Zarlink Semiconductor I...
ZL30122 ZARLINK-ZL30122 Datasheet
259Kb / 23P
   SONET/SDH Low Jitter Line Card Synchronizer
ZL30120 ZARLINK-ZL30120 Datasheet
324Kb / 27P
   SONET/SDH/Ethernet Multi-Rate Line Card Synchronizer
ZL30119 ZARLINK-ZL30119_06 Datasheet
529Kb / 28P
   SONET/SDH OC-48/OC-192 Line Card Synchronizer
ZL30117 ZARLINK-ZL30117 Datasheet
401Kb / 24P
   SONET/SDH OC-48/OC-192 Line Card Synchronizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com