Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACS8522A Datasheet(PDF) 49 Page - Semtech Corporation

Part # ACS8522A
Description  Synchronous Equipment Timing Source for Stratum 3/4E/4 and SMC Systems
Download  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS8522A Datasheet(HTML) 49 Page - Semtech Corporation

Back Button ACS8522A Datasheet HTML 45Page - Semtech Corporation ACS8522A Datasheet HTML 46Page - Semtech Corporation ACS8522A Datasheet HTML 47Page - Semtech Corporation ACS8522A Datasheet HTML 48Page - Semtech Corporation ACS8522A Datasheet HTML 49Page - Semtech Corporation ACS8522A Datasheet HTML 50Page - Semtech Corporation ACS8522A Datasheet HTML 51Page - Semtech Corporation ACS8522A Datasheet HTML 52Page - Semtech Corporation ACS8522A Datasheet HTML 53Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 118 page
background image
ACS8522A SETS LITE
ADVANCED COMMS & SENSING
FINAL
DATASHEET
Revision 1.00/September 2007 © Semtech Corp.
Page 49
www.semtech.com
6
T4_status
Interrupt indicating that the T4 DPLL has lost lock (if
it was locked) or gained lock (if it was not locked).
Latched until reset by software writing a 1 to this bit.
0
1
Input to the T4 DPLL has not changed.
Input to the T4 DPLL has lost/gained lock.
Writing 1 resets the input to 0.
[5:0]
Not used.
-
-
Address (hex):
09
Register Name sts_operating
Description
(RO) Current operating state of
the device’s internal state
machine.
Default Value
0100 0001
Bit 7Bit 6
Bit 5Bit 4
Bit 3
Bit 2Bit 1Bit 0
T4_DPLL_Lock
T0_DPLL_freq_
soft_alarm
T4_DPLL_freq_
soft_alarm
T0_DPLL_operating_mode
Bit No.
Description
Bit Value
Value Description
7Not used.
-
-
Address (hex):
08 (cont...)
Register Name sts_interrupts
Description
(R/W) Bits [23:16] of the interrupt
status register.
Default Value
0101 0000
Bit 7Bit 6
Bit 5Bit 4
Bit 3
Bit 2Bit 1Bit 0
T4_status
Bit No.
Description
Bit Value
Value Description


Similar Part No. - ACS8522A

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ACS8522 SEMTECH-ACS8522 Datasheet
1Mb / 118P
   Synchronous Equipment Timing Source for Stratum 3/4E/4 and SMC Systems
logo
IQD Frequency Products ...
ACS8522 IQD-ACS8522 Datasheet
208Kb / 4P
   TCXO Specification
logo
Semtech Corporation
ACS8522BT SEMTECH-ACS8522BT Datasheet
2Mb / 122P
   orderSynchronous Equipment Timing Source for Stratum 3/4E/4, SMC and Ethernet Systems
logo
IQD Frequency Products ...
ACS8522BT IQD-ACS8522BT Datasheet
208Kb / 4P
   TCXO Specification
logo
Semtech Corporation
ACS8522T SEMTECH-ACS8522T Datasheet
1Mb / 118P
   Synchronous Equipment Timing Source for Stratum 3/4E/4 and SMC Systems
More results

Similar Description - ACS8522A

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ACS8522 SEMTECH-ACS8522 Datasheet
1Mb / 118P
   Synchronous Equipment Timing Source for Stratum 3/4E/4 and SMC Systems
ACS8520 SEMTECH-ACS8520 Datasheet
1Mb / 150P
   Synchronous Equipment Timing Source for Stratum 3/4E/4 and SMC Systems
ACS8520 SEMTECH-ACS8520_05 Datasheet
1Mb / 150P
   Synchronous Equipment Timing Source for Stratum 3/4E/4 and SMC Systems
ACS8520A SEMTECH-ACS8520A Datasheet
3Mb / 150P
   Synchronous Equipment Timing Source for Stratum 3/4E/4 and SMC Systems
ACS8522BT SEMTECH-ACS8522BT Datasheet
2Mb / 122P
   orderSynchronous Equipment Timing Source for Stratum 3/4E/4, SMC and Ethernet Systems
ACS8530 SEMTECH-ACS8530 Datasheet
1Mb / 152P
   Synchronous Equipment Timing Source for Stratum 2/3E Systems
logo
Connor-Winfield Corpora...
STC3500 CONNOR-WINFIELD-STC3500 Datasheet
513Kb / 48P
   INTEGRATED - STRATUM 3 TIMING SOURCE
logo
Integrated Device Techn...
82P33714 IDT-82P33714 Datasheet
241Kb / 13P
   Synchronous Equipment Timing Source for Synchronous Ethernet
logo
Renesas Technology Corp
82P33714 RENESAS-82P33714 Datasheet
1Mb / 63P
   Synchronous Equipment Timing Source for Synchronous Ethernet
August 21, 2018
logo
Integrated Device Techn...
82P33731 IDT-82P33731_17 Datasheet
848Kb / 65P
   Synchronous Equipment Timing Source
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com