Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACS8522A Datasheet(PDF) 41 Page - Semtech Corporation

Part # ACS8522A
Description  Synchronous Equipment Timing Source for Stratum 3/4E/4 and SMC Systems
Download  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS8522A Datasheet(HTML) 41 Page - Semtech Corporation

Back Button ACS8522A Datasheet HTML 37Page - Semtech Corporation ACS8522A Datasheet HTML 38Page - Semtech Corporation ACS8522A Datasheet HTML 39Page - Semtech Corporation ACS8522A Datasheet HTML 40Page - Semtech Corporation ACS8522A Datasheet HTML 41Page - Semtech Corporation ACS8522A Datasheet HTML 42Page - Semtech Corporation ACS8522A Datasheet HTML 43Page - Semtech Corporation ACS8522A Datasheet HTML 44Page - Semtech Corporation ACS8522A Datasheet HTML 45Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 118 page
background image
ACS8522A SETS LITE
ADVANCED COMMS & SENSING
FINAL
DATASHEET
Revision 1.00/September 2007 © Semtech Corp.
Page 41
www.semtech.com
Each Register, or register group, is described in the
following Register Map (Table 20) and subsequent
Register Description Tables.
Register Organization
The ACS8522A SETS LITE uses a total of 95 eight-bit
register locations, identified by a Register Name and
corresponding hexadecimal Register Address. They are
presented here in ascending order of Reg. address. and
each Register is organized with the most-significant bit
positioned in the left-most bit, and bit significance
decreasing towards the right-most bit. Some registers
carry several individual data fields of various sizes, from
single-bit values (e.g. flags) upwards. Several data fields
are spread across multiple registers, as shown in the
Register Map, Table 20.Shaded areas in the map are
“don’t care” and writing either 0 or 1 to them will not
affect any function of the device.Bits labelled “Set to 0” or
“Set to 1” must be set as stated during initialization of the
device, either following power- up, or after a power-on
reset (POR). Failure to correctly set these bits may result
in the device operating in an unexpected way.
CAUTION! Do not write to any undefined register
addresses as this may cause the device to operate in a
test mode. If an undefined register has been
inadvertently addressed, the device should be reset to
ensure the undefined registers are at default values.
Multi-word Registers
For multi-word registers (e.g. Reg. 70 and 71), all the
words have to be written to their separate addresses, and
without any other access taking place, before their
combined value can take effect. If the sequence is
interrupted the sequence of writes will be ignored.
Reading a multi-word address freezes the other address
words of a multi-word address so that the bytes all
correspond to the same complete word.
Register Access
Most registers are of one of two types, configuration
registers or status registers, the exceptions being the
chip_id and chip_revision registers. Configuration
registers may be written to or read from at any time (the
complete 8-bit register must be written, even if only one
bit is being modified). All status registers may be read at
any time and, in some status registers (such as the
sts_interrupts register), any individual data field may be
cleared by writing a 1 into each bit of the field (writing a 0
value into a bit will not affect the value of the bit).
Configuration Registers
Each configuration register reverts to a default value on
power-up or following a reset. Most default values are
fixed, but some can be pin-set. All configuration registers
can be read out over the serial port.
Status Registers
The Status Registers contain readable registers. They may
all be read from outside the chip but are not writeable
from outside the chip (except for a clearing operation). All
status registers are read via shadow registers to avoid
data hits due to dynamic operation.
Interrupt Enable and Clear
Interrupt requests are flagged on pin INTREQ; the active
state (High or Low) is programmable and the pin can
either be driven, or set to high impedance when non-
active (Reg 7D refers).
Bits in the interrupt status register are set (High) by the
following conditions;
1. Any reference source becoming valid or going invalid.
2. A change in the operating state (e.g. Locked, Holdover
3. A brief loss of the currently selected reference source.
All interrupt sources, see Reg. 05, Reg. 06 and Reg. 08,
are maskable via the mask register, each one being
enabled by writing a 1 to the appropriate bit. Any
unmasked bit set in the interrupt status register will cause
the interrupt request pin to be asserted.All interrupts are
cleared by writing a 1 to the bit(s) to be cleared in the
status register. When all pending unmasked interrupts
are cleared the interrupt pin will go inactive.
Defaults
Each Register is given a defined default value at reset and
these are listed in the Map and Description Tables.
However, some read-only status registers may not
necessarily show the same default values after reset as
those given in the tables. This is because they reflect the
status of the device which may have changed in the time
it takes to carry out the read, or through reasons of
configuration. In the same way, the default values given
for shaded areas could also take different values to those
stated.
Register Map


Similar Part No. - ACS8522A

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ACS8522 SEMTECH-ACS8522 Datasheet
1Mb / 118P
   Synchronous Equipment Timing Source for Stratum 3/4E/4 and SMC Systems
logo
IQD Frequency Products ...
ACS8522 IQD-ACS8522 Datasheet
208Kb / 4P
   TCXO Specification
logo
Semtech Corporation
ACS8522BT SEMTECH-ACS8522BT Datasheet
2Mb / 122P
   orderSynchronous Equipment Timing Source for Stratum 3/4E/4, SMC and Ethernet Systems
logo
IQD Frequency Products ...
ACS8522BT IQD-ACS8522BT Datasheet
208Kb / 4P
   TCXO Specification
logo
Semtech Corporation
ACS8522T SEMTECH-ACS8522T Datasheet
1Mb / 118P
   Synchronous Equipment Timing Source for Stratum 3/4E/4 and SMC Systems
More results

Similar Description - ACS8522A

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ACS8522 SEMTECH-ACS8522 Datasheet
1Mb / 118P
   Synchronous Equipment Timing Source for Stratum 3/4E/4 and SMC Systems
ACS8520 SEMTECH-ACS8520 Datasheet
1Mb / 150P
   Synchronous Equipment Timing Source for Stratum 3/4E/4 and SMC Systems
ACS8520 SEMTECH-ACS8520_05 Datasheet
1Mb / 150P
   Synchronous Equipment Timing Source for Stratum 3/4E/4 and SMC Systems
ACS8520A SEMTECH-ACS8520A Datasheet
3Mb / 150P
   Synchronous Equipment Timing Source for Stratum 3/4E/4 and SMC Systems
ACS8522BT SEMTECH-ACS8522BT Datasheet
2Mb / 122P
   orderSynchronous Equipment Timing Source for Stratum 3/4E/4, SMC and Ethernet Systems
ACS8530 SEMTECH-ACS8530 Datasheet
1Mb / 152P
   Synchronous Equipment Timing Source for Stratum 2/3E Systems
logo
Connor-Winfield Corpora...
STC3500 CONNOR-WINFIELD-STC3500 Datasheet
513Kb / 48P
   INTEGRATED - STRATUM 3 TIMING SOURCE
logo
Integrated Device Techn...
82P33714 IDT-82P33714 Datasheet
241Kb / 13P
   Synchronous Equipment Timing Source for Synchronous Ethernet
logo
Renesas Technology Corp
82P33714 RENESAS-82P33714 Datasheet
1Mb / 63P
   Synchronous Equipment Timing Source for Synchronous Ethernet
August 21, 2018
logo
Integrated Device Techn...
82P33731 IDT-82P33731_17 Datasheet
848Kb / 65P
   Synchronous Equipment Timing Source
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com