Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACS8520T Datasheet(PDF) 92 Page - Semtech Corporation

Part # ACS8520T
Description  Synchronous Equipment Timing Source for Stratum 3/4E/4 and SMC Systems
Download  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS8520T Datasheet(HTML) 92 Page - Semtech Corporation

Back Button ACS8520T Datasheet HTML 88Page - Semtech Corporation ACS8520T Datasheet HTML 89Page - Semtech Corporation ACS8520T Datasheet HTML 90Page - Semtech Corporation ACS8520T Datasheet HTML 91Page - Semtech Corporation ACS8520T Datasheet HTML 92Page - Semtech Corporation ACS8520T Datasheet HTML 93Page - Semtech Corporation ACS8520T Datasheet HTML 94Page - Semtech Corporation ACS8520T Datasheet HTML 95Page - Semtech Corporation ACS8520T Datasheet HTML 96Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 150 page
background image
ADVANCED COMMUNICATIONS
FINAL
DATASHEET
Revision 3.02/October 2005 © Semtech Corp.
Page 92
www.semtech.com
ACS8520 SETS
Address (hex):
41
Register Name cnfg_DPLL_freq_limit
[7:0]
Description
(R/W) Bits [7:0] of the DPLL
frequency limit register.
Default Value
0111 0110
Bit 7Bit 6
Bit 5Bit 4
Bit 3
Bit 2Bit 1Bit 0
DPLL_freq_limit_value[7:0]
Bit No.
Description
Bit Value
Value Description
[7:0]
DPLL_freq_limit_value[7:0]
This register defines the extent of frequency offset
to which either the T0 or the T4 DPLL will track a
source before limiting- i.e. it represents the pull-in
range of the DPLLs. The offset of the device is
determined by the frequency offset of the DPLL
when compared to the offset of the external crystal
oscillator clocking the device. If the oscillator is
calibrated using cnfg_nominal_frequency Reg. 3C
and 3D, then this calibration is automatically taken
into account. The DPLL frequency limit limits the
offset of the DPLL when compared to the calibrated
oscillator frequency.
-
In order to calculate the frequency limit in ppm,
Bits [1:0] of Reg. 42 and Bits [7:0] of Reg. 41 need
to be concatenated. This value is a unsigned integer
and represents limit both positive and negative in
ppm. The value multiplied by 0.078 will give the
value in ppm.
Address (hex):
42
Register Name cnfg_DPLL_freq_limit
[9:8]
Description
(R/W) Bits [9:8] of the DPLL
frequency limit register.
Default Value
0000 0000
Bit 7Bit 6
Bit 5Bit 4
Bit 3
Bit 2Bit 1Bit 0
DPLL_freq_limit_value[9:8]
Bit No.
Description
Bit Value
Value Description
[7:2]
Not used.
-
-
[1:0]
DPLL_freq_limit_value[9:8]
-
See Reg. 41 (cnfg_DPLL_freq_limit) for details.


Similar Part No. - ACS8520T

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ACS8520 SEMTECH-ACS8520 Datasheet
1Mb / 150P
   Synchronous Equipment Timing Source for Stratum 3/4E/4 and SMC Systems
logo
IQD Frequency Products ...
ACS8520 IQD-ACS8520 Datasheet
208Kb / 4P
   TCXO Specification
logo
Semtech Corporation
ACS8520A SEMTECH-ACS8520A Datasheet
3Mb / 150P
   Synchronous Equipment Timing Source for Stratum 3/4E/4 and SMC Systems
logo
IQD Frequency Products ...
ACS8520A IQD-ACS8520A Datasheet
208Kb / 4P
   TCXO Specification
logo
Semtech Corporation
ACS8520AT SEMTECH-ACS8520AT Datasheet
3Mb / 150P
   Synchronous Equipment Timing Source for Stratum 3/4E/4 and SMC Systems
More results

Similar Description - ACS8520T

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ACS8522A SEMTECH-ACS8522A Datasheet
2Mb / 118P
   Synchronous Equipment Timing Source for Stratum 3/4E/4 and SMC Systems
ACS8522 SEMTECH-ACS8522 Datasheet
1Mb / 118P
   Synchronous Equipment Timing Source for Stratum 3/4E/4 and SMC Systems
ACS8520 SEMTECH-ACS8520 Datasheet
1Mb / 150P
   Synchronous Equipment Timing Source for Stratum 3/4E/4 and SMC Systems
ACS8520A SEMTECH-ACS8520A Datasheet
3Mb / 150P
   Synchronous Equipment Timing Source for Stratum 3/4E/4 and SMC Systems
ACS8522BT SEMTECH-ACS8522BT Datasheet
2Mb / 122P
   orderSynchronous Equipment Timing Source for Stratum 3/4E/4, SMC and Ethernet Systems
ACS8530 SEMTECH-ACS8530 Datasheet
1Mb / 152P
   Synchronous Equipment Timing Source for Stratum 2/3E Systems
logo
Connor-Winfield Corpora...
STC3500 CONNOR-WINFIELD-STC3500 Datasheet
513Kb / 48P
   INTEGRATED - STRATUM 3 TIMING SOURCE
logo
Integrated Device Techn...
82P33714 IDT-82P33714 Datasheet
241Kb / 13P
   Synchronous Equipment Timing Source for Synchronous Ethernet
logo
Renesas Technology Corp
82P33714 RENESAS-82P33714 Datasheet
1Mb / 63P
   Synchronous Equipment Timing Source for Synchronous Ethernet
August 21, 2018
logo
Integrated Device Techn...
82P33731 IDT-82P33731_17 Datasheet
848Kb / 65P
   Synchronous Equipment Timing Source
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com