Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACS8522 Datasheet(PDF) 46 Page - Semtech Corporation

Part # ACS8522
Description  Synchronous Equipment Timing Source for Stratum 3/4E/4 and SMC Systems
Download  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS8522 Datasheet(HTML) 46 Page - Semtech Corporation

Back Button ACS8522 Datasheet HTML 42Page - Semtech Corporation ACS8522 Datasheet HTML 43Page - Semtech Corporation ACS8522 Datasheet HTML 44Page - Semtech Corporation ACS8522 Datasheet HTML 45Page - Semtech Corporation ACS8522 Datasheet HTML 46Page - Semtech Corporation ACS8522 Datasheet HTML 47Page - Semtech Corporation ACS8522 Datasheet HTML 48Page - Semtech Corporation ACS8522 Datasheet HTML 49Page - Semtech Corporation ACS8522 Datasheet HTML 50Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 118 page
background image
ADVANCED COMMUNICATIONS
FINAL
DATASHEET
Revision 5/November 2006 © Semtech Corp.
Page 46
www.semtech.com
ACS8522 SETS LITE
Address (hex):
03
Register Name test_register1
Description
(R/W) Register containing various
test controls (not normally used).
Default Value
0001 0000
Bit 7Bit 6
Bit 5Bit 4
Bit 3
Bit 2Bit 1Bit 0
phase_alarm
disable_180
resync_analog
Set to zero
8k Edge Polarity Set to zero
Set to zero
Bit No.
Description
Bit Value
Value Description
7
phase_alarm (phase alarm (R/O))
Instantaneous result from T0 DPLL
0
1
T0 DPLL reporting phase locked.
T0 DPLL reporting phase lost.
6
disable_180
Normally the DPLL will try to lock to the nearest
edge (±180
°) for the first 2 seconds when locking to
a new reference. If the DPLL does not determine
that it is phase locked after this time, then the
capture range reverts to ±360
°, which corresponds
to frequency and phase locking. Forcing the DPLL
into frequency locking mode may reduce the time to
frequency lock to a new reference by up to 2
seconds. However, this may cause an unnecessary
phase shift of up to 360
° when the new and old
references are very close in frequency and phase.
0
1
T0 DPLL automatically determines frequency lock
enable.
T0 DPLL forced to always frequency and phase lock.
5Not used.
-
-
4
resync_analog (analog dividers re-synchronization)
The analog output dividers include a
synchronization mechanism to ensure phase lock at
low frequencies between the input and the output.
0
1
Analog divider only synchronized during first 2
seconds after power-up.
Analog dividers always synchronized.This keeps the
clocks divided down from the APLL output, in sync
with equivalent frequency digital clocks in the DPLL.
Hence ensuring that 6.48 MHz output clocks, and
above, are in sync with the DPLL even though only a
77.76 MHz clock drives the APLL.
3Test Control
Leave unchanged or set to 0
0-
2
8k Edge Polarity
When lock 8k mode is selected for the current input
reference source, this bit allows the system to lock
on either the rising or the falling edge of the input
clock.
0
1
Lock to falling clock edge.
Lock to rising clock edge.
1Test Control
Leave unchanged or set to zero
0-
0Test Control
Leave unchanged or set to zero
0-


Similar Part No. - ACS8522

ManufacturerPart #DatasheetDescription
logo
IQD Frequency Products ...
ACS8522 IQD-ACS8522 Datasheet
208Kb / 4P
   TCXO Specification
logo
Semtech Corporation
ACS8522A SEMTECH-ACS8522A Datasheet
2Mb / 118P
   Synchronous Equipment Timing Source for Stratum 3/4E/4 and SMC Systems
ACS8522AT SEMTECH-ACS8522AT Datasheet
2Mb / 118P
   Synchronous Equipment Timing Source for Stratum 3/4E/4 and SMC Systems
ACS8522BT SEMTECH-ACS8522BT Datasheet
2Mb / 122P
   orderSynchronous Equipment Timing Source for Stratum 3/4E/4, SMC and Ethernet Systems
logo
IQD Frequency Products ...
ACS8522BT IQD-ACS8522BT Datasheet
208Kb / 4P
   TCXO Specification
More results

Similar Description - ACS8522

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ACS8522A SEMTECH-ACS8522A Datasheet
2Mb / 118P
   Synchronous Equipment Timing Source for Stratum 3/4E/4 and SMC Systems
ACS8520 SEMTECH-ACS8520 Datasheet
1Mb / 150P
   Synchronous Equipment Timing Source for Stratum 3/4E/4 and SMC Systems
ACS8520 SEMTECH-ACS8520_05 Datasheet
1Mb / 150P
   Synchronous Equipment Timing Source for Stratum 3/4E/4 and SMC Systems
ACS8520A SEMTECH-ACS8520A Datasheet
3Mb / 150P
   Synchronous Equipment Timing Source for Stratum 3/4E/4 and SMC Systems
ACS8522BT SEMTECH-ACS8522BT Datasheet
2Mb / 122P
   orderSynchronous Equipment Timing Source for Stratum 3/4E/4, SMC and Ethernet Systems
ACS8530 SEMTECH-ACS8530 Datasheet
1Mb / 152P
   Synchronous Equipment Timing Source for Stratum 2/3E Systems
logo
Connor-Winfield Corpora...
STC3500 CONNOR-WINFIELD-STC3500 Datasheet
513Kb / 48P
   INTEGRATED - STRATUM 3 TIMING SOURCE
logo
Integrated Device Techn...
82P33714 IDT-82P33714 Datasheet
241Kb / 13P
   Synchronous Equipment Timing Source for Synchronous Ethernet
logo
Renesas Technology Corp
82P33714 RENESAS-82P33714 Datasheet
1Mb / 63P
   Synchronous Equipment Timing Source for Synchronous Ethernet
August 21, 2018
logo
Integrated Device Techn...
82P33731 IDT-82P33731_17 Datasheet
848Kb / 65P
   Synchronous Equipment Timing Source
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com