Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACS8520 Datasheet(PDF) 55 Page - Semtech Corporation

Part # ACS8520
Description  Synchronous Equipment Timing Source for Stratum 3/4E/4 and SMC Systems
Download  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS8520 Datasheet(HTML) 55 Page - Semtech Corporation

Back Button ACS8520_05 Datasheet HTML 51Page - Semtech Corporation ACS8520_05 Datasheet HTML 52Page - Semtech Corporation ACS8520_05 Datasheet HTML 53Page - Semtech Corporation ACS8520_05 Datasheet HTML 54Page - Semtech Corporation ACS8520_05 Datasheet HTML 55Page - Semtech Corporation ACS8520_05 Datasheet HTML 56Page - Semtech Corporation ACS8520_05 Datasheet HTML 57Page - Semtech Corporation ACS8520_05 Datasheet HTML 58Page - Semtech Corporation ACS8520_05 Datasheet HTML 59Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 150 page
background image
ADVANCED COMMUNICATIONS
FINAL
DATASHEET
Revision 3.02/October 2005 © Semtech Corp.
Page 55
www.semtech.com
ACS8520 SETS
cnfg_input_mode
(Bit 1 RO, otherwise R/W)
34 C2 auto_extsync_
en
phalarm_
timeout
XO_ edge
man_holdover
extsync_en
ip_sonsdhb
master_slaveb reversion_
mode
cnfg_T4_path (R/W)
35 40 lock_T4_to_T0 T4_dig_
feedback
T4_op_
from_T0
T4_forced_reference_source
cnfg_differential_inputs (R/W)
36 02
I6_PECL
I5_LVDS
cnfg_uPsel_pins (RO)
37 02
Microprocessor type
cnfg_dig_outputs_sonsdh (R/W)
38 1F
dig2_sonsdh
dig1_sonsdh
cnfg_digtial_frequencies (R/W)
39 08
digital2_frequency
digital1_frequency
cnfg_differential_outputs (R/W)
3A C6
T07_PECL_LVDS
T06_LVDS_PECL
cnfg_auto_bw_sel (R/W)
3B FB auto_BW_sel
T0_lim_int
cnfg_nominal_frequency
[7:0] 3C 99
Nominal frequency [7:0]
(R/W)
[15:8] 3D 99
Nominal frequency [15:8]
cnfg_holdover_frequency
[7:0] 3E 00
Holdover frequency [7:0]
(R/W)
[15:8] 3F 00
Holdover frequency [15:8]
cnfg_holdover_modes (R/W)
40 88 auto_
averaging
fast_averaging read_average
mini_holdover_mode
Holdover frequency [18:16]
(with Registers 3E and 3F above)
cnfg_DPLL_freq_limit (R/W) [7:0] 41 76
DPLL frequency offset limit [7:0]
[9:8] 42 00
DPLL frequency offset limit [9:8]
cnfg_interrupt_mask (R/W) [7:0] 43 00 I8 interrupt not
masked
I7 interrupt not
masked
I6 interrupt not
masked
I5 interrupt not
masked
I4 interrupt not
masked
I3 interrupt not
masked
I2 interrupt not
masked
I1 interrupt not
masked
[15:8] 44 00 Operating_
mode interrupt
not masked
Main_ref_
failed interrupt
not masked
I14 interrupt
not masked
I13 interrupt
not masked
I12 interrupt
not masked
I11 interrupt
not masked
I10 interrupt
not masked
I9 interrupt not
masked
[23:16] 45 00 Sync_ip_
alarminterrupt
not masked
T4_status
interrupt not
masked
T4_inputs_
failed interrupt
not masked
AMI2_Viol
interrupt not
masked
AMI2_LOS
interrupt not
masked
AMI1_Viol
interrupt not
masked
AMI1_LOS
interrupt not
masked
cnfg_freq_divn (R/W)
[7:0] 46 FF
divn_value [7:0]
[13:8] 47 3F
divn_value [13:8]
cnfg_monitors (R/W)
48 05 freq_mon_clk
los_flag_
on_ TDO
ultra_fast_
switch
ext_switch
PBO_freeze
PBO_en
freq_monitor_
soft_enable
freq_monitor_
hard_enable
cnfg_freq_mon_threshold (R/W)
49 23
soft_frequency_alarm_threshold [3:0]
hard_frequency_alarm_threshold [3:0]
cnfg_current_freq_mon_
threshold (R/W)
4A 23
current_soft_frequency_alarm_threshold [3:0]
current_hard_frequency_alarm_threshold [3:0]
cnfg_registers_source_select
(R/W)
4B 00
T4_T0_select
frequency_measurement_channel_select [3:0]
sts_freq_measurement (R/W)
4C 00
freq_measurement_value [7:0]
cnfg_DPLL_soft_limit (R/W)
4D 8E Freq limit
Phase loss
enable
DPLL Frequency Soft Alarm Limit [6:0] Resolution = 0.628 ppm
cnfg_upper_threshold_0 (R/W)
50 06
Configuration 0: Activity alarm set threshold [7:0]
cnfg_lower_threshold_0 (R/W)
51 04
Configuration 0: Activity alarm reset threshold [7:0]
cnfg_bucket_size_0 (R/W)
52 08
Configuration 0: Activity alarm bucket size [7:0]
cnfg_decay_rate_0 (R/W)
53 01
Cfg 0:decay_rate [1:0]
cnfg_upper_threshold_1 (R/W)
54 06
Configuration 1: Activity alarm set threshold [7:0]
cnfg_lower_threshold_1 (R/W)
55 04
Configuration 1: Activity alarm reset threshold [7:0]
cnfg_bucket_size_1 (R/W)
56 08
Configuration 1: Activity alarm bucket size [7:0]
cnfg_decay_rate_1 (R/W)
57 01
Cfg 1:decay_rate [1:0]
cnfg_upper_threshold_2 (R/W)
58 06
Configuration 2: Activity alarm set threshold [7:0]
cnfg_lower_threshold_2 (R/W)
59 04
Configuration 2: Activity alarm reset threshold [7:0]
cnfg_bucket_size_2 (R/W)
5A 08
Configuration 2: Activity alarm bucket size [7:0]
cnfg_decay_rate_2 (R/W)
5B 01
Cfg 2:decay_rate [1:0]
cnfg_upper_threshold_3 (R/W)
5C 06
Configuration 3: Activity alarm set threshold [7:0]
cnfg_lower_threshold_3 (R/W)
5D 04
Configuration 3: Activity alarm reset threshold [7:0]
cnfg_bucket_size_3 (R/W)
5E 08
Configuration 3: Activity alarm bucket size [7:0]
cnfg_decay_rate_3 (R/W)
5F 01
Cfg 3:decay_rate [1:0]
Table 30 Register Map (cont...)
Register Name
Data Bit
RO = Read Only
R/W = Read/Write
7 (MSB)
654321
0 (LSB)


Similar Part No. - ACS8520_05

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ACS8520A SEMTECH-ACS8520A Datasheet
3Mb / 150P
   Synchronous Equipment Timing Source for Stratum 3/4E/4 and SMC Systems
logo
IQD Frequency Products ...
ACS8520A IQD-ACS8520A Datasheet
208Kb / 4P
   TCXO Specification
logo
Semtech Corporation
ACS8520AT SEMTECH-ACS8520AT Datasheet
3Mb / 150P
   Synchronous Equipment Timing Source for Stratum 3/4E/4 and SMC Systems
More results

Similar Description - ACS8520_05

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ACS8522A SEMTECH-ACS8522A Datasheet
2Mb / 118P
   Synchronous Equipment Timing Source for Stratum 3/4E/4 and SMC Systems
ACS8522 SEMTECH-ACS8522 Datasheet
1Mb / 118P
   Synchronous Equipment Timing Source for Stratum 3/4E/4 and SMC Systems
ACS8520 SEMTECH-ACS8520 Datasheet
1Mb / 150P
   Synchronous Equipment Timing Source for Stratum 3/4E/4 and SMC Systems
ACS8520A SEMTECH-ACS8520A Datasheet
3Mb / 150P
   Synchronous Equipment Timing Source for Stratum 3/4E/4 and SMC Systems
ACS8522BT SEMTECH-ACS8522BT Datasheet
2Mb / 122P
   orderSynchronous Equipment Timing Source for Stratum 3/4E/4, SMC and Ethernet Systems
ACS8530 SEMTECH-ACS8530 Datasheet
1Mb / 152P
   Synchronous Equipment Timing Source for Stratum 2/3E Systems
logo
Connor-Winfield Corpora...
STC3500 CONNOR-WINFIELD-STC3500 Datasheet
513Kb / 48P
   INTEGRATED - STRATUM 3 TIMING SOURCE
logo
Integrated Device Techn...
82P33714 IDT-82P33714 Datasheet
241Kb / 13P
   Synchronous Equipment Timing Source for Synchronous Ethernet
logo
Renesas Technology Corp
82P33714 RENESAS-82P33714 Datasheet
1Mb / 63P
   Synchronous Equipment Timing Source for Synchronous Ethernet
August 21, 2018
logo
Integrated Device Techn...
82P33731 IDT-82P33731_17 Datasheet
848Kb / 65P
   Synchronous Equipment Timing Source
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com