Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACS8515 Datasheet(PDF) 10 Page - Semtech Corporation

Part # ACS8515
Description  Line Card Protection Switch for SONET or SDH Network Elements
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS8515 Datasheet(HTML) 10 Page - Semtech Corporation

Back Button ACS8515 Datasheet HTML 6Page - Semtech Corporation ACS8515 Datasheet HTML 7Page - Semtech Corporation ACS8515 Datasheet HTML 8Page - Semtech Corporation ACS8515 Datasheet HTML 9Page - Semtech Corporation ACS8515 Datasheet HTML 10Page - Semtech Corporation ACS8515 Datasheet HTML 11Page - Semtech Corporation ACS8515 Datasheet HTML 12Page - Semtech Corporation ACS8515 Datasheet HTML 13Page - Semtech Corporation ACS8515 Datasheet HTML 14Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 50 page
background image
Revision 2.01/December 2005
Semtech Corp.
www.semtech.com
10
ACS8515 Rev2.1 LC/P
ADVANCED COMMUNICATIONS
FINAL
r
e
t
t
i
Jr
e
t
t
i
J
r
e
t
t
i
J
r
e
t
t
i
Jr
e
t
t
i
J
e
c
n
a
r
e
l
o
Te
c
n
a
r
e
l
o
T
e
c
n
a
r
e
l
o
T
e
c
n
a
r
e
l
o
Te
c
n
a
r
e
l
o
T
r
o
t
i
n
o
M
y
c
n
e
u
q
e
r
Fr
o
t
i
n
o
M
y
c
n
e
u
q
e
r
F
r
o
t
i
n
o
M
y
c
n
e
u
q
e
r
F
r
o
t
i
n
o
M
y
c
n
e
u
q
e
r
Fr
o
t
i
n
o
M
y
c
n
e
u
q
e
r
F
e
g
n
a
R
e
c
n
a
t
p
e
c
c
Ae
g
n
a
R
e
c
n
a
t
p
e
c
c
A
e
g
n
a
R
e
c
n
a
t
p
e
c
c
A
e
g
n
a
R
e
c
n
a
t
p
e
c
c
Ae
g
n
a
R
e
c
n
a
t
p
e
c
c
A
y
c
n
e
u
q
e
r
Fy
c
n
e
u
q
e
r
F
y
c
n
e
u
q
e
r
F
y
c
n
e
u
q
e
r
Fy
c
n
e
u
q
e
r
F
e
g
n
a
R
e
c
n
a
t
p
e
c
c
Ae
g
n
a
R
e
c
n
a
t
p
e
c
c
A
e
g
n
a
R
e
c
n
a
t
p
e
c
c
A
e
g
n
a
R
e
c
n
a
t
p
e
c
c
Ae
g
n
a
R
e
c
n
a
t
p
e
c
c
A
)
n
i-
ll
u
P
()
n
i-
ll
u
P
(
)
n
i-
ll
u
P
(
)
n
i-
ll
u
P
()
n
i-
ll
u
P
(
y
c
n
e
u
q
e
r
Fy
c
n
e
u
q
e
r
F
y
c
n
e
u
q
e
r
F
y
c
n
e
u
q
e
r
Fy
c
n
e
u
q
e
r
F
e
c
n
a
t
p
e
c
c
Ae
c
n
a
t
p
e
c
c
A
e
c
n
a
t
p
e
c
c
A
e
c
n
a
t
p
e
c
c
Ae
c
n
a
t
p
e
c
c
A
)
n
i-
d
l
o
H
(
e
g
n
a
R)
n
i-
d
l
o
H
(
e
g
n
a
R
)
n
i-
d
l
o
H
(
e
g
n
a
R
)
n
i-
d
l
o
H
(
e
g
n
a
R)
n
i-
d
l
o
H
(
e
g
n
a
R
y
c
n
e
u
q
e
r
Fy
c
n
e
u
q
e
r
F
y
c
n
e
u
q
e
r
F
y
c
n
e
u
q
e
r
Fy
c
n
e
u
q
e
r
F
e
g
n
a
R
e
c
n
a
t
p
e
c
c
Ae
g
n
a
R
e
c
n
a
t
p
e
c
c
A
e
g
n
a
R
e
c
n
a
t
p
e
c
c
A
e
g
n
a
R
e
c
n
a
t
p
e
c
c
Ae
g
n
a
R
e
c
n
a
t
p
e
c
c
A
)
t
u
o
-l
l
u
P
()
t
u
o
-l
l
u
P
(
)
t
u
o
-l
l
u
P
(
)
t
u
o
-l
l
u
P
()
t
u
o
-l
l
u
P
(
3
0
7
.
G
m
p
p
6
.
6
1
-
/
+
m
p
p
6
.
4
-
/
+
)
1
e
t
o
N
e
e
s
(
m
p
p
2
.
9
-
/
+
)
2
e
t
o
N
e
e
s
(
m
p
p
6
.
4
-
/
+
)
1
e
t
o
N
e
e
s
(
m
p
p
2
.
9
-
/
+
)
2
e
t
o
N
e
e
s
(
m
p
p
6
.
4
-
/
+
)
1
e
t
o
N
e
e
s
(
m
p
p
2
.
9
-
/
+
)
2
e
t
o
N
e
e
s
(
3
8
7
.
G
3
2
8
.
G
E
R
O
C
-
4
4
2
1
-
R
G
PECL and LVDS ports support the spot clock
frequencies listed above plus 155.52 MHz. The
choice of PECL or LVDS compatibility is
programmed via the cnfg_differential_inputs
register.
Unused PECL/LVDS differential inputs should
be fixed with one input high (VDD) and the other
input low (GND), or set in LVDS mode and left
floating, in which case one input is internally
pulled high and the other low.
Input Wander and Jitter Tolerance
Input Wander and Jitter Tolerance
Input Wander and Jitter Tolerance
Input Wander and Jitter Tolerance
Input Wander and Jitter Tolerance
The ACS8515 is compliant to the requirements
of all relevant standards, principally ITU
Recommendation G.825, ANSI DS1.101-1994
and ETS 300 462-5 (1997).
All reference clock inputs have a tight frequency
tolerance but a generous jitter tolerance. Pull-
in, hold-in and pull-out ranges are specified for
each input port in Table 5. Minimum jitter
tolerance masks are specified in Figures 3 and
4, and Tables 6 and 7, respectively. The
ACS8515 will tolerate wander and jitter
components greater than those shown in Figure
3 and Figure 4, up to a limit determined by a
combination of the apparent long-term
frequency offset caused by wander and the
eye-closure caused by jitter (the input source
will be rejected if the offset pushes the
frequency outside the hold-in range for long
enough to be detected, whilst the signal will
also be rejected if the eye closes sufficiently to
affect the signal purity). The ‘8klocking’ mode
should be engaged for high jitter tolerance
according to these masks.
All reference clock ports are monitored for
quality, including frequency offset and general
activity. Single short-term interruptions in
selected reference clocks may not cause
rearrangements, whilst longer interruptions, or
multiple, short-term interruptions, will cause
rearrangements, as will frequency offsets which
are sufficiently large or sufficiently long to cause
loss-of-lock in the phase-locked loop. The failed
reference source will be removed from the
priority table and declared as unserviceable,
until its perceived quality has been restored to
an acceptable level.
Notes for Table 5.
Notes for Table 5.
Notes for Table 5.
Notes for Table 5.
Notes for Table 5.
Note 1. The frequency acceptance and generation range will be +/-4.6 ppm around the required frequency when the
external crystal frequency accuracy is within a tolerance of +/- 4.6 ppm.
Note 2. The default acceptance range and generation range is +/- 9.2 ppm with an exact external crystal frequency
of 12.8 MHz. This range is also programmable from 0 to 80 ppm in 0.08 ppm steps.
Table 5. Input Reference Source Jitter Tolerance
Table 5. Input Reference Source Jitter Tolerance
Table 5. Input Reference Source Jitter Tolerance
Table 5. Input Reference Source Jitter Tolerance
Table 5. Input Reference Source Jitter Tolerance


Similar Part No. - ACS8515

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ACS8515 SEMTECH-ACS8515 Datasheet
597Kb / 47P
   Line Card Protection Switch for SONET or SDH Network Elements
logo
IQD Frequency Products ...
ACS8515 IQD-ACS8515 Datasheet
208Kb / 4P
   TCXO Specification
logo
Semtech Corporation
ACS8515LC SEMTECH-ACS8515LC Datasheet
597Kb / 47P
   Line Card Protection Switch for SONET or SDH Network Elements
ACS8515P SEMTECH-ACS8515P Datasheet
597Kb / 47P
   Line Card Protection Switch for SONET or SDH Network Elements
More results

Similar Description - ACS8515

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ACS8515LC SEMTECH-ACS8515LC Datasheet
597Kb / 47P
   Line Card Protection Switch for SONET or SDH Network Elements
ACS8526 SEMTECH-ACS8526 Datasheet
805Kb / 74P
   Line Card Protection Switch for PDH, SONET or SDH Systems
ACS8527 SEMTECH-ACS8527 Datasheet
433Kb / 22P
   Line Card Protection Switch for PDH, SONET or SDH Systems
ACS8510 SEMTECH-ACS8510 Datasheet
751Kb / 69P
   Synchronous Equipment Timing Source for SONET or SDH Network Elements
ACS8510 SEMTECH-ACS8510_03 Datasheet
788Kb / 76P
   Synchronous Equipment Timing Source for SONET or SDH Network Elements
ACS8509 SEMTECH-ACS8509 Datasheet
708Kb / 68P
   Synchronous Equipment Timing Source for SONET or SDH Network Elements
ACS8525 SEMTECH-ACS8525 Datasheet
1Mb / 112P
   Line Card Protection Switch for SONET/SDH Systems
ACS8525A SEMTECH-ACS8525A Datasheet
2Mb / 112P
   Line Card Protection Switch for SONET/SDH Systems
ACS8595 SEMTECH-ACS8595 Datasheet
164Kb / 12P
   Line Card Protection Switch for SONET/SDH AdvancedTCA Systems
logo
Zarlink Semiconductor I...
ZL30407 ZARLINK-ZL30407 Datasheet
843Kb / 57P
   SONET/SDH Network Element PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com