Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACS8515 Datasheet(PDF) 46 Page - Semtech Corporation

Part # ACS8515
Description  Line Card Protection Switch for SONET or SDH Network Elements
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS8515 Datasheet(HTML) 46 Page - Semtech Corporation

Back Button ACS8515 Datasheet HTML 42Page - Semtech Corporation ACS8515 Datasheet HTML 43Page - Semtech Corporation ACS8515 Datasheet HTML 44Page - Semtech Corporation ACS8515 Datasheet HTML 45Page - Semtech Corporation ACS8515 Datasheet HTML 46Page - Semtech Corporation ACS8515 Datasheet HTML 47Page - Semtech Corporation ACS8515 Datasheet HTML 48Page - Semtech Corporation ACS8515 Datasheet HTML 49Page - Semtech Corporation ACS8515 Datasheet HTML 50Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 46 / 50 page
background image
Revision 2.01/December 2005
Semtech Corp.
www.semtech.com
46
ACS8515 Rev2.1 LC/P
ADVANCED COMMUNICATIONS
FINAL
Package Information
Package Information
Package Information
Package Information
Package Information
E
D
A
A2
A1
b
e
b1
b
c
L
L1
AN2
S
AN1
AA
Seating plane
1
2
3
4
5
6
D1
E1
1
1
2
3
7
7
7
Notes
1
2
3
4
5
6
7
8
R1
B
The top package body may be smaller than the bottom package body by as much as 0.15 mm.
To be determined at seating plane.
Dimensions D1 and E1 do not include mold protrusion. Allowable protrusion is 0.25 mm per side.
D1 and E1 are maximum plastic body size dimensions including mold mismatch.
Details of pin 1 identifier are optional but will be located within the zone indicated.
Exact shape of corners can vary.
A1 is defined as the distance from the seating plane to the lowest point of the package body.
These dimensions apply to the flat section of the lead between 0.10 mm and 0.25 mm from the lead
Shows plating.
1 2 3
Figure 16. LQFP Package
Figure 16. LQFP Package
Figure 16. LQFP Package
Figure 16. LQFP Package
Figure 16. LQFP Package


Similar Part No. - ACS8515

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ACS8515 SEMTECH-ACS8515 Datasheet
597Kb / 47P
   Line Card Protection Switch for SONET or SDH Network Elements
logo
IQD Frequency Products ...
ACS8515 IQD-ACS8515 Datasheet
208Kb / 4P
   TCXO Specification
logo
Semtech Corporation
ACS8515LC SEMTECH-ACS8515LC Datasheet
597Kb / 47P
   Line Card Protection Switch for SONET or SDH Network Elements
ACS8515P SEMTECH-ACS8515P Datasheet
597Kb / 47P
   Line Card Protection Switch for SONET or SDH Network Elements
More results

Similar Description - ACS8515

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ACS8515LC SEMTECH-ACS8515LC Datasheet
597Kb / 47P
   Line Card Protection Switch for SONET or SDH Network Elements
ACS8526 SEMTECH-ACS8526 Datasheet
805Kb / 74P
   Line Card Protection Switch for PDH, SONET or SDH Systems
ACS8527 SEMTECH-ACS8527 Datasheet
433Kb / 22P
   Line Card Protection Switch for PDH, SONET or SDH Systems
ACS8510 SEMTECH-ACS8510 Datasheet
751Kb / 69P
   Synchronous Equipment Timing Source for SONET or SDH Network Elements
ACS8510 SEMTECH-ACS8510_03 Datasheet
788Kb / 76P
   Synchronous Equipment Timing Source for SONET or SDH Network Elements
ACS8509 SEMTECH-ACS8509 Datasheet
708Kb / 68P
   Synchronous Equipment Timing Source for SONET or SDH Network Elements
ACS8525 SEMTECH-ACS8525 Datasheet
1Mb / 112P
   Line Card Protection Switch for SONET/SDH Systems
ACS8525A SEMTECH-ACS8525A Datasheet
2Mb / 112P
   Line Card Protection Switch for SONET/SDH Systems
ACS8595 SEMTECH-ACS8595 Datasheet
164Kb / 12P
   Line Card Protection Switch for SONET/SDH AdvancedTCA Systems
logo
Zarlink Semiconductor I...
ZL30407 ZARLINK-ZL30407 Datasheet
843Kb / 57P
   SONET/SDH Network Element PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com