Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACS8514 Datasheet(PDF) 72 Page - Semtech Corporation

Part # ACS8514
Description  Synchronous Equipment Timing Source Partner IC for 2nd T4 DPLL, Accurate Monitoring & Input Extender
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS8514 Datasheet(HTML) 72 Page - Semtech Corporation

Back Button ACS8514 Datasheet HTML 68Page - Semtech Corporation ACS8514 Datasheet HTML 69Page - Semtech Corporation ACS8514 Datasheet HTML 70Page - Semtech Corporation ACS8514 Datasheet HTML 71Page - Semtech Corporation ACS8514 Datasheet HTML 72Page - Semtech Corporation ACS8514 Datasheet HTML 73Page - Semtech Corporation ACS8514 Datasheet HTML 74Page - Semtech Corporation ACS8514 Datasheet HTML 75Page - Semtech Corporation ACS8514 Datasheet HTML 76Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 86 page
background image
Revision 3.00 April 2007 © Semtech Corp.
Page 72
www.semtech.com
ACS8514 SETS Buddy
ADVANCED COMMS & SENSING
FINAL
DATASHEET
Address(hex): 7F
Register Name cnfg_uPsel
Description
(R/W)* Register reflecting the
value on the UPSEL device pins
following reset, and writeable in
EPROM mode.
Default Value
0000 0000**
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
upsel_value
Bit No.
Description
Bit Value
Value Description
[7:3]
Not used.
-
-
[2:0]
upsel_value
This register defaults to reflecting the value present
on the UPSEL pins of the device at reset. At reset this
is used to set the mode of the microprocessor
interface. Following power-up, these pins have no
further effect on the microprocessor interface.
*In order that the device can be "booted" from an
EPROM and subsequently communicate with a
processor, this register is programmable in EPROM
mode. The value programmed in location 7F of the
EPROM will be the value loaded into this register.
**The default of this register is entirely dependent on
the value of the pins at reset.
000
001
010
011
100
101
110
111
(value at reset)
Not used.
Interface in EPROM boot mode.
Interface in Multiplexed mode.
Interface in Intel mode.
Interface in Motorola mode.
Interface in Serial mode.
Not used.
Not used.
All not mentioned addresses should not be written to.


Similar Part No. - ACS8514

ManufacturerPart #DatasheetDescription
logo
IQD Frequency Products ...
ACS8514 IQD-ACS8514 Datasheet
208Kb / 4P
   TCXO Specification
More results

Similar Description - ACS8514

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
82P33714 IDT-82P33714 Datasheet
241Kb / 13P
   Synchronous Equipment Timing Source for Synchronous Ethernet
logo
Renesas Technology Corp
82P33714 RENESAS-82P33714 Datasheet
1Mb / 63P
   Synchronous Equipment Timing Source for Synchronous Ethernet
August 21, 2018
logo
Integrated Device Techn...
82P33731 IDT-82P33731_17 Datasheet
848Kb / 65P
   Synchronous Equipment Timing Source
82P33714 IDT-82P33714_17 Datasheet
878Kb / 64P
   Synchronous Equipment Timing Source for Synchronous Ethernet
82P33714 IDT-82P33714_18 Datasheet
1Mb / 63P
   Synchronous Equipment Timing Source
82P33731 IDT-82P33731 Datasheet
343Kb / 12P
   Synchronous Equipment Timing Source for 10G/ 40G Synchronous Ethernet
logo
Renesas Technology Corp
82P33731 RENESAS-82P33731 Datasheet
1Mb / 66P
   Synchronous Equipment Timing Source for 10G/40G/100G Synchronous Ethernet
August 28, 2017
logo
Integrated Device Techn...
82P33731 IDT-82P33731_16 Datasheet
886Kb / 68P
   Synchronous Equipment Timing Source for 10G/ 40G/ 100G Synchronous Ethernet
logo
Semtech Corporation
ACS8530 SEMTECH-ACS8530 Datasheet
1Mb / 152P
   Synchronous Equipment Timing Source for Stratum 2/3E Systems
ACS8509 SEMTECH-ACS8509 Datasheet
708Kb / 68P
   Synchronous Equipment Timing Source for SONET or SDH Network Elements
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com