Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACS8509 Datasheet(PDF) 27 Page - Semtech Corporation

Part # ACS8509
Description  Synchronous Equipment Timing Source for SONET or SDH Network Elements
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS8509 Datasheet(HTML) 27 Page - Semtech Corporation

Back Button ACS8509 Datasheet HTML 23Page - Semtech Corporation ACS8509 Datasheet HTML 24Page - Semtech Corporation ACS8509 Datasheet HTML 25Page - Semtech Corporation ACS8509 Datasheet HTML 26Page - Semtech Corporation ACS8509 Datasheet HTML 27Page - Semtech Corporation ACS8509 Datasheet HTML 28Page - Semtech Corporation ACS8509 Datasheet HTML 29Page - Semtech Corporation ACS8509 Datasheet HTML 30Page - Semtech Corporation ACS8509 Datasheet HTML 31Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 68 page
background image
ADVANCED COMMUNICATIONS
FINAL
DATASHEET
Revision 2.00/January 2006 © Semtech Corp.
Page 27
www.semtech.com
ACS8509 SETS
cnfg_ref_source_
frequency
This register is used to set up each of the 4 input reference sources.
Bits (7:6) of each byte defines the operation undertaken on the input frequency, in
accordance with the following key:
00
The input frequency is fed directly into the DPLL. (default).
01
The input frequency is internally divided down to 8 kHz, before being fed into
the DPLL. (For high jitter tolerance).
10
Unsupported configuration - do not use.
11
Uses the division coefficient stored in registers 46 and 47 (cnfg_freq_divn) to
divide the input by this value prior to being fed into the DPLL. The frequency
monitors must be disabled. The divided down frequency should equal 8 kHz.
The frequency (3:0) should be set to the nearest spot frequency just below the
actual input frequency. The DivN feature works for input frequencies between
1.544 MHz and 100 MHz.
Bits (5:4) define which leaky bucket group (0-3) is used, as defined in registers 50 to
5F. (default 00).
Bits (3:0) defines the frequency of the reference source in accordance with the
following:
0000 8 kHz,
0001 1.544 MHz (SONET)/2.048 MHz (SDH) (as defined by register 34, bit 2)
(default SEC4),
0010 6.48 MHz (default <SEC3> when MSTSLVB = 1),
0011 19.44 MHz (default <SEC3> when MSTSLVB=0, and <SEC1> <SEC2>),
0100 25.92 MHz,
0101 38.88 MHz,
0110 51.84 MHz,
0111 77.76 MHz,
1000 155.52 MHz,
1001 2 kHz,
1010 4 kHz.
26
Frequency of reference source <SEC1>.
00000011
27
Frequency of reference source <SEC2>.
00000011
2A
Frequency of reference source <SEC3>.
00000010
(MSTSLVB=0)
00000011
(MSTSLVB=1)
2C
Frequency of reference source <SEC4>.
00000001
Table 14 Register Description (cont...)
Addr.
(Hex)
Register Name
Description
Default Value (Bin)


Similar Part No. - ACS8509

ManufacturerPart #DatasheetDescription
logo
IQD Frequency Products ...
ACS8509 IQD-ACS8509 Datasheet
208Kb / 4P
   TCXO Specification
More results

Similar Description - ACS8509

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ACS8510 SEMTECH-ACS8510 Datasheet
751Kb / 69P
   Synchronous Equipment Timing Source for SONET or SDH Network Elements
ACS8510 SEMTECH-ACS8510_03 Datasheet
788Kb / 76P
   Synchronous Equipment Timing Source for SONET or SDH Network Elements
ACS8515LC SEMTECH-ACS8515LC Datasheet
597Kb / 47P
   Line Card Protection Switch for SONET or SDH Network Elements
ACS8515 SEMTECH-ACS8515 Datasheet
454Kb / 50P
   Line Card Protection Switch for SONET or SDH Network Elements
logo
Integrated Device Techn...
82P33714 IDT-82P33714 Datasheet
241Kb / 13P
   Synchronous Equipment Timing Source for Synchronous Ethernet
logo
Renesas Technology Corp
82P33714 RENESAS-82P33714 Datasheet
1Mb / 63P
   Synchronous Equipment Timing Source for Synchronous Ethernet
August 21, 2018
logo
Integrated Device Techn...
82P33731 IDT-82P33731_17 Datasheet
848Kb / 65P
   Synchronous Equipment Timing Source
82P33714 IDT-82P33714_17 Datasheet
878Kb / 64P
   Synchronous Equipment Timing Source for Synchronous Ethernet
82P33714 IDT-82P33714_18 Datasheet
1Mb / 63P
   Synchronous Equipment Timing Source
82P33731 IDT-82P33731 Datasheet
343Kb / 12P
   Synchronous Equipment Timing Source for 10G/ 40G Synchronous Ethernet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com