Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACS8509 Datasheet(PDF) 23 Page - Semtech Corporation

Part # ACS8509
Description  Synchronous Equipment Timing Source for SONET or SDH Network Elements
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS8509 Datasheet(HTML) 23 Page - Semtech Corporation

Back Button ACS8509 Datasheet HTML 19Page - Semtech Corporation ACS8509 Datasheet HTML 20Page - Semtech Corporation ACS8509 Datasheet HTML 21Page - Semtech Corporation ACS8509 Datasheet HTML 22Page - Semtech Corporation ACS8509 Datasheet HTML 23Page - Semtech Corporation ACS8509 Datasheet HTML 24Page - Semtech Corporation ACS8509 Datasheet HTML 25Page - Semtech Corporation ACS8509 Datasheet HTML 26Page - Semtech Corporation ACS8509 Datasheet HTML 27Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 68 page
background image
ADVANCED COMMUNICATIONS
FINAL
DATASHEET
Revision 2.00/January 2006 © Semtech Corp.
Page 23
www.semtech.com
ACS8509 SETS
Register Map Description
Table 14 Register Description
Addr.
(Hex)
Register Name
Description
Default Value (Bin)
chip_id
This register contains the chip ID.
00
Bits (7:0) Chip ID bits (7:0).
00111110
01
Bits (7:0) Chip ID bits (15:8).
00100001
02
chip_revision
This read only register contains the chip revision number.
This revision = 1
Last revision (engineering samples) = 0.
00000001
03
cnfg_control1
Bits (7:6) Unused.
Bit 5
=1 32/24 MHz to APLL: Feeds 2x Dig2 frequency to the APLL instead of the normal
77.76 MHz. Thus the normal OC-3/STM1 outputs are replaced with multiple E1/T1
rates. Note: Dig2 set bits (Reg. 39h Bits (7:6)) must be set to 11 for this mode.
=0 77.76MHz to APLL.
Bit 4
=1 Synchronizes the dividers in the output APLL section to the dividers in the DPLL
section such that their phases align. This is necessary in order to have phase
alignment between inputs and output clocks at OC-3 derived rates (6.48 MHz to
77.76 MHz). Keeping this bit high may be necessary to avoid the dividers getting out
of synchronization when quick changes in frequency occur such as a force into
Free-run.
=0 The dividers may get out of phase following step changes in frequency, but in this
mode the correct number of high frequency edges is guaranteed within any
synchronization period. The output will frequency lock (default).
The device will always remain in synchronization 2 seconds from a reset, before the
default setting applies.
Bit 3
Test control - leave unchanged, or set to 0.
Bit 2
=1 When in 8k locking mode the system will lock to the rising input clock edge.
=0 When in 8k locking mode the system will lock to the falling input clock edge.
Bits (1:0) Test controls - leave unchanged, or set to 00.
XX000000
04
cnfg_control2
Bits (7:6) Unused.
Bits (5:3) define the phase loss flag limit. By default set to 4 (100) which corresponds
to approximately 140°. A lower value sets a corresponding lower phase limit. The flag
limit determines the value at which the DPLL indicates phase lost as a result of input
jitter, a phase jump, or a frequency jump on the input.
Bits (2:0) Test controls - leave unchanged, or set to 010.
XX100010


Similar Part No. - ACS8509

ManufacturerPart #DatasheetDescription
logo
IQD Frequency Products ...
ACS8509 IQD-ACS8509 Datasheet
208Kb / 4P
   TCXO Specification
More results

Similar Description - ACS8509

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ACS8510 SEMTECH-ACS8510 Datasheet
751Kb / 69P
   Synchronous Equipment Timing Source for SONET or SDH Network Elements
ACS8510 SEMTECH-ACS8510_03 Datasheet
788Kb / 76P
   Synchronous Equipment Timing Source for SONET or SDH Network Elements
ACS8515LC SEMTECH-ACS8515LC Datasheet
597Kb / 47P
   Line Card Protection Switch for SONET or SDH Network Elements
ACS8515 SEMTECH-ACS8515 Datasheet
454Kb / 50P
   Line Card Protection Switch for SONET or SDH Network Elements
logo
Integrated Device Techn...
82P33714 IDT-82P33714 Datasheet
241Kb / 13P
   Synchronous Equipment Timing Source for Synchronous Ethernet
logo
Renesas Technology Corp
82P33714 RENESAS-82P33714 Datasheet
1Mb / 63P
   Synchronous Equipment Timing Source for Synchronous Ethernet
August 21, 2018
logo
Integrated Device Techn...
82P33731 IDT-82P33731_17 Datasheet
848Kb / 65P
   Synchronous Equipment Timing Source
82P33714 IDT-82P33714_17 Datasheet
878Kb / 64P
   Synchronous Equipment Timing Source for Synchronous Ethernet
82P33714 IDT-82P33714_18 Datasheet
1Mb / 63P
   Synchronous Equipment Timing Source
82P33731 IDT-82P33731 Datasheet
343Kb / 12P
   Synchronous Equipment Timing Source for 10G/ 40G Synchronous Ethernet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com