Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACS8509 Datasheet(PDF) 55 Page - Semtech Corporation

Part # ACS8509
Description  Synchronous Equipment Timing Source for SONET or SDH Network Elements
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS8509 Datasheet(HTML) 55 Page - Semtech Corporation

Back Button ACS8509 Datasheet HTML 51Page - Semtech Corporation ACS8509 Datasheet HTML 52Page - Semtech Corporation ACS8509 Datasheet HTML 53Page - Semtech Corporation ACS8509 Datasheet HTML 54Page - Semtech Corporation ACS8509 Datasheet HTML 55Page - Semtech Corporation ACS8509 Datasheet HTML 56Page - Semtech Corporation ACS8509 Datasheet HTML 57Page - Semtech Corporation ACS8509 Datasheet HTML 58Page - Semtech Corporation ACS8509 Datasheet HTML 59Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 68 page
background image
ADVANCED COMMUNICATIONS
FINAL
DATASHEET
Revision 2.00/January 2006 © Semtech Corp.
Page 55
www.semtech.com
ACS8509 SETS
Intel Mode
In Intel mode, the device is configured to interface with a microprocessor using a 80x86 type bus as parallel data +
address. Figure 17 and Figure 18 show the timing diagrams of read and write accesses for this mode.
Figure 17 Read Access Timing in INTEL Mode
Note: (i) Timing with RDY. If RDY not used, tpw1 becomes 180 ns.
Table 34 Read Access Timing in INTEL Mode (for use with Figure 17)
Symbol
Parameter
MIN
TYP
MAX
tsu1
Setup A valid to CSBfalling edge
0 ns
-
-
tsu2
Setup CSBfalling edge to RDBfalling edge
0 ns
-
-
td1
Delay RDBfalling edge to AD valid
-
-
177 ns
td2
Delay CSBfalling edge to RDY active
-
-
13 ns
td3
Delay RDBfalling edge to RDYfalling edge
--
14 ns
td4
Delay RDBrising edge to AD high-Z
-
-
10 ns
td5
Delay CSBrising edge to RDY high-Z
-
-
9 ns
tpw1
RDB Low time
486 ns(i)
--
tpw2
RDY Low time
310 ns
-
472 ns
th1
Hold A valid after RDBrising edge
0 ns
-
-
th2
Hold CSB Low after RDBrising edge
0 ns
-
-
th3
Hold RDB Low after RDYrising edge
0 ns
-
-
tp
Time between consecutive accesses (RDBrising edge to RDBfalling edge,
or RDBrising edge to WRBfalling edge)
320 ns
-
-
F8110D_009ReadAccIntel_01
CSB
address
Z
Z
data
WRB
RDB
tpw1
th2
th1
tsu2
A
tsu1
td3
tpw2
th3
AD
td1
td4
RDY
td2
td5


Similar Part No. - ACS8509

ManufacturerPart #DatasheetDescription
logo
IQD Frequency Products ...
ACS8509 IQD-ACS8509 Datasheet
208Kb / 4P
   TCXO Specification
More results

Similar Description - ACS8509

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ACS8510 SEMTECH-ACS8510 Datasheet
751Kb / 69P
   Synchronous Equipment Timing Source for SONET or SDH Network Elements
ACS8510 SEMTECH-ACS8510_03 Datasheet
788Kb / 76P
   Synchronous Equipment Timing Source for SONET or SDH Network Elements
ACS8515LC SEMTECH-ACS8515LC Datasheet
597Kb / 47P
   Line Card Protection Switch for SONET or SDH Network Elements
ACS8515 SEMTECH-ACS8515 Datasheet
454Kb / 50P
   Line Card Protection Switch for SONET or SDH Network Elements
logo
Integrated Device Techn...
82P33714 IDT-82P33714 Datasheet
241Kb / 13P
   Synchronous Equipment Timing Source for Synchronous Ethernet
logo
Renesas Technology Corp
82P33714 RENESAS-82P33714 Datasheet
1Mb / 63P
   Synchronous Equipment Timing Source for Synchronous Ethernet
August 21, 2018
logo
Integrated Device Techn...
82P33731 IDT-82P33731_17 Datasheet
848Kb / 65P
   Synchronous Equipment Timing Source
82P33714 IDT-82P33714_17 Datasheet
878Kb / 64P
   Synchronous Equipment Timing Source for Synchronous Ethernet
82P33714 IDT-82P33714_18 Datasheet
1Mb / 63P
   Synchronous Equipment Timing Source
82P33731 IDT-82P33731 Datasheet
343Kb / 12P
   Synchronous Equipment Timing Source for 10G/ 40G Synchronous Ethernet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com