Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ATA6660 Datasheet(PDF) 6 Page - ATMEL Corporation

Part No. ATA6660
Description  High-speed Can Transceiver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6660 Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button ATA6660 Datasheet HTML 2Page - ATMEL Corporation ATA6660 Datasheet HTML 3Page - ATMEL Corporation ATA6660 Datasheet HTML 4Page - ATMEL Corporation ATA6660 Datasheet HTML 5Page - ATMEL Corporation ATA6660 Datasheet HTML 6Page - ATMEL Corporation ATA6660 Datasheet HTML 7Page - ATMEL Corporation ATA6660 Datasheet HTML 8Page - ATMEL Corporation ATA6660 Datasheet HTML 9Page - ATMEL Corporation ATA6660 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
4582E–AUTO–02/08
ATA6660
8.
Electrical Characteristics
V
CC = 4.75V to 5.25V; Tamb = –40°C to +125°C; RBus = 60Ω; unless otherwise specified.
All voltages referenced to ground (pin 2); positive input current.
No.
Parameters
Test Conditions
Pin
Symbol
Min.
Typ.
Max.
Unit
Type*
1
Supply Current
1.1
Supply current
dominant
VTXD = 0V
V
RS = 0V
3I
vcc_dom
45
60
mA
A
1.2
Supply current
recessive
V
TXD = 5V
V
RS = 0V
3Ivcc_rec
10
15
mA
A
1.3
Supply current standby V
RS = 5V
3
I
vcc_stby
600
980
µA
A
2
Transmitter Data Input TXD
2.1
HIGH level input
voltage
V
TXD = 5V
VRS = 0V
1V
TXDH
2V
CC + 0.3
V
A
2.2
LOW level input voltage
VTXD = 0V
V
RS = 0V
1V
TXDL
–0.3
+1
V
A
2.3
HIGH level input current V
TXD = VCC
1I
IH
–1
0
µA
A
2.4
LOW level input voltage V
TXD = 0V
1
I
IL
–500
-50
µA
A
3
Receiver Data Output RXD
3.1
High level output
voltage
IRXD = –100 µA
4
VRXDH
0.8
× V
CC
VCC
VA
3.2
Low level output voltage I
RXD = 1 mA
4
V
RXDL
00.2
× V
CC
VA
3.3
Short current at RXD
V
TXD = 5V
VRXD = 0V
4I
RXDs1
–3
-1
mA
A
3.4
Short current at RXD
VTXD = 0V
V
RXD = 5V
4IRXDs2
26
mA
A
4
Reference Output Voltage VREF
4.1
Reference output
voltage Normal Mode
VRS = 0V;
–50 µA < I5 < 50 µA
5Vref_no
0.45 VCC
0.55 VCC
VA
4.2
Reference output
voltage Standby Mode
VRS = 5 V;
–5 µA < I5 < 5 µA
5V
ref_stby
0.4
× V
CC
0.6 V
CC
VA
5
DC Bus Transmitter CANH; CANL
5.1
Recessive bus voltage
VTXD = VCC; no load
6, 7
VCANH;
V
CANL
2.0
2.5
3.0
V
A
5.2
IO(CANH)(reces)
I
O(CANL)(reces)
–40V < V
CANH;
VCANL < 40V;
0V < VCC < 5.25V
6, 7
IO_reces
–5
+5
mA
A
5.3
CANH output voltage
dominant
VTXD = 0V
6, 7
VCANH
2.8
3.5
4.5
V
A
5.4
CANL output voltage
dominant
VTXD = 0V
6, 7
VCANL
0.5
1.5
2.0
V
A
*) Type means: A = 100% tested, B = 100% correlation tested, C = Characterized on samples, D = Design parameter


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
33989 System Basis Chip with High-Speed CAN Transceiver 1  2  3  4  5  More Freescale Semiconductor, Inc
33742 System Basis Chip SBC with Enhanced High-Speed CAN Transceiver 1  2  3  4  5  More Freescale Semiconductor, Inc
MAX13041 ±80V Fault-Protected High-Speed CAN Transceiver with Low-Power Management and Wake-On CAN 1  2  3  4  5  More Maxim Integrated Products
AMIS-42670 High-Speed CAN Transceiver 1  2  3  4  5  More AMI SEMICONDUCTOR
MCP2551_07 High-Speed CAN Transceiver 1  2  3  4  5  More Microchip Technology
AMIS-42671 High-Speed CAN Transceiver 1  2  3  4  5  More AMI SEMICONDUCTOR
TJA1041A High-speed CAN transceiver 1  2  3  4  5  More NXP Semiconductors
ATA6660_06 High-speed Can Transceiver 1  2  3  4  5  More ATMEL Corporation
AMIS-42675 High-Speed Low Power CAN Transceiver 1  2  3  4  5  More AMI SEMICONDUCTOR
AMIS-42665 High-Speed Low Power CAN Transceiver 1  2  3  4  5  More AMI SEMICONDUCTOR

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn