Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N3646 Datasheet(PDF) 2 Page - Semtech Corporation

Part # 1N3646
Description  RECTIFIER, up to 3kV, 600mA, 2.5關s
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

1N3646 Datasheet(HTML) 2 Page - Semtech Corporation

  1N3646 Datasheet HTML 1Page - Semtech Corporation 1N3646 Datasheet HTML 2Page - Semtech Corporation 1N3646 Datasheet HTML 3Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
© 1997 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
RECTIFIER, up to 3kV, 600mA,
2.5µs
1N3645
SM20
1N3646
SM25
1N3647
SM30
January 7, 1998


Similar Part No. - 1N3646

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N3646 MICROSEMI-1N3646 Datasheet
44Kb / 2P
   HIGH VOLTAGE RECTIFIERS
logo
List of Unclassifed Man...
1N3646 ETC1-1N3646 Datasheet
266Kb / 6P
   silicon diode
logo
New Jersey Semi-Conduct...
1N3646 NJSEMI-1N3646 Datasheet
313Kb / 1P
   HIGH VOLTAGE RECTIFIERS
1N3646 NJSEMI-1N3646 Datasheet
313Kb / 1P
   Microminiature package.
logo
Digitron Semiconductors
1N3646 DIGITRON-1N3646 Datasheet
124Kb / 2P
   HIGH VOLTAGE RECTIFIERS
More results

Similar Description - 1N3646

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
M20 SEMTECH-M20 Datasheet
108Kb / 3P
   RECTIFIER, up to 3kV, 330mA, 2關s
F15 SEMTECH-F15 Datasheet
121Kb / 3P
   RECTIFIER, up to 3kV, 350mA, 250ns
M50A SEMTECH-M50A Datasheet
111Kb / 3P
   RECTIFIER, up to 6kV, 260mA, 5關s
1N5614 SEMTECH-1N5614 Datasheet
143Kb / 3P
   RECTIFIER, up to 1kV, 2A, 2關s
SFF30 SEMTECH-SFF30 Datasheet
103Kb / 3P
   RECTIFIER, 3kV, 360mA, 50ns
logo
Maxim Integrated Produc...
MX7575 MAXIM-MX7575 Datasheet
105Kb / 12P
   CMOS, uP-Compatible, 5關s/10關s, 8-Bit ADCs
logo
Hongfa Technology
HFD3-V HONGFA-HFD3-V_17 Datasheet
197Kb / 5P
   3kV dielectric strength
logo
M/A-COM Technology Solu...
M02050 MA-COM-M02050 Datasheet
110Kb / 2P
   Limiting Amplifier for Applications up to 2.5 Gbps
logo
Hittite Microwave Corpo...
HMC113 HITTITE-HMC113 Datasheet
94Kb / 1P
   GaAs MMIC 2.5 TO 6 GHz UP - CONVERTER
logo
M/A-COM Technology Solu...
02050-BRF-001-A MA-COM-02050-BRF-001-A Datasheet
110Kb / 2P
   Limiting Amplifier for Applications up to 2.5 Gbps
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com