Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65HVD1796 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN65HVD1796
Description  70-V Fault-Protected RS-485 Transceiver With Cable Invert
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD1796 Datasheet(HTML) 1 Page - Texas Instruments

  SN65HVD1796 Datasheet HTML 1Page - Texas Instruments SN65HVD1796 Datasheet HTML 2Page - Texas Instruments SN65HVD1796 Datasheet HTML 3Page - Texas Instruments SN65HVD1796 Datasheet HTML 4Page - Texas Instruments SN65HVD1796 Datasheet HTML 5Page - Texas Instruments SN65HVD1796 Datasheet HTML 6Page - Texas Instruments SN65HVD1796 Datasheet HTML 7Page - Texas Instruments SN65HVD1796 Datasheet HTML 8Page - Texas Instruments SN65HVD1796 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
FEATURES
APPLICATIONS
DESCRIPTION
V
FAULT up to 70 V
INVInputCanCorrect
forCrossedWires
SN65HVD1794, SN65HVD1795
SN65HVD1796
www.ti.com ................................................................................................................................................................................................. SLLS935 – AUGUST 2008
70-V Fault-Protected RS-485 Transceiver With Cable Invert
• Bus-Pin Fault Protection to > ±70 V
• Failsafe Receiver for Open-Circuit,
Short-Circuit and Idle-Bus Conditions
• Cable Invert Function Allows Correction for
Reversed Bus Pins
• Low Power Consumption
• Common-Mode Voltage Range (–20 V to 25 V)
ICC 5 mA Quiescent During Operation
More Than Doubles TIA/EIA 485 Requirement
• Power-Up, Power-Down Glitch-Free Operation
• Bus I/O Protection
±16 kV JEDEC HBM Protection
• Designed for RS-485 and RS-422 Networks
• Reduced Unit Load for Up to 256 Nodes
These devices are designed to survive overvoltage faults such as direct shorts to power supplies, mis-wiring
faults, connector failures, cable crushes, and tool mis-applications. They are also robust to ESD events, with high
levels of protection to human-body model specifications.
These devices combine a differential driver and a differential receiver, which operate from a single power supply.
The driver differential outputs and the receiver differential inputs are connected internally to for a bus port
suitable for half-duplex (two-wire bus) communication. A cable invert pin (INV) allows active correction of
mis-wires that may occur during installation. Upon detecting communication errors, the user can apply a logic
HIGH to the INV pin, effectively inverting the polarity of the differential bus port, thereby correcting for the
reversed bus wires.
These devices feature a wide common-mode voltage range, making them suitable for multi-point applications
over long cable runs. These devices are characterized from –40°C to 105°C.
PRODUCT SELECTION GUIDE
PART NUMBER
DUPLEX
SIGNALING RATE
NODES
CABLE LENGTH
SN65HVD1794
Half
115 kbps
Up to 256
1500 m
SN65HVD1795
PREVIEW
Half
1 Mbps
Up to 256
150 m
SN65HVD1796
PREVIEW
Half
10 Mbps
Up to 64
50 m
For similar features with 3.3 V supply operation, see the SN65HVD1781 (SLLS877).
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
UNLESS
OTHERWISE
NOTED
this
document
contains
Copyright © 2008, Texas Instruments Incorporated
PRODUCTION DATA information current as of publication date.
Products conform to specifications per the terms of Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN65HVD1796

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD1796 TI-SN65HVD1796 Datasheet
899Kb / 18P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceiver With Cable Invert
More results

Similar Description - SN65HVD1796

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD1794P TI-SN65HVD1794P Datasheet
899Kb / 18P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceiver With Cable Invert
SN65HVD1781 TI-SN65HVD1781 Datasheet
509Kb / 16P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceiver
SN65HVD1785 TI-SN65HVD1785 Datasheet
668Kb / 19P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceivers
SU65HVD1785 TI-SU65HVD1785 Datasheet
676Kb / 21P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceivers
SN65HVD1780 TI-SN65HVD1780 Datasheet
514Kb / 15P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceivers
logo
Intersil Corporation
ISL31480E INTERSIL-ISL31480E_10 Datasheet
793Kb / 24P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert
ISL31480E INTERSIL-ISL31480E_11 Datasheet
1Mb / 24P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert
logo
Renesas Technology Corp
ISL31483E RENESAS-ISL31483E Datasheet
1Mb / 18P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert
ISL32483E RENESAS-ISL32483E Datasheet
983Kb / 17P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert and 짹16.5kV ESD
logo
Texas Instruments
SN65HVD1780_0809 TI-SN65HVD1780_0809 Datasheet
553Kb / 19P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceivers with 3.3-V to 5-V Operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com