Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP1AGX50CF484C6N Datasheet(PDF) 22 Page - Altera Corporation

Part # EP1AGX50CF484C6N
Description  The ArriaTM GX family of devices combines 3.125 gigabits per second (Gbps) serial transceivers with reliable packaging technology
Download  296 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1AGX50CF484C6N Datasheet(HTML) 22 Page - Altera Corporation

Back Button EP1AGX50CF484C6N Datasheet HTML 18Page - Altera Corporation EP1AGX50CF484C6N Datasheet HTML 19Page - Altera Corporation EP1AGX50CF484C6N Datasheet HTML 20Page - Altera Corporation EP1AGX50CF484C6N Datasheet HTML 21Page - Altera Corporation EP1AGX50CF484C6N Datasheet HTML 22Page - Altera Corporation EP1AGX50CF484C6N Datasheet HTML 23Page - Altera Corporation EP1AGX50CF484C6N Datasheet HTML 24Page - Altera Corporation EP1AGX50CF484C6N Datasheet HTML 25Page - Altera Corporation EP1AGX50CF484C6N Datasheet HTML 26Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 296 page
background image
2–14
Altera Corporation
Arria GX Device Handbook, Volume 1
May 2008
Transceivers
If a design uses external termination, the receiver must be externally
terminated and biased to 0.85 V or 1.2 V. Figure 2–12 shows an example
of an external termination and biasing circuit.
Figure 2–12. External Termination and Biasing Circuit
Programmable Equalizer
The Arria GX receivers provide a programmable receiver equalization
feature to compensate for the effects of channel attenuation for high-
speed signaling. PCB traces carrying these high-speed signals have low-
pass filter characteristics. Impedance mismatch boundaries can also
cause signal degradation. Equalization in the receiver diminishes the
lossy attenuation effects of the PCB at high frequencies.
The receiver equalization circuit is comprised of a programmable
amplifier. Each stage is a peaking equalizer with a different center
frequency and programmable gain. This allows varying amounts of gain
to be applied, depending on the overall frequency response of the channel
loss. Channel loss is defined as the summation of all losses through the
PCB traces, vias, connectors, and cables present in the physical link. The
Quartus II software allows five equalization settings for Arria GX devices.
Receiver PLL and Clock Recovery Unit (CRU)
Each transceiver block has four receiver PLLs and CRU units, each of
which is dedicated to a receiver channel. The receiver PLL is fed by an
input reference clock. The receiver PLL, in conjunction with the CRU,
Transmission
Line
C1
R1/R2 = 1K
VDD × {R2/(R1 + R 2)} = 0.85/1.2 V
50-
Ω
Termination
Resistance
R1
R2
VDD
Receiver External Termination
and Biasing
Arria GX Device
Receiver External Termination
and Biasing
RXIP
RXIN
Receiver


Similar Part No. - EP1AGX50CF484C6N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1AGX50CF484C6N ALTERA-EP1AGX50CF484C6N Datasheet
3Mb / 234P
   Section I. Arria GX Device Data Sheet
EP1AGX50CF484C6N ALTERA-EP1AGX50CF484C6N Datasheet
3Mb / 234P
   The ArriaTM GX family of devices combines 3.125 gigabits per second (Gbps) serial transceivers
More results

Similar Description - EP1AGX50CF484C6N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
ARRIAGX ALTERA-ARRIAGX_09 Datasheet
3Mb / 234P
   The ArriaTM GX family of devices combines 3.125 gigabits per second (Gbps) serial transceivers
logo
Texas Instruments
TLK3104SA TI-TLK3104SA Datasheet
549Kb / 40P
[Old version datasheet]   QUAD 3.125 Gbps SERIAL TRANSCEIVER
TLK3104SC TI1-TLK3104SC Datasheet
496Kb / 39P
[Old version datasheet]   3.125-Gbps QUAD SERIAL BACKPLANE TRANSCEIVER
logo
Microsemi Corporation
LX3302 MICROSEMI-LX3302 Datasheet
379Kb / 2P
   The LX3302 is the second member of Microsemi’s new family of smart sensor interface products
Rev. 1.0
logo
List of Unclassifed Man...
AN209 ETC-AN209 Datasheet
151Kb / 14P
   Using Terminator Technology in Stratix & Stratix GX Devices
logo
International Rectifier
IRF6621 IRF-IRF6621 Datasheet
254Kb / 9P
   The IRF6621 combines the latest HEXFET Power MOSFET Silicon technology with the advanced DirectFET packaging to achieve the lowest on-state resistance
logo
STMicroelectronics
AN4207 STMICROELECTRONICS-AN4207 Datasheet
310Kb / 28P
   The STM32F37x series of microcontrollers combines
logo
Texas Instruments
TLK3101 TI1-TLK3101_16 Datasheet
612Kb / 28P
[Old version datasheet]   2.5 Gbps to 3.125 Gbps TRANSCEIVER
DS30BA101 TI1-DS30BA101 Datasheet
691Kb / 9P
[Old version datasheet]   3.125 Gbps Differential Buffer
DS25BR110 TI1-DS25BR110_13 Datasheet
884Kb / 18P
[Old version datasheet]   3.125 Gbps LVDS Buffer with Receive Equalization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com