Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL9104AIRUAZ-T Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL9104AIRUAZ-T
Description  500mA 4.3MHz Low IQ High Efficiency Synchronous Buck Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9104AIRUAZ-T Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL9104AIRUAZ-T Datasheet HTML 4Page - Intersil Corporation ISL9104AIRUAZ-T Datasheet HTML 5Page - Intersil Corporation ISL9104AIRUAZ-T Datasheet HTML 6Page - Intersil Corporation ISL9104AIRUAZ-T Datasheet HTML 7Page - Intersil Corporation ISL9104AIRUAZ-T Datasheet HTML 8Page - Intersil Corporation ISL9104AIRUAZ-T Datasheet HTML 9Page - Intersil Corporation ISL9104AIRUAZ-T Datasheet HTML 10Page - Intersil Corporation ISL9104AIRUAZ-T Datasheet HTML 11Page - Intersil Corporation ISL9104AIRUAZ-T Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
FN6829.3
July 9, 2009
Typical Applications
C2
4.7µF
L
SW
GND
FB
VIN
EN
INPUT: 2.7V TO 6V
OUTPUT
UP TO 500mA
C1
4.7µ F
ISL9104, ISL9104A FIXED OUTPUT
1.0µH
C2
4.7µF
L
SW
GND
FB
VIN
EN
INPUT: 2.7V TO 6V
OUTPUT
UP TO 500mA
C1
4.7µF
ISL9104, ISL9104A ADJUSTABLE OUTPUT
1.0µH
R1
100k
R2
100k
C3
47pF
ENABLE
DISABLE
ENABLE
DISABLE
FIGURE 21. TYPICAL APPLICATIONS DIAGRAM
Note: For adjustable output version, the internal feedback resistor divider is disabled and the FB pin is directly connected to the
error amplifier.
PARTS
DESCRIPTION
MANUFACTURERS
PART NUMBER
SPECIFICATIONS
SIZE
L
Inductor
KEMET
LB3218-T1R0MK
1.0µH/1.0A/60m
Ω
3.2mmx1.8mmx1.8mm
C1, C2
Input and output
capacitor
Murata
GRM188R60J475KE19D
4.7µF/6.3V, X5R
0603
C3
Capacitor
KEMET
C0402C470J5GACTU
47pF/50V
0402
R1, R2
Resistor
Various
-
100k
Ω, SMD, 1%
0402
ISL9104, ISL9104A


Similar Part No. - ISL9104AIRUAZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL9104AIRUAZ-T RENESAS-ISL9104AIRUAZ-T Datasheet
730Kb / 14P
   500mA 4.3MHz Low IQ High Efficiency Synchronous Buck Converter
More results

Similar Description - ISL9104AIRUAZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL9104 RENESAS-ISL9104 Datasheet
730Kb / 14P
   500mA 4.3MHz Low IQ High Efficiency Synchronous Buck Converter
logo
Intersil Corporation
ISL9104 INTERSIL-ISL9104_11 Datasheet
570Kb / 14P
   500mA 4.3MHz Low IQ High Efficiency Synchronous
ISL9103 INTERSIL-ISL9103 Datasheet
336Kb / 13P
   500mA 2.4MHz Low IQ High Efficiency Synchronous Buck Converter
logo
Renesas Technology Corp
ISL9103 RENESAS-ISL9103 Datasheet
689Kb / 14P
   500mA 2.4MHz Low IQ High Efficiency Synchronous Buck Converter
logo
Diodes Incorporated
AP3409 DIODES-AP3409 Datasheet
486Kb / 11P
   HIGH EFFICIENCY SYNCHRONOUS BUCK CONVERTER
logo
Semtech Corporation
TS33010 SEMTECH-TS33010 Datasheet
463Kb / 14P
   High Efficiency Synchronous 500mA DC/DC Buck Converter, 2 . 2 5Mhz
logo
Monolithic Power System...
EV8756-D-00A MPS-EV8756-D-00A Datasheet
975Kb / 7P
   26V, 6A High Current, Low IQ Synchronous Buck Converter
EV8759-D-00A MPS-EV8759-D-00A Datasheet
473Kb / 7P
   26V, 8A High Current, Low IQ Synchronous Buck Converter
logo
List of Unclassifed Man...
ZSPM4012B ETC2-ZSPM4012B Datasheet
1Mb / 23P
   High Efficiency 2A Synchronous Buck Converter
logo
Integrated Device Techn...
ZSPM4012B IDT-ZSPM4012B Datasheet
658Kb / 21P
   High Efficiency 2A Synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com