Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL9104AIRUDZ-T Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL9104AIRUDZ-T
Description  500mA 4.3MHz Low IQ High Efficiency Synchronous Buck Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9104AIRUDZ-T Datasheet(HTML) 4 Page - Intersil Corporation

  ISL9104AIRUDZ-T Datasheet HTML 1Page - Intersil Corporation ISL9104AIRUDZ-T Datasheet HTML 2Page - Intersil Corporation ISL9104AIRUDZ-T Datasheet HTML 3Page - Intersil Corporation ISL9104AIRUDZ-T Datasheet HTML 4Page - Intersil Corporation ISL9104AIRUDZ-T Datasheet HTML 5Page - Intersil Corporation ISL9104AIRUDZ-T Datasheet HTML 6Page - Intersil Corporation ISL9104AIRUDZ-T Datasheet HTML 7Page - Intersil Corporation ISL9104AIRUDZ-T Datasheet HTML 8Page - Intersil Corporation ISL9104AIRUDZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
FN6829.3
July 9, 2009
SW Leakage Current
SW at Hi-Z state
-
0.01
2
µA
PWM Switching Frequency
fS
VIN = 3.6V, TA = -20°C to +85°C
3.6
4.3
4.9
MHz
SW Minimum On-Time
-65
-
ns
Soft-Start-Up Time
-1.0
-
ms
EN
Logic Input Low
--
0.4
V
Logic Input High
1.4
-
-
V
Logic Input Leakage Current
-0.1
1
µA
Thermal Shutdown
-
130
-
°C
Thermal Shutdown Hysteresis
-30
-
°C
Electrical Specifications
Unless otherwise noted, all parameter limits are guaranteed over the recommended operating conditions and
the typical specifications are measured at the following conditions: TA = +25°C, VIN = VEN = 3.6V, L = 1.0µH,
C1 = 4.7µF, C2 = 4.7µF, IOUT = 0A (see “Typical Applications” on page 8). Parameters with MIN and/or MAX
limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by characterization
and are not production tested. (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Typical Operating Performance
FIGURE 1. EFFICIENCY vs LOAD CURRENT (VOUT = 1.5V)
FIGURE 2. EFFICIENCY vs LOAD CURRENT (VOUT = 2.5V)
FIGURE 3. INPUT QUIESCENT CURRENT vs VIN (VOUT = 2.5V)
FIGURE 4. OUTPUT VOLTAGE vs LOAD CURRENT
(VIN = 3.6V, VOUT = 1.6V)
0
10
20
30
40
50
60
70
80
90
100
0
0.1
0.2
0.3
0.4
0.5
LOAD CURRENT (A)
VIN = 3.8V
VIN = 2.7V
VIN = 4.9V
0
10
20
30
40
50
60
70
80
90
100
0
0.1
0.2
0.3
0.4
0.5
LOAD CURRENT (A)
VIN = 3.5V
VIN = 4.5V
VIN = 5.5V
10
15
20
25
30
2.70
3.25
3.80
4.35
4.90
5.45
6.00
INPUT VOLTAGE (V)
T = +85°C
T = +25°C
T = -45°C
1.600
1.605
1.610
1.615
1.620
1.625
1.630
0
100
200
300
400
500
IOUT (mA)
LOAD CURRENT FALLING
LOAD CURRENT RISING
ISL9104, ISL9104A


Similar Part No. - ISL9104AIRUDZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9104AIRUDZ-T INTERSIL-ISL9104AIRUDZ-T Datasheet
570Kb / 14P
   500mA 4.3MHz Low IQ High Efficiency Synchronous
logo
Renesas Technology Corp
ISL9104AIRUDZ-T RENESAS-ISL9104AIRUDZ-T Datasheet
730Kb / 14P
   500mA 4.3MHz Low IQ High Efficiency Synchronous Buck Converter
More results

Similar Description - ISL9104AIRUDZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL9104 RENESAS-ISL9104 Datasheet
730Kb / 14P
   500mA 4.3MHz Low IQ High Efficiency Synchronous Buck Converter
logo
Intersil Corporation
ISL9104 INTERSIL-ISL9104_11 Datasheet
570Kb / 14P
   500mA 4.3MHz Low IQ High Efficiency Synchronous
ISL9103 INTERSIL-ISL9103 Datasheet
336Kb / 13P
   500mA 2.4MHz Low IQ High Efficiency Synchronous Buck Converter
logo
Renesas Technology Corp
ISL9103 RENESAS-ISL9103 Datasheet
689Kb / 14P
   500mA 2.4MHz Low IQ High Efficiency Synchronous Buck Converter
logo
Diodes Incorporated
AP3409 DIODES-AP3409 Datasheet
486Kb / 11P
   HIGH EFFICIENCY SYNCHRONOUS BUCK CONVERTER
logo
Semtech Corporation
TS33010 SEMTECH-TS33010 Datasheet
463Kb / 14P
   High Efficiency Synchronous 500mA DC/DC Buck Converter, 2 . 2 5Mhz
logo
Monolithic Power System...
EV8756-D-00A MPS-EV8756-D-00A Datasheet
975Kb / 7P
   26V, 6A High Current, Low IQ Synchronous Buck Converter
EV8759-D-00A MPS-EV8759-D-00A Datasheet
473Kb / 7P
   26V, 8A High Current, Low IQ Synchronous Buck Converter
logo
List of Unclassifed Man...
ZSPM4012B ETC2-ZSPM4012B Datasheet
1Mb / 23P
   High Efficiency 2A Synchronous Buck Converter
logo
Integrated Device Techn...
ZSPM4012B IDT-ZSPM4012B Datasheet
658Kb / 21P
   High Efficiency 2A Synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com