Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL32274EFVZ Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL32274EFVZ
Description  QUAD, 짹16.5kV ESD Protected, 3.0V to 5.5V, Low Power, RS-422 Transmitters
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL32274EFVZ Datasheet(HTML) 2 Page - Intersil Corporation

  ISL32274EFVZ Datasheet HTML 1Page - Intersil Corporation ISL32274EFVZ Datasheet HTML 2Page - Intersil Corporation ISL32274EFVZ Datasheet HTML 3Page - Intersil Corporation ISL32274EFVZ Datasheet HTML 4Page - Intersil Corporation ISL32274EFVZ Datasheet HTML 5Page - Intersil Corporation ISL32274EFVZ Datasheet HTML 6Page - Intersil Corporation ISL32274EFVZ Datasheet HTML 7Page - Intersil Corporation ISL32274EFVZ Datasheet HTML 8Page - Intersil Corporation ISL32274EFVZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
FN6824.0
December 16, 2008
Pinouts
ISL32172E, ISL32272E, ISL32372E
(16 LD N-SOIC, TSSOP)
TOP VIEWS
ISL32174E, ISL32274E, ISL32374E
(16 LD N-SOIC, TSSOP)
TOP VIEWS
ISL32179E
(24 LD QFN)
TOP VIEW
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
DI1
Y1
Z1
EN
Z2
Y2
GND
DI2
VCC
Y4
Z4
EN
Z3
Y3
DI3
DI4
D
D
D
D
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
DI1
Y1
Z1
EN12
Z2
Y2
GND
DI2
VCC
Y4
Z4
EN34
Z3
Y3
DI3
DI4
D
D
D
D
Z1
EN1
EN2
EN
Z2
Y2
Y4
Z4
EN4
EN3
EN
Z3
1
2
3
4
5
6
18
17
16
15
14
13
24
23
22
21
20
19
78
9
10
11
12
Ordering Information
PART NUMBER
(Notes 1, 2)
PART
MARKING
TEMP. RANGE
(°C)
PACKAGE
(Pb-Free)
PKG.
DWG. #
ISL32172EFBZ
ISL32172 EFBZ
-40 to +125
16 Ld SOIC
M16.15
ISL32172EFVZ
32172 EFVZ
-40 to +125
16 Ld TSSOP
MDP0044
ISL32172EIBZ
ISL32172 EIBZ
-40 to +85
16 Ld SOIC
M16.15
ISL32172EIVZ
32172 EIVZ
-40 to +85
16 Ld TSSOP
MDP0044
ISL32174EFBZ
ISL32174 EFBZ
-40 to +125
16 Ld SOIC
M16.15
ISL32174EFVZ
32174 EFVZ
-40 to +125
16 Ld TSSOP
MDP0044
ISL32174EIBZ
ISL32174 EIBZ
-40 to +85
16 Ld SOIC
M16.15
ISL32174EIVZ
32174 EIVZ
-40 to +85
16 Ld TSSOP
MDP0044
ISL32179EFRZ
321 79EFRZ
-40 to +125
24 Ld QFN
L24.4x4C
ISL32179EIRZ
321 79EIRZ
-40 to +85
24 Ld QFN
L24.4x4C
ISL32272EFBZ
ISL32272 EFBZ
-40 to +125
16 Ld SOIC
M16.15
ISL32272EFVZ
32272 EFVZ
-40 to +125
16 Ld TSSOP
MDP0044
ISL32272EIBZ
ISL32272 EIBZ
-40 to +85
16 Ld SOIC
M16.15
ISL32272EIVZ
32272 EIVZ
-40 to +85
16 Ld TSSOP
MDP0044
ISL32172E, ISL32272E, ISL32372E, ISL32174E, ISL32274E, ISL32374E, ISL32179E


Similar Part No. - ISL32274EFVZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL32272E RENESAS-ISL32272E Datasheet
1Mb / 21P
   QUAD, ±16.5kV ESD Protected, 3.0V to 5.5V, Low Power, RS-422 Transmitters
Mar 19, 2020
ISL32272EFBZ RENESAS-ISL32272EFBZ Datasheet
1Mb / 21P
   QUAD, ±16.5kV ESD Protected, 3.0V to 5.5V, Low Power, RS-422 Transmitters
Mar 19, 2020
ISL32272EFBZ-T RENESAS-ISL32272EFBZ-T Datasheet
1Mb / 21P
   QUAD, ±16.5kV ESD Protected, 3.0V to 5.5V, Low Power, RS-422 Transmitters
Mar 19, 2020
ISL32272EFVZ RENESAS-ISL32272EFVZ Datasheet
1Mb / 21P
   QUAD, ±16.5kV ESD Protected, 3.0V to 5.5V, Low Power, RS-422 Transmitters
Mar 19, 2020
ISL32272EFVZ-T RENESAS-ISL32272EFVZ-T Datasheet
1Mb / 21P
   QUAD, ±16.5kV ESD Protected, 3.0V to 5.5V, Low Power, RS-422 Transmitters
Mar 19, 2020
More results

Similar Description - ISL32274EFVZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL32172E RENESAS-ISL32172E Datasheet
1Mb / 21P
   QUAD, ±16.5kV ESD Protected, 3.0V to 5.5V, Low Power, RS-422 Transmitters
Mar 19, 2020
logo
Intersil Corporation
ISL32173E INTERSIL-ISL32173E Datasheet
478Kb / 22P
   QUAD, 짹16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receivers
ISL3293E INTERSIL-ISL3293E Datasheet
641Kb / 17P
   짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, Low Power, RS-485/RS-422 Transmitters
logo
Renesas Technology Corp
RAA7884QT RENESAS-RAA7884QT Datasheet
707Kb / 15P
   Quad, ±16.5kV ESD Protected, 3.0V to 5.5V, Low Power, RS-422 Transmitter
Oct.14.20
logo
Intersil Corporation
ISL32173EIVZ-T INTERSIL-ISL32173EIVZ-T Datasheet
952Kb / 22P
   QUAD, 16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receivers
logo
Renesas Technology Corp
RAA7884QR RENESAS-RAA7884QR Datasheet
388Kb / 13P
   Quad, ±16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receiver
Oct.14.20
logo
Intersil Corporation
ISL32613E INTERSIL-ISL32613E Datasheet
546Kb / 11P
   짹16.5kV ESD Protected, 125째C, 1.8V to 3.6V, Low Power, SOT-23, RS-485/RS-422 Transmitters
logo
Maxim Integrated Produc...
MAX3030E MAXIM-MAX3030E Datasheet
326Kb / 14P
   짹15kV ESD-Protected, 3.3V Quad RS-422 Transmitters
Rev 0; 10/02
MAX3040 MAXIM-MAX3040 Datasheet
262Kb / 15P
   짹10kV ESD-Protected, Quad 5V RS-485/RS-422 Transmitters
Rev 1; 12/01
logo
Intersil Corporation
ISL3280E INTERSIL-ISL3280E Datasheet
599Kb / 15P
   짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps Full Fail-safe, Low Power, RS-485/RS-422 Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com