Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT60142F Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT60142F
Description  Rad Hard 512K x 8 Very Low Power CMOS SRAM
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT60142F Datasheet(HTML) 1 Page - ATMEL Corporation

  AT60142F_07 Datasheet HTML 1Page - ATMEL Corporation AT60142F_07 Datasheet HTML 2Page - ATMEL Corporation AT60142F_07 Datasheet HTML 3Page - ATMEL Corporation AT60142F_07 Datasheet HTML 4Page - ATMEL Corporation AT60142F_07 Datasheet HTML 5Page - ATMEL Corporation AT60142F_07 Datasheet HTML 6Page - ATMEL Corporation AT60142F_07 Datasheet HTML 7Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Features
Smart Card Interface
– Compliance with Standards
• ISO/IEC 7816-1, 2, 3 and 4
• EMV 2000
• CB
• Mondex®, Proton, ZKA, Other: Contact Gemplus®
– Supported Smart Cards
• Number of Smart Cards Supported: 1
• Asynchronous Cards: T=0 and T=1
• Synchronous/Memory Cards Using a Command Interpreter
• EMV or Non EMV Cards
Electrical Interface
• Transmission Speed: 9.6 Kbps to 115 Kbps
• Card Power Supply: 1.8V/3V/5V
• ESD Protection On Card Pins: 4 KV - Human Body Model
• Card Presence or Insertion Detection
• Short Circuit Current Limitation
Host Interface
– Physical Layer
• Serial Asynchronous Link
• Programmable Transmission Speed From 1,200 bps to 115,200 bps
• Format: 8 bits, No Parity, 1 Stop Bit
• Adjustable Signal Voltage
– Protocol
• Gemplus Block Protocol (GBP)
• GBP Interface Library Kit Source Code
Chip Power Supply
– Voltage: VCC- 2.85V to 5.4V
– Consumption: 8 mA Typical, 150 mA Max - Smart Card Powered
– Power Down Mode
• 100 µA Max Power Down Current
• Power-down/Power-up by Host Command
Additional Features
– Operating Temperature Range: 0°C to +70°C (-40°C to +85°C)
– Package: SS0P24, QFN32
– LED Management: The LED is On When the Card is Powered On
Description
AT83C21GC is designed to simplify the integration of smart card interfaces in elec-
tronic devices.
It manages the electrical interface and communication with ISO 7816 –1/2/3/4 com-
patible smart cards and memory cards.
Figure 1. Basic Architecture of a Smart Card Reader
Host
Processor
AT83C21GC
Smart Card
Connector
Smart Card
GemCore Serial
Lite PRO
AT83C21GC
Summary
This is a summary Document. A complete document is
available on the Gemplus Web site. www.gemplus.com
4247DS–SCR–03/07


Similar Part No. - AT60142F_07

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT60142F ATMEL-AT60142F_09 Datasheet
352Kb / 13P
   Rad Hard 512K x 8 Very Low Power CMOS SRAM
More results

Similar Description - AT60142F_07

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT60142F ATMEL-AT60142F Datasheet
281Kb / 13P
   Rad Hard 512K x 8 Very Low Power CMOS SRAM
AT60142E ATMEL-AT60142E Datasheet
295Kb / 17P
   Rad Hard 512K x 8 Very Low Power CMOS SRAM
AT60142H ATMEL-AT60142H Datasheet
319Kb / 12P
   Rad Hard 512K x 8 Very Low Power CMOS SRAM
AT60142F ATMEL-AT60142F_09 Datasheet
352Kb / 13P
   Rad Hard 512K x 8 Very Low Power CMOS SRAM
AT60142HT ATMEL-AT60142HT Datasheet
319Kb / 12P
   Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
AT60142FT ATMEL-AT60142FT_07 Datasheet
291Kb / 13P
   Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
AT60142FT ATMEL-AT60142FT_09 Datasheet
352Kb / 13P
   Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
M65609E ATMEL-M65609E Datasheet
249Kb / 14P
   Rad. Hard 128K x 8 3.3-volt Very Low Power CMOS SRAM
M65609E ATMEL-M65609E_07 Datasheet
1Mb / 14P
   Rad Hard 128K x 8 3.3-volt Very Low Power CMOS SRAM
logo
Brilliance Semiconducto...
BS62LV4006 BSI-BS62LV4006_06 Datasheet
400Kb / 12P
   Very Low Power CMOS SRAM 512K X 8 bit
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com