Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ISL9104 Datasheet(PDF) 13 Page - Intersil Corporation

Part No. ISL9104
Description  500mA 4.3MHz Low IQ High Efficiency Synchronous Buck Converter
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

ISL9104 Datasheet(HTML) 13 Page - Intersil Corporation

 
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
13
FN6829.3
July 9, 2009
ISL9104, ISL9104A
Package Outline Drawing
L6.1.6x1.6
6 LEAD ULTRA THIN DUAL FLAT NO-LEAD COL PLASTIC PACKAGE (UTDFN COL)
Rev 1, 11/07
TYPICAL RECOMMENDED LAND PATTERN
DETAIL "X"
TOP VIEW
BOTTOM VIEW
SIDE VIEW
located within the zone indicated. The pin #1 identifier may be
Unless otherwise specified, tolerance : Decimal ± 0.05
Tiebar shown (if present) is a non-functional feature.
The configuration of the pin #1 identifier is optional, but must be
between 0.15mm and 0.30mm from the terminal tip.
Dimension b applies to the metallized terminal and is measured
Dimensions in (
) for Reference Only.
Dimensioning and tolerancing conform to AMSE Y14.5m-1994.
6.
either a mold or mark feature.
3.
5.
4.
2.
Dimensions are in millimeters.
1.
NOTES:
1.60
5X 0 . 40 ± 0 . 1
0.15
( 1 . 4 )
(4X)
( 6X 0 . 25 )
( 1X 0 .70 )
( 4X 0 . 5 )
0 . 55 MAX
BASE PLANE
C
SEATING PLANE
0.08
C
0.10
C
0.25 +0.05 / -0.07
SEE DETAIL "X"
0.10
4
CA
MB
INDEX AREA
6
PIN 1
1.60
A
B
PIN #1 INDEX AREA
0.50
2X 1.00
4X
6
( 5X 0 . 60 )
0 . 00 MIN.
0 . 05 MAX.
C
0 . 2 REF
4
3
6
1
1X 0.5 ±0.1


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn