Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL32172EIVZ Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL32172EIVZ
Description  QUAD, 짹16.5kV ESD Protected, 3.0V to 5.5V, Low Power, RS-422 Transmitters
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL32172EIVZ Datasheet(HTML) 4 Page - Intersil Corporation

  ISL32172EIVZ Datasheet HTML 1Page - Intersil Corporation ISL32172EIVZ Datasheet HTML 2Page - Intersil Corporation ISL32172EIVZ Datasheet HTML 3Page - Intersil Corporation ISL32172EIVZ Datasheet HTML 4Page - Intersil Corporation ISL32172EIVZ Datasheet HTML 5Page - Intersil Corporation ISL32172EIVZ Datasheet HTML 6Page - Intersil Corporation ISL32172EIVZ Datasheet HTML 7Page - Intersil Corporation ISL32172EIVZ Datasheet HTML 8Page - Intersil Corporation ISL32172EIVZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
FN6824.0
December 16, 2008
Pin Descriptions
PIN
FUNCTION
EN, EN
Group driver output enables, that are internally pulled high to VCC. All ISL32x72E driver outputs, Y and Z, are enabled by driving EN
high OR EN low, and the outputs are high impedance when EN is low AND EN is high (i.e., if using only the active high EN, connect
EN directly to VCC or VL; if using only the active low EN, connect EN directly to GND). On the ISL32179E accomplish group enable
by connecting all the ENX pins to VCC or VL, and then use the EN or EN pin as previously described. If the group driver enable
function isn’t required (see Note), connect EN to VCC, or connect EN to GND. (ISL32x72E and ISL32179E only)
EN12,
EN34
Paired driver output enables, that are internally pulled high to VCC. Driving EN12 (EN34) high enables Channel 1 and 2 (3 and 4)
outputs (Y and Z). Driving EN12 (EN34) low disables Channel 1 and 2 (3 and 4) outputs. If the driver enable function isn’t required
(see Note), connect EN12 and EN34 to VCC. (ISL32x74E only)
ENx
Individual driver output enables that are internally pulled high to VCC. Forcing ENx high (along with EN high OR EN low) enables the
channel X outputs (Y and Z). Driving ENX low disables the Channel X outputs, regardless of the states of EN and EN. Connect both
EN and EN to VCC for the lowest SHDN current if utilizing SHDN mode (see SHDNEN below). If the individual driver enable function
isn’t required (see Note), connect ENX to VCC. (ISL32179E only)
SHDNEN
Low power SHDN mode enable. A high level allows the ISL32179E to enter a low power mode when all channels are disabled. A low
level prevents the device from entering the low power mode. (ISL32179E only)
DIx
Driver input. A low on DI forces the corresponding channel’s output Y low and output Z high. Similarly, a high on DI forces output Y
high and output Z low.
SPA, SPB
Speed select inputs that are internally pulled-high. See ISL32179E Truth Table on page 3. (ISL32179E only)
GND
Ground connection. This is also the potential of the QFN thermal pad.
Yx
±16.5kV IEC61000-4-2 ESD Protected RS-422 level, noninverting transmitter output.
Zx
±16.5kV IEC61000-4-2 ESD Protected RS-422 level, inverting transmitter output.
VCC
System power supply input (3.0V to 5.5V). On devices with a VL pin, power-up VCC first.
VL
Logic power supply input. Connecting the VL pin to the lower voltage power supply of a logic device (e.g., UART or µcontroller)
interfacing with the ISL32179E tailors its logic pin (DI, EN (all varieties), SHDNEN, and SP) VIL/VIH levels to values compatible with
the lower supply voltage. Power-up this supply after VCC, and keep VL ≤ VCC. (ISL32179E only)
NOTE: Unused EN pins of any type should not be left floating, even though they have internal pull-ups.
ISL32172E, ISL32272E, ISL32372E, ISL32174E, ISL32274E, ISL32374E, ISL32179E


Similar Part No. - ISL32172EIVZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL32172EIVZ RENESAS-ISL32172EIVZ Datasheet
1Mb / 21P
   QUAD, ±16.5kV ESD Protected, 3.0V to 5.5V, Low Power, RS-422 Transmitters
Mar 19, 2020
ISL32172EIVZ-T RENESAS-ISL32172EIVZ-T Datasheet
1Mb / 21P
   QUAD, ±16.5kV ESD Protected, 3.0V to 5.5V, Low Power, RS-422 Transmitters
Mar 19, 2020
More results

Similar Description - ISL32172EIVZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL32172E RENESAS-ISL32172E Datasheet
1Mb / 21P
   QUAD, ±16.5kV ESD Protected, 3.0V to 5.5V, Low Power, RS-422 Transmitters
Mar 19, 2020
logo
Intersil Corporation
ISL32173E INTERSIL-ISL32173E Datasheet
478Kb / 22P
   QUAD, 짹16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receivers
ISL3293E INTERSIL-ISL3293E Datasheet
641Kb / 17P
   짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, Low Power, RS-485/RS-422 Transmitters
logo
Renesas Technology Corp
RAA7884QT RENESAS-RAA7884QT Datasheet
707Kb / 15P
   Quad, ±16.5kV ESD Protected, 3.0V to 5.5V, Low Power, RS-422 Transmitter
Oct.14.20
logo
Intersil Corporation
ISL32173EIVZ-T INTERSIL-ISL32173EIVZ-T Datasheet
952Kb / 22P
   QUAD, 16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receivers
logo
Renesas Technology Corp
RAA7884QR RENESAS-RAA7884QR Datasheet
388Kb / 13P
   Quad, ±16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receiver
Oct.14.20
logo
Intersil Corporation
ISL32613E INTERSIL-ISL32613E Datasheet
546Kb / 11P
   짹16.5kV ESD Protected, 125째C, 1.8V to 3.6V, Low Power, SOT-23, RS-485/RS-422 Transmitters
logo
Maxim Integrated Produc...
MAX3030E MAXIM-MAX3030E Datasheet
326Kb / 14P
   짹15kV ESD-Protected, 3.3V Quad RS-422 Transmitters
Rev 0; 10/02
MAX3040 MAXIM-MAX3040 Datasheet
262Kb / 15P
   짹10kV ESD-Protected, Quad 5V RS-485/RS-422 Transmitters
Rev 1; 12/01
logo
Intersil Corporation
ISL3280E INTERSIL-ISL3280E Datasheet
599Kb / 15P
   짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps Full Fail-safe, Low Power, RS-485/RS-422 Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com