Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT40KAL040KW1M-E Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT40KAL040KW1M-E
Description  Military Reprogrammable FPGAs with FreeRAM
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT40KAL040KW1M-E Datasheet(HTML) 4 Page - ATMEL Corporation

  AT40KAL040KW1M-E Datasheet HTML 1Page - ATMEL Corporation AT40KAL040KW1M-E Datasheet HTML 2Page - ATMEL Corporation AT40KAL040KW1M-E Datasheet HTML 3Page - ATMEL Corporation AT40KAL040KW1M-E Datasheet HTML 4Page - ATMEL Corporation AT40KAL040KW1M-E Datasheet HTML 5Page - ATMEL Corporation AT40KAL040KW1M-E Datasheet HTML 6Page - ATMEL Corporation AT40KAL040KW1M-E Datasheet HTML 7Page - ATMEL Corporation AT40KAL040KW1M-E Datasheet HTML 8Page - ATMEL Corporation AT40KAL040KW1M-E Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
4
AT40KAL
4263B–AERO–06/03
The Symmetrical
Array
At the heart of the Atmel architecture is a symmetrical array of identical cells (Figure 1).
The array is continuous from one edge to the other, except for bus repeaters spaced
every four cells (Figure 2 on page 5). At the intersection of each repeater row and col-
umn is a 32 x 4 RAM block accessible by adjacent buses. The RAM can be configured
as either a single-ported or dual-ported RAM(1), with either synchronous or asynchro-
nous operation.
Note:
1. The right-most column can only be used as single-port RAM.
Figure 1. Symmetrical Array Surrounded by I/O (AT40K20)
Note:
AT40KAL has registered I/Os. Group enable every sector for tri-states on obuf’s.
= I/O Pad
= AT40K Cell
= Repeater Row
= Repeater Column
= FreeRAM


Similar Part No. - AT40KAL040KW1M-E

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT40K ATMEL-AT40K Datasheet
1Mb / 67P
   5K - 50K Gates Coprocessor FPGA with FreeRAM
AT40K05 ATMEL-AT40K05 Datasheet
1Mb / 67P
   5K - 50K Gates Coprocessor FPGA with FreeRAM
AT40K05 ATMEL-AT40K05 Datasheet
507Kb / 13P
   Programmable System Level Integration Prototyping System
AT40K05-2AJC ATMEL-AT40K05-2AJC Datasheet
1Mb / 67P
   5K - 50K Gates Coprocessor FPGA with FreeRAM
AT40K05-2AJI ATMEL-AT40K05-2AJI Datasheet
1Mb / 67P
   5K - 50K Gates Coprocessor FPGA with FreeRAM
More results

Similar Description - AT40KAL040KW1M-E

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT40KEL040 ATMEL-AT40KEL040 Datasheet
780Kb / 42P
   Rad Hard Reprogrammable FPGAs with FreeRAM
logo
Microsemi Corporation
A3P250-2FG256I MICROSEMI-A3P250-2FG256I Datasheet
10Mb / 212P
   Military ProASIC3/EL Low Power Flash FPGAs
M1A3P1000-1PQ208M MICROSEMI-M1A3P1000-1PQ208M Datasheet
10Mb / 212P
   Military ProASIC3/EL Low Power Flash FPGAs with Flash*Freeze Technology
A3P1000-FGG484 MICROSEMI-A3P1000-FGG484 Datasheet
10Mb / 212P
   Military ProASIC3/EL Low Power Flash FPGAs with Flash*Freeze Technology
logo
Actel Corporation
A3P1000-1FGG144M ACTEL-A3P1000-1FGG144M Datasheet
5Mb / 181P
   Military ProASIC3/EL Low-Power Flash FPGAs
logo
Microsemi Corporation
A3P1000-PQ208I MICROSEMI-A3P1000-PQ208I Datasheet
10Mb / 212P
   Military ProASIC3/EL Low Power Flash FPGAs with Flash*Freeze Technology
logo
Xilinx, Inc
XQ2V1000 XILINX-XQ2V1000 Datasheet
2Mb / 127P
   QPro Virtex-II 1.5V Military QML Platform FPGAs
logo
Microsemi Corporation
A3P1000-FG484I MICROSEMI-A3P1000-FG484I Datasheet
10Mb / 212P
   Military ProASIC3/EL Low Power Flash FPGAs with Flash*Freeze Technology
logo
ATMEL Corporation
AT40K05AL ATMEL-AT40K05AL Datasheet
43Kb / 4P
   5K - 50K Gates Coprocessor FPGA with FreeRAM
AT40K05 ATMEL-AT40K05_14 Datasheet
1Mb / 55P
   5K ??50K Gates Coprocessor FPGA with FreeRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com