Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962-0054001Q9A Datasheet(PDF) 2 Page - ATMEL Corporation

Part # 5962-0054001Q9A
Description  Rad-Hard 32-bit SPARC Embedded Processor
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

5962-0054001Q9A Datasheet(HTML) 2 Page - ATMEL Corporation

  5962-0054001Q9A Datasheet HTML 1Page - ATMEL Corporation 5962-0054001Q9A Datasheet HTML 2Page - ATMEL Corporation 5962-0054001Q9A Datasheet HTML 3Page - ATMEL Corporation 5962-0054001Q9A Datasheet HTML 4Page - ATMEL Corporation 5962-0054001Q9A Datasheet HTML 5Page - ATMEL Corporation 5962-0054001Q9A Datasheet HTML 6Page - ATMEL Corporation 5962-0054001Q9A Datasheet HTML 7Page - ATMEL Corporation 5962-0054001Q9A Datasheet HTML 8Page - ATMEL Corporation 5962-0054001Q9A Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 42 page
background image
2
TSC695F
4118J–AERO–08/04
Block Diagram
Figure 1. TSC695F Block Diagram
Pin Descriptions
For pin assignment, refer to package section.
General Purpose
Interface
UART A
TAP
Clock
Managt
Error
Managt
General Purpose
Timer
Real Time Clock
Timer
32-bit
Integer
Unit
DMA
Arbiter
Access
Controller
Address
Interface
Wait State
Controller
Interrupts
RxD, TxD
GPI bits
DMA Ctrl
Mem Ctrl
Ready/Busy
Add.+Size+ASI
Data+Check bits
Parities
EDAC
Watch
Dog
Parity
Parity
Gen./Check.
Reset
&
UART B
Interrupt
Controller
32/64-bit
Floating-Point
Unit
Parity
Gen./Chk.
Gen./Chk.
Table 1. Pin Descriptions
Signal
Type
Active
Description
RA[31:0]
I/O,
32-bit registered address bus
Output buffer: 400 pF
RAPAR
I/O
High
Registered address bus parity
-
RASI[3:0]
I/O
4-bit registered address space identifier
-
RSIZE[1:0]
I/O
2-bit registered bus transaction size
-
RASPAR
I/O
High
Registered ASI and SIZE parity
-
CPAR
I/O
High
Control bus parity
-
D[31:0]
I/O
32-bit data bus
-
CB[6:0]
I/O
7-bit check-bit bus
-
DPAR
I/O
High
Data bus parity
-
RLDSTO
I/O
High
Registered atomic load-store
-
ALE
O
Low
Address latch enable
-
DXFER
I/O
High
Data transfer
-
LOCK
I/O
High
Bus lock
-
RD
I/O
High
Read access
-
WE
I/O
Low
Write enable
-
WRT
I/O
High
Advanced write
-
MHOLD
O
Low
Memory bus hold
MHOLD+FHOLD
+BHOLD+FCCV
MDS
O
Low
Memory data strobe
-
MEXC
O
Low
Memory exception
-
PROM8
I
Low
Select 8-bit wide PROM
-
BA[1:0]
O
Latched address used for 8-bit wide boot PROM
-
ROMCS
O
Low
PROM chip select
-
ROMWRT
I
Low
ROM write enable
-
MEMCS[9:0]
O
Low
Memory chip select
Output buffer: 400 pF
MEMWR
O
Low
Memory write strobe
Output buffer: 400 pF


Similar Part No. - 5962-0054001Q9A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
5962-0054001Q9A ATMEL-5962-0054001Q9A Datasheet
2Mb / 42P
   Rad-Hard 32-bit SPARC Embedded Processor
More results

Similar Description - 5962-0054001Q9A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
TSC695F ATMEL-TSC695F Datasheet
2Mb / 42P
   Rad-Hard 32-bit SPARC Embedded Processor
TSC695FL ATMEL-TSC695FL Datasheet
3Mb / 42P
   Low-Voltage Rad-Hard 32-bit SPARC Embedded Processor
AT697F ATMEL-AT697F Datasheet
4Mb / 155P
   Rad-Hard 32 bit SPARC V8 Processor
AT697E ATMEL-AT697E_14 Datasheet
264Kb / 7P
   Rad-Hard 32-bit SPARC v8 Processor
AT697E ATMEL-AT697E Datasheet
227Kb / 16P
   Rad-Hard 32 bit SPARC V8 Processor
AT697E ATMEL-AT697E_06 Datasheet
77Kb / 7P
   Rad-Hard 32 bit SPARC V8 Processor
AT697E ATMEL-AT697E_09 Datasheet
3Mb / 154P
   Rad-Hard 32 bit SPARC V8 Processor
TSC21020F ATMEL-TSC21020F Datasheet
697Kb / 50P
   Rad. Hard 32/40-bit IEEE Floating Point DSP
logo
Intel Corporation
376 INTEL-376 Datasheet
1Mb / 95P
   376TM HIGH PERFORMANCE 32-BIT EMBEDDED PROCESSOR
logo
Freescale Semiconductor...
MCIMX233DJM4C FREESCALE-MCIMX233DJM4C Datasheet
298Kb / 2P
   i.MX233 Applications Processor 32-bit Embedded Microprocessor ??ARM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com