Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSS463B Datasheet(PDF) 1 Page - ATMEL Corporation

Part # TSS463B
Description  VAN Data Link Controller with Serial Interface
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TSS463B Datasheet(HTML) 1 Page - ATMEL Corporation

  TSS463B_04 Datasheet HTML 1Page - ATMEL Corporation TSS463B_04 Datasheet HTML 2Page - ATMEL Corporation TSS463B_04 Datasheet HTML 3Page - ATMEL Corporation TSS463B_04 Datasheet HTML 4Page - ATMEL Corporation TSS463B_04 Datasheet HTML 5Page - ATMEL Corporation TSS463B_04 Datasheet HTML 6Page - ATMEL Corporation TSS463B_04 Datasheet HTML 7Page - ATMEL Corporation TSS463B_04 Datasheet HTML 8Page - ATMEL Corporation TSS463B_04 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 59 page
background image
Rev. 4102E–AUTO–12/04
1
Features
Fully Compliant to VAN Specification ISO/11519-3
Handles All Specified Module Types
Handles All Specified Message Types
Handles Retransmission of Frames on Contention and Errors
3 Separate Line Inputs with Automatic Diagnosis and Selection
Normal or Pulsed (Optical and Radio Mode) Coding
VAN Transfer Rate: 1 Mbit/s Maximum
SPI/SCI Interface
SPI Transfer Rate: 4 Mbits/s Maximum
SCI Transfer Rate: 125 Kbits/s Maximum
Idle and Sleep Modes
128 Bytes of General Purpose RAM
14 Identifier Registers with All Bits Individually Maskable
6-source Maskable Interrupt Including an Interrupt-on-reset to Detect Glitches on the
Reset Pin
Integrated Crystal or Resonator Oscillator with Internal Baud Rate Generator and
Buffered Clock Output
Single +5V Power Supply
0.5
µm CMOS Technology
SO16 Package
Description
The TSS463B is a circuit that allows the transfer of all the status information needed in
a car or truck over a single low-cost wire pair, thereby minimizing electrical wire
usage. It can be used to interconnect powerful functions and to control and interface
car body electronics (lights, wipers, power window, etc.).
The TSS463B is fully compliant with the VAN ISO standard 11519-3. This standard
supports a wide range of applications such as low-cost remote controlled switches,
typically it is used for lamp control, up to complex, highly autonomous, distributed sys-
tems that require fast and secure data transfers.
The TSS463B is a microprocessor-interfaced line controller for mid-to-high complexity
bus-masters and listeners like dashboard controllers, car stereo or mobile telephone
CPUs.
The microprocessor interface consists of a 256-byte RAM and a register area divided
into 11 control registers, 14 channel register sets and 128 bytes of general-purpose
RAM, used as a message storage area, and a 6-source maskable interrupt.
The circuit operates in the RAM using DMA techniques, controlled by the channel and
control registers. This allows virtually any microprocessor, including SPI/SCI interface,
to be connected with ease to the TSS463B.
Messages are encoded in enhanced Manchester code, and an optional pulsed code
for use with an optical or radio link, at a maximum bit rate of 1 Mbit/s. The TSS463B
analyzes the messages received or transmitted according to 6 different criteria includ-
ing some higher level checks.
In addition, the bus interface has three separate inputs with automatic source diagno-
sis and selection, allowing for multibus listening or the automatic selection of the most
reliable source at any time if several line receivers are connected to the same bus.
VAN Data Link
Controller with
Serial Interface
TSS463B


Similar Part No. - TSS463B_04

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
TSS463B ATMEL-TSS463B_03 Datasheet
1Mb / 24P
   Serial VAN Data Link Controller
More results

Similar Description - TSS463B_04

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
TSS463C ATMEL-TSS463C Datasheet
701Kb / 59P
   VAN Data Link Controller with Serial Interface
TSS463B ATMEL-TSS463B Datasheet
512Kb / 59P
   VAN Data Link Controller with Serial Interface
TSS463-AA ATMEL-TSS463-AA_04 Datasheet
1Mb / 60P
   VAN Data Link Controller with Serial Interface
TSS463B ATMEL-TSS463B_03 Datasheet
1Mb / 24P
   Serial VAN Data Link Controller
TSS461F ATMEL-TSS461F Datasheet
606Kb / 57P
   VAN Data Link Controller
TSS461E ATMEL-TSS461E Datasheet
817Kb / 57P
   VAN Data Link Controller
TSS461C ATMEL-TSS461C_04 Datasheet
633Kb / 57P
   VAN Data Link Controller
TSS461E ATMEL-TSS461E_06 Datasheet
606Kb / 57P
   VAN Data Link Controller
logo
TEMIC Semiconductors
TSS463 TEMIC-TSS463 Datasheet
217Kb / 24P
   Van Controller Serial Interface
TSS461 TEMIC-TSS461 Datasheet
215Kb / 24P
   Van Controller Serial Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com