Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSC695F-25MA-E Datasheet(PDF) 4 Page - ATMEL Corporation

Part # TSC695F-25MA-E
Description  Rad-Hard 32-bit SPARC Embedded Processor
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TSC695F-25MA-E Datasheet(HTML) 4 Page - ATMEL Corporation

  TSC695F-25MA-E Datasheet HTML 1Page - ATMEL Corporation TSC695F-25MA-E Datasheet HTML 2Page - ATMEL Corporation TSC695F-25MA-E Datasheet HTML 3Page - ATMEL Corporation TSC695F-25MA-E Datasheet HTML 4Page - ATMEL Corporation TSC695F-25MA-E Datasheet HTML 5Page - ATMEL Corporation TSC695F-25MA-E Datasheet HTML 6Page - ATMEL Corporation TSC695F-25MA-E Datasheet HTML 7Page - ATMEL Corporation TSC695F-25MA-E Datasheet HTML 8Page - ATMEL Corporation TSC695F-25MA-E Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
4
TSC695F
4118J–AERO–08/04
System Architecture
The TSC695F is to be used as an embedded processor requiring only memory and
application specific peripherals to be added to form a complete on-board computer. All
other system support functions are provided by the core.
Figure 2. System Architecture Based on TSC695F
IU
FPU
Memory
A[31:0]
Ax[31:0]
TSC695F
DMA Unit
Local
Memory
DMAGNT
DMAREQ
DMAAS
RAMCtrl
(ROMCS, EXMCS, IOSEL[3:0], MEMWR, IOWR, OE, BUSRDY,...)
(0 WS)
RAM
Boot PROM
Xtd PROM
Xchg Mem
Xtd RAM
Xtd I/O
Xtd general
I/O 0
to
I/O 3
Memory
Glue
Logic
DMA
DMA
(MEMCS[9:0], MEMWR, OE)
(BUFFEN, DDIR)
Interface
User
Peripherals
Application
MEMCtrl


Similar Part No. - TSC695F-25MA-E

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
TSC695F-25MA-E ATMEL-TSC695F-25MA-E Datasheet
2Mb / 42P
   Rad-Hard 32-bit SPARC Embedded Processor
More results

Similar Description - TSC695F-25MA-E

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
TSC695F ATMEL-TSC695F Datasheet
2Mb / 42P
   Rad-Hard 32-bit SPARC Embedded Processor
TSC695FL ATMEL-TSC695FL Datasheet
3Mb / 42P
   Low-Voltage Rad-Hard 32-bit SPARC Embedded Processor
AT697F ATMEL-AT697F Datasheet
4Mb / 155P
   Rad-Hard 32 bit SPARC V8 Processor
AT697E ATMEL-AT697E_14 Datasheet
264Kb / 7P
   Rad-Hard 32-bit SPARC v8 Processor
AT697E ATMEL-AT697E Datasheet
227Kb / 16P
   Rad-Hard 32 bit SPARC V8 Processor
AT697E ATMEL-AT697E_06 Datasheet
77Kb / 7P
   Rad-Hard 32 bit SPARC V8 Processor
AT697E ATMEL-AT697E_09 Datasheet
3Mb / 154P
   Rad-Hard 32 bit SPARC V8 Processor
TSC21020F ATMEL-TSC21020F Datasheet
697Kb / 50P
   Rad. Hard 32/40-bit IEEE Floating Point DSP
logo
Intel Corporation
376 INTEL-376 Datasheet
1Mb / 95P
   376TM HIGH PERFORMANCE 32-BIT EMBEDDED PROCESSOR
logo
Freescale Semiconductor...
MCIMX233DJM4C FREESCALE-MCIMX233DJM4C Datasheet
298Kb / 2P
   i.MX233 Applications Processor 32-bit Embedded Microprocessor ??ARM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com