Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T89C51CC01CA-SLSIM Datasheet(PDF) 1 Page - ATMEL Corporation

Part # T89C51CC01CA-SLSIM
Description  Enhanced 8-bit Microcontroller with CAN Controller and Flash Memory
Download  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51CC01CA-SLSIM Datasheet(HTML) 1 Page - ATMEL Corporation

  T89C51CC01CA-SLSIM Datasheet HTML 1Page - ATMEL Corporation T89C51CC01CA-SLSIM Datasheet HTML 2Page - ATMEL Corporation T89C51CC01CA-SLSIM Datasheet HTML 3Page - ATMEL Corporation T89C51CC01CA-SLSIM Datasheet HTML 4Page - ATMEL Corporation T89C51CC01CA-SLSIM Datasheet HTML 5Page - ATMEL Corporation T89C51CC01CA-SLSIM Datasheet HTML 6Page - ATMEL Corporation T89C51CC01CA-SLSIM Datasheet HTML 7Page - ATMEL Corporation T89C51CC01CA-SLSIM Datasheet HTML 8Page - ATMEL Corporation T89C51CC01CA-SLSIM Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 167 page
background image
Rev. 4129N–CAN–03/08
1
Features
80C51 Core Architecture
256 Bytes of On-chip RAM
1K Bytes of On-chip XRAM
32K Bytes of On-chip Flash Memory
– Data Retention: 10 Years at 85°C
Erase/Write Cycle: 100K
Boot Code Section with Independent Lock Bits
2K Bytes of On-chip Flash for Bootloader
In-System Programming by On-Chip Boot Program (CAN, UART) and IAP Capability
2K Bytes of On-chip EEPROM
Erase/Write Cycle: 100K
14-sources 4-level Interrupts
Three 16-bit Timers/Counters
Full Duplex UART Compatible 80C51
Maximum Crystal Frequency 40 MHz, in X2 Mode, 20 MHz (CPU Core, 20 MHz)
Five Ports: 32 + 2 Digital I/O Lines
Five-channel 16-bit PCA with:
– PWM (8-bit)
– High-speed Output
– Timer and Edge Capture
Double Data Pointer
21-bit Watchdog Timer (7 Programmable Bits)
A 10-bit Resolution Analog to Digital Converter (ADC) with 8 Multiplexed Inputs
Full CAN Controller:
– Fully Compliant with CAN Rev2.0A and 2.0B
– Optimized Structure for Communication Management (Via SFR)
– 15 Independent Message Objects:
Each Message Object Programmable on Transmission or Reception
Individual Tag and Mask Filters up to 29-bit Identifier/Channel
8-byte Cyclic Data Register (FIFO)/Message Object
16-bit Status and Control Register/Message Object
16-bit Time-Stamping Register/Message Object
CAN Specification 2.0 Part A or 2.0 Part B Programmable for Each Message
Object
Access to Message Object Control and Data Registers Via SFR
Programmable Reception Buffer Length Up To 15 Message Objects
Priority Management of Reception of Hits on Several Message Objects at the
Same Time (Basic CAN Feature)
Priority Management for Transmission
Message Object Overrun Interrupt
– Supports:
Time Triggered Communication
Autobaud and Listening Mode
Programmable Automatic Reply Mode
– 1-Mbit/s Maximum Transfer Rate at 8 MHz (1) Crystal Frequency in X2 Mode
– Readable Error Counters
– Programmable Link to On-chip Timer for Time Stamping and Network
Synchronization
– Independent Baud Rate Prescaler
– Data, Remote, Error and Overload Frame Handling
On-chip Emulation Logic (Enhanced Hook System)
Power Saving Modes:
– Idle Mode
– Power-down Mode
1.
At BRP = 1 sampling point will be fixed.
Enhanced 8-bit
Microcontroller
with CAN
Controller and
Flash Memory
T89C51CC01
AT89C51CC01


Similar Part No. - T89C51CC01CA-SLSIM

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T89C51CC01CA-SLSIM ATMEL-T89C51CC01CA-SLSIM Datasheet
1Mb / 170P
   Enhanced 8-bit Microcontroller with CAN Controller and Flash Memory
T89C51CC01CA-SLSIM ATMEL-T89C51CC01CA-SLSIM Datasheet
1Mb / 160P
   Enhanced 8-bit Microcontroller with CAN Controller and Flash Memory
More results

Similar Description - T89C51CC01CA-SLSIM

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T89C51CC01 ATMEL-T89C51CC01_03 Datasheet
1Mb / 160P
   Enhanced 8-bit Microcontroller with CAN Controller and Flash Memory
T89C51CC02_0305 ATMEL-T89C51CC02_0305 Datasheet
1,003Kb / 145P
   Enhanced 8-bit Microcontroller with CAN Controller and Flash Memory
AT89C51CC01 ATMEL-AT89C51CC01 Datasheet
1Mb / 170P
   Enhanced 8-bit Microcontroller with CAN Controller and Flash Memory
T89C51CC02 ATMEL-T89C51CC02_06 Datasheet
1Mb / 156P
   Enhanced 8-bit Microcontroller with CAN Controller and Flash
T89C51CC02 ATMEL-T89C51CC02 Datasheet
1Mb / 154P
   Enhanced 8-bit Microcontroller with CAN Controller and Flash
T89C51CC02 ATMEL-T89C51CC02_08 Datasheet
1Mb / 159P
   Enhanced 8-bit Microcontroller with CAN Controller and Flash
AT89C51CC03 ATMEL-AT89C51CC03_06 Datasheet
2Mb / 197P
   Enhanced 8-bit MCU with CAN Controller and Flash Memory
AT89C51CC03 ATMEL-AT89C51CC03_03 Datasheet
1Mb / 183P
   Enhanced 8-bit MCU with CAN Controller and Flash Memory
AT89C51CC03 ATMEL-AT89C51CC03 Datasheet
2Mb / 195P
   Enhanced 8-bit MCU with CAN Controller and Flash Memory
T89C51CC01 ATMEL-T89C51CC01 Datasheet
1Mb / 146P
   Enhanced 8-bit MCU with CAN controller and Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com