Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962-8956809QNC Datasheet(PDF) 7 Page - ATMEL Corporation

Part # 5962-8956809QNC
Description  Rad. Tolerant High Speed 4 Kb x 9 Parallel FIFO
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

5962-8956809QNC Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button 5962-8956809QNC Datasheet HTML 3Page - ATMEL Corporation 5962-8956809QNC Datasheet HTML 4Page - ATMEL Corporation 5962-8956809QNC Datasheet HTML 5Page - ATMEL Corporation 5962-8956809QNC Datasheet HTML 6Page - ATMEL Corporation 5962-8956809QNC Datasheet HTML 7Page - ATMEL Corporation 5962-8956809QNC Datasheet HTML 8Page - ATMEL Corporation 5962-8956809QNC Datasheet HTML 9Page - ATMEL Corporation 5962-8956809QNC Datasheet HTML 10Page - ATMEL Corporation 5962-8956809QNC Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7
M67204H
4141J–AERO–04/07
Note:
1. Pointer will increment if flag is high.
Note:
1. XI is connected to XO of previous device.
See Figure 4.
Depth Expansion (Daisy
Chain) Mode
The M67204H can be easily adapted for applications which require more than 4096
words. Figure 4 demonstrates Depth Expansion using three M67204H. Any depth can
be achieved by adding additional M67204H.
The M67204H operates in the Depth Expansion configuration if the following conditions
are met:
1.
The first device must be designated by connecting the First Load (FL) control
input to ground.
2.
All other devices must have FL in the high state.
3.
The Expansion Out (XO) pin of each device must be connected to the Expansion In
(XI) pin of the next device. See Figure 4.
4.
External logic is needed to generate a composite Full Flag (FF) and Empty Flag
(EF). This requires that all EF’s and all FFs be ORed (i.e. all must be set to generate the
correct composite FF or EF). See Figure 4.
5.
The Retransmit (RT) function and Half-Full Flag (HF) are not available in the Depth
Expansion Mode.
Compound Expansion
Module
It is quite simple to apply the two expansion techniques described above together to cre-
ate large FIFO arrays (see Figure 5).
Table 1. Reset and Retransmit
Single Device Configuration/Width Expansion Mode
Mode
Inputs
Internal Status
Outputs
RS
RT
XI
Read Pointer
Write Pointer
EF
FF
HF
Reset
0
X
0
Location Zero
Location Zero
0
1
1
Retransmit
1
0
0
Location Zero
Unchanged
X
X
X
Read/Write
1
1
0
Increment
Increment(1)
X
X
X
Table 2. Reset and First Load Truth Table
Depth Expansion/Compound Expansion Mode
Mode
Inputs
Internal Status
Outputs
RS
RT
XI
Read Pointer
Write Pointer
EF
FF
Reset First Device
0
0
(1)
Location Zero
Location Zero
0
1
Reset All Other Devices
0
1
(1)
Location Zero
Location Zero
0
1
Read/Write
1
X
(1)
X
X
X
X


Similar Part No. - 5962-8956809QNC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962-89503012A TI-5962-89503012A Datasheet
404Kb / 19P
[Old version datasheet]   LinCMOSE TIMERS
5962-89503012A TI1-5962-89503012A Datasheet
1Mb / 25P
[Old version datasheet]   LinCMOSE TIMERS
5962-8950301PA TI-5962-8950301PA Datasheet
404Kb / 19P
[Old version datasheet]   LinCMOSE TIMERS
5962-8950301PA TI1-5962-8950301PA Datasheet
1Mb / 25P
[Old version datasheet]   LinCMOSE TIMERS
5962-89503022A TI-5962-89503022A Datasheet
236Kb / 18P
[Old version datasheet]   DUAL LinCMOSE TIMERS
More results

Similar Description - 5962-8956809QNC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
M67206H ATMEL-M67206H Datasheet
2Mb / 20P
   Rad. Tolerant High Speed 16 Kb x 9 Parallel FIFO
M672061H ATMEL-M672061H Datasheet
2Mb / 20P
   Rad. Tolerant High Speed 16 Kb x 9 Parallel FIFO with Programmable Flag
M67025E ATMEL-M67025E Datasheet
531Kb / 27P
   Rad. Tolerant High Speed 8 Kb x 16 Dual Port RAM
M67025E ATMEL-M67025E_07 Datasheet
693Kb / 27P
   Rad. Tolerant High Speed 8 Kb x 16 Dual Port RAM
logo
Maxwell Technologies
7206F MAXWELL-7206F Datasheet
208Kb / 15P
   High-Speed Epi-CMOS (16K x 9-Bit) Parallel FIFO
logo
Integrated Device Techn...
IDT72103 IDT-IDT72103 Datasheet
314Kb / 31P
   CMOS PARALLEL-SERIAL FIFO 2048 x 9, 4096 x 9
logo
Sharp Corporation
LH5493 SHARP-LH5493 Datasheet
839Kb / 16P
   4K x 9 Parallel-to Serial FIFO
logo
Texas Instruments
UC1825A-DIE TI-UC1825A-DIE_15 Datasheet
153Kb / 5P
[Old version datasheet]   RAD-TOLERANT, HIGH-SPEED PWM CONTROLLER
logo
Integrated Device Techn...
IDT72131 IDT-IDT72131 Datasheet
126Kb / 13P
   CMOS PARALLEL-TO-SERIAL FIFO 2048 X 9 4096 X 9
logo
Texas Instruments
UC1825-DIE TI-UC1825-DIE_15 Datasheet
120Kb / 5P
[Old version datasheet]   RAD-TOLERANT, HIGH-SPEED PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com