Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962-9317707VTC Datasheet(PDF) 6 Page - ATMEL Corporation

Part # 5962-9317707VTC
Description  Rad. Tolerant High Speed 16 Kb x 9 Parallel FIFO
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

5962-9317707VTC Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button 5962-9317707VTC Datasheet HTML 2Page - ATMEL Corporation 5962-9317707VTC Datasheet HTML 3Page - ATMEL Corporation 5962-9317707VTC Datasheet HTML 4Page - ATMEL Corporation 5962-9317707VTC Datasheet HTML 5Page - ATMEL Corporation 5962-9317707VTC Datasheet HTML 6Page - ATMEL Corporation 5962-9317707VTC Datasheet HTML 7Page - ATMEL Corporation 5962-9317707VTC Datasheet HTML 8Page - ATMEL Corporation 5962-9317707VTC Datasheet HTML 9Page - ATMEL Corporation 5962-9317707VTC Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
M67206H
4143J–AERO–04/07
Functional Description
Single Device Mode
A single M67206H may be used when the application requirements are for 16384 words
or less. The M67206H is in a Single Device Configuration when the Expansion In (XI) control
input is grounded (see Figure 2). In this mode the Half-Full Flag (HF), which is an active low
output, is shared with Expansion Out (XO).
Figure 2. Block Diagram of Single 16384 bits × 9
Width Expansion Mode
Word width may be increased simply by connecting the corresponding input control sig-
nals of multiple devices. Status flags (EF, FF and HF) can be detected from any device.
Figure 3 demonstrates an 18-bit word width by using two M67206H. Any word width can be
attained by adding additional M67206H.
Figure 3. Block Diagram of 16384 bits x 18 FIFO Memory Used in Width Expansion Mode
Note:
Flag detection is accomplished by monitoring the FF, EF and the HF signals on either (any) device used in the width expansion
configuration. Do not connect any output control signals together.
(HALF-FULL FLAG)
WRITE
(W)
(R)
READ
DATAIN
9
(I)
DATAOUT
9
(Q)
FULL FLAG
RESET
(FF)
(RS)
EMPTY FLAG
RETRANSMIT
(EF)
(RT)
EXPANSION IN (XI)
HF
M67206H
HF
H


Similar Part No. - 5962-9317707VTC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
5962-9317709QNC ATMEL-5962-9317709QNC Datasheet
2Mb / 20P
   Rad. Tolerant High Speed 16 Kb x 9 Parallel FIFO with Programmable Flag
5962-9317709QTC ATMEL-5962-9317709QTC Datasheet
2Mb / 20P
   Rad. Tolerant High Speed 16 Kb x 9 Parallel FIFO with Programmable Flag
5962-9317709VNC ATMEL-5962-9317709VNC Datasheet
2Mb / 20P
   Rad. Tolerant High Speed 16 Kb x 9 Parallel FIFO with Programmable Flag
5962-9317709VTC ATMEL-5962-9317709VTC Datasheet
2Mb / 20P
   Rad. Tolerant High Speed 16 Kb x 9 Parallel FIFO with Programmable Flag
More results

Similar Description - 5962-9317707VTC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
M67204H ATMEL-M67204H Datasheet
1Mb / 20P
   Rad. Tolerant High Speed 4 Kb x 9 Parallel FIFO
M672061H ATMEL-M672061H Datasheet
2Mb / 20P
   Rad. Tolerant High Speed 16 Kb x 9 Parallel FIFO with Programmable Flag
M67025E ATMEL-M67025E Datasheet
531Kb / 27P
   Rad. Tolerant High Speed 8 Kb x 16 Dual Port RAM
M67025E ATMEL-M67025E_07 Datasheet
693Kb / 27P
   Rad. Tolerant High Speed 8 Kb x 16 Dual Port RAM
logo
Maxwell Technologies
7206F MAXWELL-7206F Datasheet
208Kb / 15P
   High-Speed Epi-CMOS (16K x 9-Bit) Parallel FIFO
logo
Integrated Device Techn...
IDT72103 IDT-IDT72103 Datasheet
314Kb / 31P
   CMOS PARALLEL-SERIAL FIFO 2048 x 9, 4096 x 9
logo
Sharp Corporation
LH5493 SHARP-LH5493 Datasheet
839Kb / 16P
   4K x 9 Parallel-to Serial FIFO
logo
Texas Instruments
UC1825A-DIE TI-UC1825A-DIE_15 Datasheet
153Kb / 5P
[Old version datasheet]   RAD-TOLERANT, HIGH-SPEED PWM CONTROLLER
logo
Integrated Device Techn...
IDT72131 IDT-IDT72131 Datasheet
126Kb / 13P
   CMOS PARALLEL-TO-SERIAL FIFO 2048 X 9 4096 X 9
logo
Texas Instruments
UC1825-DIE TI-UC1825-DIE_15 Datasheet
120Kb / 5P
[Old version datasheet]   RAD-TOLERANT, HIGH-SPEED PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com