Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962-9317708VTC Datasheet(PDF) 1 Page - ATMEL Corporation

Part # 5962-9317708VTC
Description  Rad. Tolerant High Speed 16 Kb x 9 Parallel FIFO
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

5962-9317708VTC Datasheet(HTML) 1 Page - ATMEL Corporation

  5962-9317708VTC Datasheet HTML 1Page - ATMEL Corporation 5962-9317708VTC Datasheet HTML 2Page - ATMEL Corporation 5962-9317708VTC Datasheet HTML 3Page - ATMEL Corporation 5962-9317708VTC Datasheet HTML 4Page - ATMEL Corporation 5962-9317708VTC Datasheet HTML 5Page - ATMEL Corporation 5962-9317708VTC Datasheet HTML 6Page - ATMEL Corporation 5962-9317708VTC Datasheet HTML 7Page - ATMEL Corporation 5962-9317708VTC Datasheet HTML 8Page - ATMEL Corporation 5962-9317708VTC Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Rev. 4143J–AERO–04/07
1
Features
First-in First-out Dual Port Memory
16384 bits x 9 Organization
Fast Flag and Access Times: 15, 30 ns
Wide Temperature Range: - 55°C to + 125°C
Fully Expandable by Word Width or Depth
Asynchronous Read/Write Operations
Empty, Full and Half Flags in Single Device Mode
Retransmit Capability
Bi-directional Applications
Battery Back-up Operation: 2V Data Retention
TTL Compatible
Single 5V ± 10% Power Supply
No Single Event Latch-up below a LET Threshold of 80 MeV/mg/cm2
Tested up to a Total Dose of 30 krads (Si) according to MIL STD 883 Method 1019
Quality grades: QML Q and V with SMD 5962-93177 and ESCC with specification
9301/048
Description
The M67206H implements a first-in first-out algorithm, featuring asynchronous
read/write operations. The FULL and EMPTY flags prevent data overflow and under-
flow. The Expansion logic allows unlimited expansion in word size and depth with no
timing penalties. Twin address pointers automatically generate internal read and write
addresses, and no external address information is required. Address pointers are
automatically incremented with the write pin and read pin. The 9 bits wide data are
used in data communications applications where a parity bit for error checking is nec-
essary. The Retransmit pin resets the Read pointer to zero without affecting the write
pointer. This is very useful for retransmitting data when an error is detected in the
system.
Using an array of eight transistors (8T) memory cell, the M67206H combines an
extremely low standby supply current (typ = 0.1 µA) with a fast access time at 15 ns
over the full temperature range. All versions offer battery backup data retention capa-
bility with a typical power consumption at less than 2 µW.
The M67206H is processed according to the methods of the latest revision of the MIL
PRF 38535 (Q and V) or ESCC 9000.
Rad. Tolerant
High Speed
16 Kb x 9
Parallel FIFO
M67206H


Similar Part No. - 5962-9317708VTC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
5962-9317709QNC ATMEL-5962-9317709QNC Datasheet
2Mb / 20P
   Rad. Tolerant High Speed 16 Kb x 9 Parallel FIFO with Programmable Flag
5962-9317709QTC ATMEL-5962-9317709QTC Datasheet
2Mb / 20P
   Rad. Tolerant High Speed 16 Kb x 9 Parallel FIFO with Programmable Flag
5962-9317709VNC ATMEL-5962-9317709VNC Datasheet
2Mb / 20P
   Rad. Tolerant High Speed 16 Kb x 9 Parallel FIFO with Programmable Flag
5962-9317709VTC ATMEL-5962-9317709VTC Datasheet
2Mb / 20P
   Rad. Tolerant High Speed 16 Kb x 9 Parallel FIFO with Programmable Flag
More results

Similar Description - 5962-9317708VTC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
M67204H ATMEL-M67204H Datasheet
1Mb / 20P
   Rad. Tolerant High Speed 4 Kb x 9 Parallel FIFO
M672061H ATMEL-M672061H Datasheet
2Mb / 20P
   Rad. Tolerant High Speed 16 Kb x 9 Parallel FIFO with Programmable Flag
M67025E ATMEL-M67025E Datasheet
531Kb / 27P
   Rad. Tolerant High Speed 8 Kb x 16 Dual Port RAM
M67025E ATMEL-M67025E_07 Datasheet
693Kb / 27P
   Rad. Tolerant High Speed 8 Kb x 16 Dual Port RAM
logo
Maxwell Technologies
7206F MAXWELL-7206F Datasheet
208Kb / 15P
   High-Speed Epi-CMOS (16K x 9-Bit) Parallel FIFO
logo
Integrated Device Techn...
IDT72103 IDT-IDT72103 Datasheet
314Kb / 31P
   CMOS PARALLEL-SERIAL FIFO 2048 x 9, 4096 x 9
logo
Sharp Corporation
LH5493 SHARP-LH5493 Datasheet
839Kb / 16P
   4K x 9 Parallel-to Serial FIFO
logo
Texas Instruments
UC1825A-DIE TI-UC1825A-DIE_15 Datasheet
153Kb / 5P
[Old version datasheet]   RAD-TOLERANT, HIGH-SPEED PWM CONTROLLER
logo
Integrated Device Techn...
IDT72131 IDT-IDT72131 Datasheet
126Kb / 13P
   CMOS PARALLEL-TO-SERIAL FIFO 2048 X 9 4096 X 9
logo
Texas Instruments
UC1825-DIE TI-UC1825-DIE_15 Datasheet
120Kb / 5P
[Old version datasheet]   RAD-TOLERANT, HIGH-SPEED PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com