Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MG2RTP Datasheet(PDF) 2 Page - ATMEL Corporation

Part # MG2RTP
Description  Rad Hard 190K Used Gates 0.5 關m CMOS Sea of Gates
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

MG2RTP Datasheet(HTML) 2 Page - ATMEL Corporation

  MG2RTP Datasheet HTML 1Page - ATMEL Corporation MG2RTP Datasheet HTML 2Page - ATMEL Corporation MG2RTP Datasheet HTML 3Page - ATMEL Corporation MG2RTP Datasheet HTML 4Page - ATMEL Corporation MG2RTP Datasheet HTML 5Page - ATMEL Corporation MG2RTP Datasheet HTML 6Page - ATMEL Corporation MG2RTP Datasheet HTML 7Page - ATMEL Corporation MG2RTP Datasheet HTML 8Page - ATMEL Corporation MG2RTP Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
4116M–AERO–06/06
MG2RTP
The MG2RTP Library allows straight forward migration from the MG1, MG1RT, MG2 and
MG2RT Sea of Gates.
A netlist based on this library can be simulated as either MG2RTP or MG2RT. It can also be sim-
ulated as MG2, provided there are no SEU Free cells.
Table 1. List of Available MG2RTP Matrices
Note:
1. Not available for new designs.
Libraries
The MG2RTP cell library has been designed to take full advantage of the features offered by
both logic and test synthesis tools.
Design testability is assured by the full support of SCAN, JTAG (IEEE 1149) and BIST
methodologies.
More complex macro functions are available in VHDL, such as Two-Wire Interface (TWI), UART,
Timer.
Block Generators
Block generators are used to create a customer specific simulation model and metallisation pat-
tern for regular functions like RAM and DPRAM. The basic cell architecture allows one bit per
cell for RAM and DPRAM. The main characteristics of these generators are summarized below.
Type
Total Gates
Typical Usable Gates
Maximum
Programmable I/Os
Total Pads
MG2044P
44616
31200
146
165
MG2142P
142128
99500
262
281
MG2270P(1)
270015
189000
360
377
Function
Maximum
Size (bits)
Bits/Word
Typical Characteristics (16K bits) at5V
Access Time (ns)
Used cells
RAM
32K
1-36
12
20K
DPRAM
32K
1-36
14
23K


Similar Part No. - MG2RTP

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
MG2RTP ATMEL-MG2RTP_14 Datasheet
168Kb / 14P
   Library Optimized for Synthesis, Floor Plan and Automatic Test Generation
More results

Similar Description - MG2RTP

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
MG2RT ATMEL-MG2RT Datasheet
211Kb / 13P
   Rad Tolerant 350K Used Gates 0.5 關m CMOS Sea of Gates
MG2 ATMEL-MG2 Datasheet
208Kb / 13P
   350K Used Gates 0.5 關m CMOS Sea of Gates
MH1RT ATMEL-MH1RT_07 Datasheet
239Kb / 20P
   Rad Hard 1.6M Used Gates 0.35 關m CMOS Sea of Gates/ Embedded Array
MH1 ATMEL-MH1 Datasheet
259Kb / 17P
   1.6M Used Gates 0.35 關m CMOS Sea of Gates/ Embedded Array
logo
OKI electronic componet...
MSM13Q OKI-MSM13Q Datasheet
227Kb / 20P
   0.35 關m Sea of Gates Arrays
MG113P OKI-MG113P Datasheet
278Kb / 22P
   0.25關m Sea of Gates and Customer Structured Arrays
logo
Texas Instruments
CD4002BPW TI-CD4002BPW Datasheet
523Kb / 12P
[Old version datasheet]   CMOS NOR Gates
logo
Intersil Corporation
CD4011BMS INTERSIL-CD4011BMS Datasheet
109Kb / 9P
   CMOS NAND Gates
November 1994
logo
Texas Instruments
CD4073B TI-CD4073B Datasheet
223Kb / 5P
[Old version datasheet]   CMOS AND GATES
CD4012A TI-CD4012A Datasheet
200Kb / 4P
[Old version datasheet]   CMOS NAND Gates
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com