Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MG2RTP Datasheet(PDF) 13 Page - ATMEL Corporation

Part # MG2RTP
Description  Rad Hard 190K Used Gates 0.5 關m CMOS Sea of Gates
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

MG2RTP Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button MG2RTP Datasheet HTML 6Page - ATMEL Corporation MG2RTP Datasheet HTML 7Page - ATMEL Corporation MG2RTP Datasheet HTML 8Page - ATMEL Corporation MG2RTP Datasheet HTML 9Page - ATMEL Corporation MG2RTP Datasheet HTML 10Page - ATMEL Corporation MG2RTP Datasheet HTML 11Page - ATMEL Corporation MG2RTP Datasheet HTML 12Page - ATMEL Corporation MG2RTP Datasheet HTML 13Page - ATMEL Corporation MG2RTP Datasheet HTML 14Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
13
4116M–AERO–06/06
MG2RTP
Document Revision History
Changes from
4116L 06/05 to
4116M 06-06
1.
Correction to Table 4 on page 10 title.
Table 6. AC Characteristics - TJ = 25
°C, Process typical (all values in ns)
Cell
Description
Load
Transition
VDD
5V
3V
BINCMOS
CMOS input buffer
15 fan
Tplh
0.936
1.430
Tphl
0.776
1.085
BINTTL
TTL input buffer
16 fan
Tplh
0.983
1.423
Tphl
0.687
1.081
INV
Inverter
12 fan
Tplh
0.564
0.864
Tphl
0.382
0.487
NAND2
2 - input NAND
12 fan
Tplh
0.726
1.076
Tphl
0.599
0.809
FDFF
D flip-flop, Clk to Q
8 fan
Tplh
1.011
1.504
Tphl
0.889
1.360
Ts
0.400
0.615
Th
-0.158
-0.290
BUF4X
High drive internal buffer
51 fan
Tplh
0.813
1.182
Tphl
0.605
0.876
NOR2
2-Input NOR gate
8 fan
Tplh
0.722
1.204
Tphl
0.347
0.433
OAI22
4-input OR AND INVERT gate
8 fan
Tplh
0.773
1.287
Tphl
0.398
0.510
OSFF
D flip-flop with scan input, Clk to Q
8 fan
Tplh
0.981
1.462
Tphl
1.143
1.656
Ts
0.501
0.976
Th
-0.480
-0.791


Similar Part No. - MG2RTP

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
MG2RTP ATMEL-MG2RTP_14 Datasheet
168Kb / 14P
   Library Optimized for Synthesis, Floor Plan and Automatic Test Generation
More results

Similar Description - MG2RTP

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
MG2RT ATMEL-MG2RT Datasheet
211Kb / 13P
   Rad Tolerant 350K Used Gates 0.5 關m CMOS Sea of Gates
MG2 ATMEL-MG2 Datasheet
208Kb / 13P
   350K Used Gates 0.5 關m CMOS Sea of Gates
MH1RT ATMEL-MH1RT_07 Datasheet
239Kb / 20P
   Rad Hard 1.6M Used Gates 0.35 關m CMOS Sea of Gates/ Embedded Array
MH1 ATMEL-MH1 Datasheet
259Kb / 17P
   1.6M Used Gates 0.35 關m CMOS Sea of Gates/ Embedded Array
logo
OKI electronic componet...
MSM13Q OKI-MSM13Q Datasheet
227Kb / 20P
   0.35 關m Sea of Gates Arrays
MG113P OKI-MG113P Datasheet
278Kb / 22P
   0.25關m Sea of Gates and Customer Structured Arrays
logo
Texas Instruments
CD4002BPW TI-CD4002BPW Datasheet
523Kb / 12P
[Old version datasheet]   CMOS NOR Gates
logo
Intersil Corporation
CD4011BMS INTERSIL-CD4011BMS Datasheet
109Kb / 9P
   CMOS NAND Gates
November 1994
logo
Texas Instruments
CD4073B TI-CD4073B Datasheet
223Kb / 5P
[Old version datasheet]   CMOS AND GATES
CD4012A TI-CD4012A Datasheet
200Kb / 4P
[Old version datasheet]   CMOS NAND Gates
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com