Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MG2RT Datasheet(PDF) 11 Page - ATMEL Corporation

Part # MG2RT
Description  Rad Tolerant 350K Used Gates 0.5 關m CMOS Sea of Gates
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

MG2RT Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button MG2RT Datasheet HTML 5Page - ATMEL Corporation MG2RT Datasheet HTML 6Page - ATMEL Corporation MG2RT Datasheet HTML 7Page - ATMEL Corporation MG2RT Datasheet HTML 8Page - ATMEL Corporation MG2RT Datasheet HTML 9Page - ATMEL Corporation MG2RT Datasheet HTML 10Page - ATMEL Corporation MG2RT Datasheet HTML 11Page - ATMEL Corporation MG2RT Datasheet HTML 12Page - ATMEL Corporation MG2RT Datasheet HTML 13Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11
4115L–AERO–06/05
MG2RT
AC Characteristics
Table 5. AC Characteristics - TJ = 25
°C, Process typical (all values in ns)
Buffer
Description
Load
Transition
VDD
5V
3V
BOUT12
Output buffer with 12 mA drive
60 pf
Tplh
2.53
3.91
Tphl
2.76
3.64
BOUT3
Output buffer with 3 mA drive
60 pf
Tplh
4.63
7.22
Tphl
4.86
6.36
BOUTQ
Low noise output buffer with 12 mA drive
60 pf
Tplh
2.97
4.48
Tphl
4.36
6.24
B3STA3
3-state output buffer with 3 mA drive
60 pf
Tplh
4.73
7.35
Tphl
4.89
6.44
B3STA12
3-state output buffer with 12 mA drive
60 pf
Tplh
2.64
4.07
Tphl
2.79
3.72
B3STAQ
Low noise 3-state output buffer with 12 mA drive
60 pf
Tplh
3.01
4.61
Tphl
4.42
6.34


Similar Part No. - MG2RT

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
MG2RTP ATMEL-MG2RTP Datasheet
162Kb / 14P
   Rad Hard 190K Used Gates 0.5 關m CMOS Sea of Gates
MG2RTP ATMEL-MG2RTP_14 Datasheet
168Kb / 14P
   Library Optimized for Synthesis, Floor Plan and Automatic Test Generation
MG2RT ATMEL-MG2RT_14 Datasheet
225Kb / 13P
   Full Range of Matrices with up to 480K Gates
More results

Similar Description - MG2RT

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
MG2 ATMEL-MG2 Datasheet
208Kb / 13P
   350K Used Gates 0.5 關m CMOS Sea of Gates
MG2RTP ATMEL-MG2RTP Datasheet
162Kb / 14P
   Rad Hard 190K Used Gates 0.5 關m CMOS Sea of Gates
MH1RT ATMEL-MH1RT_07 Datasheet
239Kb / 20P
   Rad Hard 1.6M Used Gates 0.35 關m CMOS Sea of Gates/ Embedded Array
MH1 ATMEL-MH1 Datasheet
259Kb / 17P
   1.6M Used Gates 0.35 關m CMOS Sea of Gates/ Embedded Array
logo
OKI electronic componet...
MSM13Q OKI-MSM13Q Datasheet
227Kb / 20P
   0.35 關m Sea of Gates Arrays
MG113P OKI-MG113P Datasheet
278Kb / 22P
   0.25關m Sea of Gates and Customer Structured Arrays
logo
Texas Instruments
SN54AC02-SP TI1-SN54AC02-SP Datasheet
301Kb / 9P
[Old version datasheet]   RAD-TOLERANT CLASS V, QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SN54AC02-DIE TI1-SN54AC02-DIE Datasheet
85Kb / 5P
[Old version datasheet]   RAD-TOLERANT SPACE GRADE DIE, QUADRUPLE 2-INPUT POSITIVE-NOR GATES
CD4002BPW TI-CD4002BPW Datasheet
523Kb / 12P
[Old version datasheet]   CMOS NOR Gates
logo
Intersil Corporation
CD4011BMS INTERSIL-CD4011BMS Datasheet
109Kb / 9P
   CMOS NAND Gates
November 1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com