Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MG2 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # MG2
Description  350K Used Gates 0.5 關m CMOS Sea of Gates
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

MG2 Datasheet(HTML) 1 Page - ATMEL Corporation

  MG2 Datasheet HTML 1Page - ATMEL Corporation MG2 Datasheet HTML 2Page - ATMEL Corporation MG2 Datasheet HTML 3Page - ATMEL Corporation MG2 Datasheet HTML 4Page - ATMEL Corporation MG2 Datasheet HTML 5Page - ATMEL Corporation MG2 Datasheet HTML 6Page - ATMEL Corporation MG2 Datasheet HTML 7Page - ATMEL Corporation MG2 Datasheet HTML 8Page - ATMEL Corporation MG2 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Features
Full Range of Matrices with up to 480K Gates
0.5 µm Drawn CMOS, 3 Metal Layers, Sea of Gates
RAM and DPRAM Compilers
Library Optimized for Synthesis, Floor Plan and Automatic Test Generation (ATG)
3 and 5 Volts Operation; Single or Dual Supply Mode
High Speed Performances
– 420 ps Max NAND2 Propagation Delay at 4.5V, 670 ps at 2.7 and FO = 5
– Min 650 MHz Toggle Frequency at 4.5V and 340 MHz at 2.7V
Programmable PLL Available on Request
High System Frequency Skew Control through Clock Tree Synthesis Software
Low Power Consumption:
– 1.96 µW/Gate/MHz at 5V
– 0.6 µW/Gate/MHz at 3V
Integrated Power On Reset
Matrices With a Max of 484 Fully Programmable Pads
Standard 3, 6, 12 and 24 mA I/Os
Versatile I/O Cell: Input, Output, I/O, Supply, Oscillator
CMOS/TTL/PCI Interface
ESD (2 KV) and Latch-up Protected I/O
High Noise and EMC Immunity:
– I/O with Slew Rate Control
– Internal Decoupling
– Signal Filtering between Periphery and Core
– Application Dependent Supply Routing and Several Independent Supply Sources
Wide Range of Hermetic and Plastic Packages
Delivery in Die Form with 94.6 µm Pad Pitch
Advanced CAD Support: Floor Plan, Proprietary Delay Models, Timing Driven Layout,
Power Management
Cadence®, Mentor, Vital and Synopsys® Reference Platforms
EDIF and VHDL Reference Formats
Available In Commercial, Industrial and Military Quality Grades (for Space Application
see MG2RT and MG2RTP Specifications)
QML Q with SMD 5962-00B02
Description
The MG2 series is a 0.5 micron, array based, CMOS product family. Several arrays up
to 480K gates cover most system integration needs. The MG2 is manufactured using
a 0.5 micron drawn, 3 metal layers CMOS process, called SCMOS 3/2.
The base cell architecture of the MG2 series provides high routability of logic with
extremely dense compiled memories: RAM and DPRAM. ROM can be generated
using synthesis tools.
Accurate control of clock distribution can be achieved by PLL hardware and CTS
(Clock Tree Synthesis) software. New noise prevention techniques are applied in the
array and in the periphery: three or more independent supplies, internal decoupling,
customization dependent supply routing, noise filtering, skew controlled I/Os, low
swing differential I/Os, all contribute to improve the noise immunity and reduce the
emission level.
The MG2 is supported by an advanced software environment based on industry stan-
dards linking proprietary and commercial tools. Verilog, Modelsim, Design Compiler
are the reference front-end tools. Floor planning associated with timing driven layout
provides a short back-end cycle.
The MG2 library allows straight forward migration from MG1 Sea of Gates. A netlist
based on this library can be simulated as either MG2, or MG2RT or MG2RTP.
4137O–AERO–06/05
350K Used Gates
0.5 µm CMOS
Sea of Gates
MG2


Similar Part No. - MG2

ManufacturerPart #DatasheetDescription
logo
Stackpole Electronics, ...
MG2 SEI-MG2 Datasheet
334Kb / 6P
   High Voltage Metal Glaze Resistor
5/4/2022
logo
List of Unclassifed Man...
MG200 ETC-MG200 Datasheet
63Kb / 2P
   EnFlex MG-200 Control Server Gateway
MG200 ETC-MG200 Datasheet
36Kb / 1P
   2400 MHz Mobile Antenna
logo
MicroPower Direct, LLC
MG200E MPD-MG200E Datasheet
324Kb / 2P
   MG200xE SERIES
MG200EI MPD-MG200EI Datasheet
347Kb / 2P
   MG200xEI SERIES
More results

Similar Description - MG2

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
MG2RT ATMEL-MG2RT Datasheet
211Kb / 13P
   Rad Tolerant 350K Used Gates 0.5 關m CMOS Sea of Gates
MG2RTP ATMEL-MG2RTP Datasheet
162Kb / 14P
   Rad Hard 190K Used Gates 0.5 關m CMOS Sea of Gates
MH1 ATMEL-MH1 Datasheet
259Kb / 17P
   1.6M Used Gates 0.35 關m CMOS Sea of Gates/ Embedded Array
MH1RT ATMEL-MH1RT_07 Datasheet
239Kb / 20P
   Rad Hard 1.6M Used Gates 0.35 關m CMOS Sea of Gates/ Embedded Array
logo
OKI electronic componet...
MSM13Q OKI-MSM13Q Datasheet
227Kb / 20P
   0.35 關m Sea of Gates Arrays
MG113P OKI-MG113P Datasheet
278Kb / 22P
   0.25關m Sea of Gates and Customer Structured Arrays
logo
Texas Instruments
CD4002BPW TI-CD4002BPW Datasheet
523Kb / 12P
[Old version datasheet]   CMOS NOR Gates
logo
Intersil Corporation
CD4011BMS INTERSIL-CD4011BMS Datasheet
109Kb / 9P
   CMOS NAND Gates
November 1994
logo
Texas Instruments
CD4073B TI-CD4073B Datasheet
223Kb / 5P
[Old version datasheet]   CMOS AND GATES
CD4012A TI-CD4012A Datasheet
200Kb / 4P
[Old version datasheet]   CMOS NAND Gates
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com