Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6341IRZ Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL6341IRZ
Description  5V or 12V Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6341IRZ Datasheet(HTML) 4 Page - Intersil Corporation

  ISL6341IRZ Datasheet HTML 1Page - Intersil Corporation ISL6341IRZ Datasheet HTML 2Page - Intersil Corporation ISL6341IRZ Datasheet HTML 3Page - Intersil Corporation ISL6341IRZ Datasheet HTML 4Page - Intersil Corporation ISL6341IRZ Datasheet HTML 5Page - Intersil Corporation ISL6341IRZ Datasheet HTML 6Page - Intersil Corporation ISL6341IRZ Datasheet HTML 7Page - Intersil Corporation ISL6341IRZ Datasheet HTML 8Page - Intersil Corporation ISL6341IRZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4
FN6538.2
December 2, 2008
Absolute Maximum Ratings
Thermal Information
Supply Voltage, (VCC) . . . . . . . . . . . . . . . . . . . . GND - 0.3V to 15V
BOOT Voltage (VBOOT-GND). . . . . . . . . . . . . . . . GND - 0.3V to 36V
BOOT to PHASE Voltage (VBOOT - VPHASE) . . . GND - 0.3V to 15V
-0.3V to 16V (<10ns, 10µJ)
UGATE Voltage (VUGATE) . . . . . . . VPHASE - 0.3V to VBOOT + 0.3V
VPHASE - 3.5V (<100ns Pulse Width, 2µJ) to VBOOT +0.3V
LGATE/OCSET Voltage (VLGATE). . . . . .GND - 0.3V to VCC + 0.3V
GND - 5V (<100ns Pulse Width, 2µJ) to VCC + 0.3V
PHASE Voltage (VPHASE) . . . . . . . . . .GND - 0.3V to VBOOT + 0.3V
GND - 8V (<400ns, 20µJ) to 30V (<200ns, VBOOT-GND <36V)
FB, VOS, COMP/EN Voltage . . . . . . . . . . . . . . . . . GND - 0.3V to 6V
PGOOD Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . GND - 0.3V to 7V
Thermal Resistance (Typical)
θJA (°C/W) θJC (°C/W)
10 Ld TDFN Package (Notes 1, 2). . . .
44
3.5
Maximum Power Dissipation. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.0W
Maximum Junction Temperature (Plastic Package) . . . . . . . +150°C
Maximum Storage Temperature Range . . . . . . . . . -65°C to +150°C
Pb-free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Operating Conditions
Supply Voltage Range, VCC . . . . . . . . . . . . . . . . . . . +4.5V to 14.4V
Ambient Temperature Range
ISL6341xCRZ (Commercial) . . . . . . . . . . . . . . . . . . 0°C to +70°C
ISL6341xIRZ (Industrial) . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
Junction Temperature Range. . . . . . . . . . . . . . . . . . -40°C to +125°C
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
NOTES:
1.
θ
JA is measured with the component mounted on a high effective thermal conductivity test board in free air, with “direct attach” features. See
Tech Brief TB379 for details.
2. For
θJC, the “case temp” location is the center of the exposed metal pad on the package underside.
Electrical Specifications
Test Conditions: VCC = 12V, TJ = 0°C to +85°C, Unless Otherwise Noted. Parameters with MIN and/or MAX
limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by characterization
and are not production tested.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
VCC SUPPLY CURRENT
Input Bias Supply Current
IVCC_dis
VCC = 12V; disabled
7.0
mA
Input Bias Supply Current
IVCC_en
VCC = 12V; enabled (but not switching)
6.4
8.9
10.4
mA
POWER-ON RESET
Rising VCC POR Threshold
VPOR
3.8
4.2
4.47
V
VCC POR Threshold Hysteresis
0.15
0.48
0.85
V
OSCILLATOR
Switching Frequency
fOSC
ISL6341C, ISL6341CC
270
300
330
kHz
ISL6341I, ISL6341CI
240
300
330
kHz
ISL6341AC, ISL6341BC
540
600
660
kHz
ISL6341AI, ISL6341BI
510
600
660
kHz
Ramp Amplitude (Note 3)
ΔVOSC
1.5
VP-P
REFERENCE
Reference Voltage Tolerance
VREF
ISL6341C, ISL6341AC, ISL6341BC,
ISL6341CC
0.7936
0.8000
0.8064
V
ISL6341I, ISL6341AI, ISL6341BI, ISL6341CI
0.7920
0.8000
0.8080
V
ERROR AMPLIFIER
DC Gain (Note 3)
GAIN
96
dB
Gain-Bandwidth Product (Note 3)
GBWP
20
MHz
Slew Rate (Note 3)
SR
8
V/µs
GATE DRIVERS
Upper Gate Source Impedance
RUG-SRCh VCC = 12V; I = 50mA
2.1
Ω
Upper Gate Sink Impedance
RUG-SNKh VCC = 12V; I = 50mA
1.6
Ω
Lower Gate Source Impedance
RLG-SRCh VCC = 12V; I = 50mA
1.4
Ω
Lower Gate Sink Impedance
RLG-SNKh VCC = 12V; I = 50mA
1.0
Ω
Upper Gate Source Impedance
RUG-SRCl VCC = 5V; I = 50mA
2.4
Ω
ISL6341, ISL6341A, ISL6341B, ISL6341C


Similar Part No. - ISL6341IRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6341IRZ INTERSIL-ISL6341IRZ Datasheet
308Kb / 17P
   5V or 12V Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
logo
Renesas Technology Corp
ISL6341IRZ RENESAS-ISL6341IRZ Datasheet
803Kb / 18P
   5V or 12V Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
More results

Similar Description - ISL6341IRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6341 RENESAS-ISL6341 Datasheet
803Kb / 18P
   5V or 12V Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
logo
Intersil Corporation
ISL6341ACRZ-T INTERSIL-ISL6341ACRZ-T Datasheet
308Kb / 17P
   5V or 12V Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
ISL6545 INTERSIL-ISL6545 Datasheet
369Kb / 16P
   5V or 12V Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
April 29, 2010
logo
Renesas Technology Corp
ISL6545 RENESAS-ISL6545 Datasheet
838Kb / 17P
   5V or 12V Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
October 7, 2015
logo
Intersil Corporation
ISL6520A INTERSIL-ISL6520A Datasheet
296Kb / 12P
   Single Synchronous Buck Pulse-Width Modulation PWM Controller
ISL6520 INTERSIL-ISL6520_07 Datasheet
323Kb / 11P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
logo
Renesas Technology Corp
ISL6406 RENESAS-ISL6406 Datasheet
986Kb / 18P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
Oct 21, 2015
logo
Intersil Corporation
ISL6406 INTERSIL-ISL6406 Datasheet
357Kb / 17P
   Single Synchronous Buck Pulse-Width Modulation PWM Controller
ISL6520ACB-T INTERSIL-ISL6520ACB-T Datasheet
296Kb / 12P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
ISL6527 INTERSIL-ISL6527 Datasheet
329Kb / 16P
   Single Synchronous Buck Pulse-Width Modulation PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com