Electronic Components Datasheet Search |
|
ISL21060CFH625Z-TK Datasheet(PDF) 1 Page - Intersil Corporation |
|
ISL21060CFH625Z-TK Datasheet(HTML) 1 Page - Intersil Corporation |
1 / 20 page 1 ® FN6706.3 CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. 1-888-INTERSIL or 1-888-468-3774 | Intersil (and design) is a registered trademark of Intersil Americas Inc. Copyright Intersil Americas Inc. 2008. All Rights Reserved All other trademarks mentioned are the property of their respective owners. ISL21060 Precision Reference with Disable Precision, Low Noise FGA™ Voltage References The ISL21060 FGA™ voltage references are low power, high precision voltage references fabricated on Intersil’s proprietary Floating Gate Analog technology. A new disable feature allows the device to shut down the output and reduce supply current drain from 15µA operating to <500nA. The ISL21060 family features guaranteed initial accuracy as low as ±1.0mV with drift down to 10ppm/°C. Noise is typically 10µVP-P (10Hz BW). This combination of high initial accuracy, low power and low output noise performance of the ISL21060 enables versatile high performance control and data acquisition applications with low power consumption. Pinout ISL21060 (6 LD SOT-23) TOP VIEW Features • Reference Output Voltage . . . . . . . . . . . . 2.048V, 2.500V, 3.000V, 3.300V, 4.096V • Initial Accuracy . . . . . . . . . . . . . . . . . . . ..±1.0mV, ±2.5mV • Input Voltage Range - ISL21060-20 . . . . . . . . . . . . . . . . . . . . . . . . 2.5V to 5.5V - ISL21060-25 . . . . . . . . . . . . . . . . . . . . . . . . 2.7V to 5.5V - ISL21060-30 . . . . . . . . . . . . . . . . . . . . . . . . 3.2V to 5.5V - ISL21060-33 . . . . . . . . . . . . . . . . . . . . . . . . 3.5V to 5.5V - ISL21060-41 . . . . . . . . . . . . . . . . . . . . . . . . 4.3V to 5.5V • Output Voltage Noise . . . . . . . . . 10µVP-P (0.1Hz to 10Hz) • Supply Current . . . . . . . . . . . . . . . . . . . . . . . . .40µA (Max) • Tempco. . . . . . . . . . . . . . . . . . . . . . . 10ppm/°C, 25ppm/°C • Output Current Capability. . . . . . . . . . . . . . +10.0mA/-5mA • Operating Temperature Range. . . . . . . . . -40°C to +125°C • Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6 Ld SOT-23 • Pb-Free (RoHS compliant) Applications • High Resolution A/Ds and D/As • Digital Meters • Bar Code Scanners • Basestations • Battery Management/Monitoring • Industrial/Instrumentation Equipment VOUTS 5 VOUTF VIN NC GND EN 1 2 3 4 6 Data Sheet December 16, 2008 |
Similar Part No. - ISL21060CFH625Z-TK |
|
Similar Description - ISL21060CFH625Z-TK |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |