Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL9518 Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL9518
Description  Narrow VDC Regulator/Charger with SMBus Interface
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9518 Datasheet(HTML) 4 Page - Intersil Corporation

  ISL9518 Datasheet HTML 1Page - Intersil Corporation ISL9518 Datasheet HTML 2Page - Intersil Corporation ISL9518 Datasheet HTML 3Page - Intersil Corporation ISL9518 Datasheet HTML 4Page - Intersil Corporation ISL9518 Datasheet HTML 5Page - Intersil Corporation ISL9518 Datasheet HTML 6Page - Intersil Corporation ISL9518 Datasheet HTML 7Page - Intersil Corporation ISL9518 Datasheet HTML 8Page - Intersil Corporation ISL9518 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
4
FN6775.0
December 8, 2008
Absolute Maximum Ratings
Thermal Information
DCIN, CSIP, CSON, SGATE . . . . . . . . . . . . . . . . . . . . -0.3V to +28V
CSIP-CSIN, CSOP-CSON, PGND-AGND . . . . . . . . . -0.3V to +0.3V
PHASE. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -6V to +30V
BOOT. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +33V
BOOT to PHASE . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +6V
BOOT to VDDP . . . . . . . . . . . . . . . . . . . . . . . . .PGND - 1.5V to 28V
UGATE . . . . . . . . . . . . . . . . . . . . . . PHASE - 0.3V to BOOT + 0.3V
LGATE . . . . . . . . . . . . . . . . . . . . . . . PGND - 0.3V to VDDP + 0.3V
ACMON, ICOMP, VCOMP, VREF, VFB . . . . . . -0.3V to VDD + 0.3V
VSMB, SCL, SDA, ADET, ADPR, TRKLN . . . . . . . . . . . -0.3V to +6V
VDDP, VDD to AGND, VDDP to PGND . . . . . . . . . . . . . -0.3V to +6V
BGATE . . . . . . . . . . . . . . . . . . . . . . . AGND - 0.3V to CSON + 0.3V
Thermal Resistance (Typical, Notes 1, 2)
θJA (°C/W) θJC (°C/W)
28 Ld TQFN Package . . . . . . . . . . . . .
39
3
Junction Temperature Range. . . . . . . . . . . . . . . . . . -55°C to +150°C
Operating Temperature Range . . . . . . . . . . . . . . . . -10°C to +100°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . -65°C to +150°C
Pb-Free Reflow Profile. . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . -10°C to +100°C
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
NOTES:
1.
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
2. For
θJC, the “case temp” location is the center of the exposed metal pad on the package underside.
Electrical Specifications
DCIN = CSIP = CSIN = 19V, CSOP = CSON = 12V, VDDP = 5V, VSMB = 3.42V, BOOT-PHASE = 5.0V,
AGND = PGND = 0V, CVDD = 1µF, TA = -10°C to +100°C; Parameters with MIN and/or MAX limits are 100%
tested at +25°C, unless otherwise specified. Temperature limits established by characterization and are not
production tested.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SYSTEM VOLTAGE REGULATION
Maximum System Voltage Accuracy
MaxSystemVoltage = 0x41A0
16.699
16.8
16.901
V
-0.6
0.6
%
MaxSystemVoltage = 0x3130
12.529
12.592
12.655
V
-0.5
0.5
%
MaxSystemVoltage = 0x20D0
8.350
8.4
8.450
V
-0.5
0.5
%
Minimum System Voltage Accuracy
MinSystemVoltage = 0x2F00
11.791
12.032
12.273
V
-2
2
%
MinSystemVoltage = 0x2300
8.691
8.96
9.229
V
-3
3
%
MinSystemVoltage = 0x1800
5.898
6.144
6.390
V
-4
4
%
CHARGE CURRENT REGULATION
Charge Current and Accuracy
RS2 = 10m
Ω (see Figure 2)
ChargingCurrent = 0x1f80
7.822
8.064
8.306
A
-3
3
%
RS2 = 10m
Ω (see Figure 2)
ChargingCurrent = 0x1000
3.932
4.096
4.260
A
-4
4
%
RS2 = 10m
Ω (see Figure 2)
ChargingCurrent = 0x0100
128
256
384
mA
Trickle Charge Current
RS2 = 10m
Ω (see Figure 2)
CSON-BGATE<4.3V
128
256
384
mA
Trickle Charge Threshold
CSON-BGATE
4.0
4.5
5.0
V
Battery Quiescent Current
ICSOP + ICSON + IPHASE + ICSIP + ICSIN + ISGATE
VPHASE = VBOOT = VCSON = VCSOP = VCSIN =
VCSIP = VSGATE = 12.6V, VDCIN = VDD = VDDP = 0V
14
25
µA
ISL9518, ISL9518A


Similar Part No. - ISL9518

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9519 INTERSIL-ISL9519 Datasheet
90Kb / 3P
   Narrow VDC Regulator/Charger with SMBus Interface
ISL9519 INTERSIL-ISL9519 Datasheet
101Kb / 3P
   Narrow VDC Regulator/Charger with SMBus Interface
logo
Renesas Technology Corp
ISL9519 RENESAS-ISL9519 Datasheet
153Kb / 2P
   Narrow VDC Regulator/Charger with SMBus Interface
March 1, 2012
logo
Intersil Corporation
ISL9519CHRZ INTERSIL-ISL9519CHRZ Datasheet
103Kb / 3P
   Narrow VDC Regulator/Charger with SMBus Interface and Internal Switching FETs
ISL9519HRTZ INTERSIL-ISL9519HRTZ Datasheet
90Kb / 3P
   Narrow VDC Regulator/Charger with SMBus Interface
More results

Similar Description - ISL9518

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL9520 RENESAS-ISL9520 Datasheet
162Kb / 2P
   Narrow VDC Regulator/Charger with SMBus Interface
Rev 1.00 March 6, 2013
logo
Intersil Corporation
ISL9519HRTZ INTERSIL-ISL9519HRTZ Datasheet
90Kb / 3P
   Narrow VDC Regulator/Charger with SMBus Interface
logo
Renesas Technology Corp
ISL9519 RENESAS-ISL9519 Datasheet
153Kb / 2P
   Narrow VDC Regulator/Charger with SMBus Interface
March 1, 2012
ISL6258 RENESAS-ISL6258 Datasheet
185Kb / 2P
   Narrow VDC Regulator/Charger with SMBus Interface
logo
Intersil Corporation
ISL9519IRTZ INTERSIL-ISL9519IRTZ Datasheet
101Kb / 3P
   Narrow VDC Regulator/Charger with SMBus Interface
logo
Renesas Technology Corp
ISL88750 RENESAS-ISL88750 Datasheet
187Kb / 2P
   Narrow VDC (NVDC) Battery Charger with SMBus Interface
logo
Intersil Corporation
ISL88750 INTERSIL-ISL88750 Datasheet
107Kb / 2P
   Narrow VDC (NVDC) Battery Charger with SMBus Interface
April 22, 2016
ISL9519CHRZ INTERSIL-ISL9519CHRZ Datasheet
103Kb / 3P
   Narrow VDC Regulator/Charger with SMBus Interface and Internal Switching FETs
logo
Renesas Technology Corp
ISL9538C RENESAS-ISL9538C Datasheet
169Kb / 3P
   Buck-Boost Narrow VDC Battery Charger with SMBus Interface
Aug 19, 2021
ISL9538B RENESAS-ISL9538B Datasheet
214Kb / 3P
   Buck-Boost Narrow VDC Battery Charger with SMBus Interface
Oct 24, 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com