Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL54060IRTZ Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL54060IRTZ
Description  1.8V to 6.5V, Sub-ohm, Dual SPST Analog Switch with Negative Signal Capability
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54060IRTZ Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL54060IRTZ Datasheet HTML 7Page - Intersil Corporation ISL54060IRTZ Datasheet HTML 8Page - Intersil Corporation ISL54060IRTZ Datasheet HTML 9Page - Intersil Corporation ISL54060IRTZ Datasheet HTML 10Page - Intersil Corporation ISL54060IRTZ Datasheet HTML 11Page - Intersil Corporation ISL54060IRTZ Datasheet HTML 12Page - Intersil Corporation ISL54060IRTZ Datasheet HTML 13Page - Intersil Corporation ISL54060IRTZ Datasheet HTML 14Page - Intersil Corporation ISL54060IRTZ Datasheet HTML 15Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11
FN6580.0
December 19, 2008
Typical Performance Curves TA = +25°C, Unless Otherwise Specified
FIGURE 8. ON-RESISTANCE vs SUPPLY VOLTAGE vs
SWITCH VOLTAGE
FIGURE 9. ON-RESISTANCE vs SWITCH VOLTAGE
FIGURE 10. ON-RESISTANCE vs SWITCH VOLTAGE
FIGURE 11. ON-RESISTANCE vs SWITCH VOLTAGE
FIGURE 12. ON-RESISTANCE vs SWITCH VOLTAGE
FIGURE 13. ANALOG SIGNAL RANGE vs SUPPLY VOLTAGE
VCOM (V)
0
12
3
4
5
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
-1
-2
-3
-4
-5
-6
ICOM = 100mA
V+ = 1.8V
V+ = 2.7V
V+ = 4.5V
0
0.30
VCOM (V)
0.35
0.40
0.45
0.50
0.60
0.65
0.70
0.75
0.80
0.85
0.95
0.90
1.00
0.55
-3
-2
-1
12
345
ICOM = 100mA
V+ = 4.5V
T = +85°C
T = +25°C
T = -40°C
VCOM (V)
0
0.30
0.35
0.40
0.45
0.50
0.60
0.65
0.70
0.75
0.80
0.85
0.95
0.90
0.55
-3
-2
-1
12345
1.00
ICOM = 100mA
V+ = 4.3V
T = +85°C
T = +25°C
T = -40°C
VCOM (V)
0
1.05
0.35
0.45
0.65
0.75
0.85
0.95
0.55
-3
-2
-1
1
2
3
4
-5
-4
1.15
1.25
ICOM = 100mA
V+ = 2.7V
T = +85°C
T = +25°C
T = -40°C
VCOM (V)
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
0
-3
-2
-1
1
2
3
6-5
-4
ICOM = 100mA
V+ = 1.8V
T = +85°C
T = -40°C
T = +25°C
-6
-5
-4
-3
-2
-1
0
1
2
3
4
5
6
1.52.0
2.53.0
3.5
4.0
4.55.0
5.5
6.0
SUPPLY VOLTAGE (V)
SIGNAL MAX
SIGNAL MIN
ISL54060, ISL54061


Similar Part No. - ISL54060IRTZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54060IRTZ INTERSIL-ISL54060IRTZ Datasheet
396Kb / 15P
   1.8V to 6.5V, Sub-ohm, Dual SPST Analog Switch with Negative Signal Capability
ISL54060IRTZ INTERSIL-ISL54060IRTZ Datasheet
399Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPST Single Supply Switch
ISL54060IRTZ INTERSIL-ISL54060IRTZ Datasheet
402Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPST Single Supply Swit
November 3, 2009
logo
Renesas Technology Corp
ISL54060IRTZ RENESAS-ISL54060IRTZ Datasheet
744Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPST Single Supply Switch
logo
Intersil Corporation
ISL54060IRTZ-T INTERSIL-ISL54060IRTZ-T Datasheet
396Kb / 15P
   1.8V to 6.5V, Sub-ohm, Dual SPST Analog Switch with Negative Signal Capability
More results

Similar Description - ISL54060IRTZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54060 INTERSIL-ISL54060_09 Datasheet
396Kb / 15P
   1.8V to 6.5V, Sub-ohm, Dual SPST Analog Switch with Negative Signal Capability
ISL54059 INTERSIL-ISL54059 Datasheet
392Kb / 14P
   1.8V to 6.5V, Sub-Ohm, Dual SPDT Analog Switch with Negative Signal Capability
ISL54059 INTERSIL-ISL54059_09 Datasheet
399Kb / 14P
   1.8V to 6.5V, Sub-Ohm, Dual SPDT Analog Switch with Negative Signal Capability
ISL54062 INTERSIL-ISL54062 Datasheet
738Kb / 16P
   1.8V to 6.5V, Sub-Ohm, Dual SPDT Analog Switch with Negative Signal Capability and Click and Pop Elimination
ISL54063 INTERSIL-ISL54063 Datasheet
396Kb / 15P
   1.8V to 6.5V, Sub-ohm, Dual SPST
ISL54065 INTERSIL-ISL54065_09 Datasheet
713Kb / 15P
   1.8V to 6.5V, Sub-ohm, Click and Pop Elimination, Dual SPDT w/ Enable, Analog Switch with Negative Signal Capability
ISL54065 INTERSIL-ISL54065 Datasheet
706Kb / 15P
   1.8V to 6.5V, Sub-ohm, Click and Pop Elimination, Dual SPDT w/ Enable, Analog Switch with Negative Signal Capability
ISL54066 INTERSIL-ISL54066 Datasheet
389Kb / 14P
   1.8V to 6.5V, High Off-Isolation, Dual SPST Analog Switch
ISL54063_0911 INTERSIL-ISL54063_0911 Datasheet
409Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPST
ISL54060_0911 INTERSIL-ISL54060_0911 Datasheet
399Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPST Single Supply Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com