Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT83C5103XXX-ICSAL Datasheet(PDF) 58 Page - ATMEL Corporation

Part # AT83C5103XXX-ICSAL
Description  Low-pin Count 8-bit Microcontroller
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83C5103XXX-ICSAL Datasheet(HTML) 58 Page - ATMEL Corporation

Back Button AT83C5103XXX-ICSAL Datasheet HTML 54Page - ATMEL Corporation AT83C5103XXX-ICSAL Datasheet HTML 55Page - ATMEL Corporation AT83C5103XXX-ICSAL Datasheet HTML 56Page - ATMEL Corporation AT83C5103XXX-ICSAL Datasheet HTML 57Page - ATMEL Corporation AT83C5103XXX-ICSAL Datasheet HTML 58Page - ATMEL Corporation AT83C5103XXX-ICSAL Datasheet HTML 59Page - ATMEL Corporation AT83C5103XXX-ICSAL Datasheet HTML 60Page - ATMEL Corporation AT83C5103XXX-ICSAL Datasheet HTML 61Page - ATMEL Corporation AT83C5103XXX-ICSAL Datasheet HTML 62Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 64 page
background image
58
4134D–8051–02/08
Figure 30. ICC Test Condition, Idle Mode
Figure 31. ICC Test Condition, Power-Down Mode
Figure 32. Clock Signal Waveform for ICC Tests in Active and Idle Modes
AC Parameters
Explanation of the AC
Symbols
Each timing symbol has 5 characters. The first character is always a “T” (stands for
Time). The other characters, depending on their positions, stand for the name of a sig-
nal or the logical status of that signal. The following is a list of all the characters and
what they stand for.
Example: TXHDV = Time from clock rising edge to input data valid.
TA = -40°C to +125°C (Automotive temperature range); VSS = 0V; 3.135V < VCC < 3.465V
The maximum applicable load capacitance for Port 1 and 3 is 80 pF. Timings will be
guaranteed if these capacitances are respected. Higher capacitance values can be
used, but timings will then be degraded.
RST
XTAL2
XTAL1
V
SS
VCC
ICC
(NC)
VCC
All other pins are disconnected.
C L O C K
SIGNAL
Reset = V
cc after a low pulse
during at least 24 clock cycles
VCC
RST
XTAL2
XTAL1
V
SS
VCC
ICC
VCC
Reset = Vcc after a low pulse
during at least 24 clock cyclesVCC
All other pins are disconnected.
VCC-0.5V
0.45V
0.7V
CC
0.2V
CC-0.1
TCLCH
TCHCL
T
CLCH = TCHCL = 5ns


Similar Part No. - AT83C5103XXX-ICSAL

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT83C5103XXX-ICSAL ATMEL-AT83C5103XXX-ICSAL Datasheet
697Kb / 64P
   Low-pin Count 8-bit Microcontroller
AT83C5103XXX-ICSAL ATMEL-AT83C5103XXX-ICSAL Datasheet
522Kb / 64P
   Low-pin Count 8-bit Microcontroller
More results

Similar Description - AT83C5103XXX-ICSAL

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT87C5103 ATMEL-AT87C5103_04 Datasheet
697Kb / 64P
   Low-pin Count 8-bit Microcontroller
AT87C5103_0306 ATMEL-AT87C5103_0306 Datasheet
522Kb / 64P
   Low-pin Count 8-bit Microcontroller
AT83EB5114 ATMEL-AT83EB5114 Datasheet
1Mb / 95P
   Low-pin-count 8-bit microcontroller with A/D converter
AT83EB5114 ATMEL-AT83EB5114_08 Datasheet
949Kb / 95P
   Low-pin-count 8-bit microcontroller with A/D converter
AT83C5111 ATMEL-AT83C5111 Datasheet
1Mb / 86P
   Low Pin Count 8-bit Microcontroller with A/D Converter
T83C5101 ATMEL-T83C5101_03 Datasheet
740Kb / 58P
   8-bit Low Pin Count Microcontrollers
T83C5101 ATMEL-T83C5101_08 Datasheet
678Kb / 58P
   8-bit Low Pin Count Microcontrollers
logo
NXP Semiconductors
87C750 PHILIPS-87C750 Datasheet
137Kb / 16P
   80C51 8-bit microcontroller family 1K/64 OTP ROM, low pin count
1998 May 01
83C748 PHILIPS-83C748 Datasheet
131Kb / 18P
   80C51 8-bit microcontroller family 2K/64 OTP/ROM, low pin count
1999 Apr 15
83C750 PHILIPS-83C750 Datasheet
158Kb / 16P
   80C51 8-bit microcontroller family 1K/64 OTP ROM, low pin count
1998 May 01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com