Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT45DB011D-SH-T Datasheet(PDF) 37 Page - ATMEL Corporation

Part # AT45DB011D-SH-T
Description  1-megabit 2.7-volt Minimum DataFlash
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB011D-SH-T Datasheet(HTML) 37 Page - ATMEL Corporation

Back Button AT45DB011D-SH-T Datasheet HTML 33Page - ATMEL Corporation AT45DB011D-SH-T Datasheet HTML 34Page - ATMEL Corporation AT45DB011D-SH-T Datasheet HTML 35Page - ATMEL Corporation AT45DB011D-SH-T Datasheet HTML 36Page - ATMEL Corporation AT45DB011D-SH-T Datasheet HTML 37Page - ATMEL Corporation AT45DB011D-SH-T Datasheet HTML 38Page - ATMEL Corporation AT45DB011D-SH-T Datasheet HTML 39Page - ATMEL Corporation AT45DB011D-SH-T Datasheet HTML 40Page - ATMEL Corporation AT45DB011D-SH-T Datasheet HTML 41Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 52 page
background image
37
3639E–DFLASH–5/08
AT45DB011D
21.5
Utilizing the RapidS Function
To take advantage of the RapidS function's ability to operate at higher clock frequencies, a full
clock cycle must be used to transmit data back and forth across the serial bus. The DataFlash is
designed to always clock its data out on the falling edge of the SCK signal and clock data in on
the rising edge of SCK.
For full clock cycle operation to be achieved, when the DataFlash is clocking data out on the
falling edge of SCK, the host controller should wait until the next falling edge of SCK to latch the
data in. Similarly, the host controller should clock its data out on the rising edge of SCK in
order to give the DataFlash a full clock cycle to latch the incoming data in on the next rising edge
of SCK.
Figure 21-1. RapidS Mode
SCK
MOSI
MISO
1
234567
81
234567
8
MOSI = Master Out, Slave In
MISO = Master In, Slave Out
The Master is the host controller and the Slave is the DataFlash
The Master always clocks data out on the rising edge of SCK and always clocks data in on the falling edge of SCK.
The Slave always clocks data out on the falling edge of SCK and always clocks data in on the rising edge of SCK.
A.
Master clocks out first bit of BYTE-MOSI on the rising edge of SCK.
B.
Slave clocks in first bit of BYTE-MOSI on the next rising edge of SCK.
C.
Master clocks out second bit of BYTE-MOSI on the same rising edge of SCK.
D.
Last bit of BYTE-MOSI is clocked out from the Master.
E.
Last bit of BYTE-MOSI is clocked into the slave.
F.
Slave clocks out first bit of BYTE-SO.
G.
Master clocks in first bit of BYTE-SO.
H.
Slave clocks out second bit of BYTE-SO.
I.
Master clocks in last bit of BYTE-SO.
A
B
CD
E
F
G
1
H
BYTE-MOSI
MSB
LSB
BYTE-SO
MSB
LSB
Slave
CS
I


Similar Part No. - AT45DB011D-SH-T

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45DB011D-SH-T ATMEL-AT45DB011D-SH-T Datasheet
1Mb / 52P
   1-megabit 2.7-volt Minimum DataFlash
logo
List of Unclassifed Man...
AT45DB011D-SH-T ETC2-AT45DB011D-SH-T Datasheet
1Mb / 51P
   1-megabit 2.7-volt Minimum DataFlash
AT45DB011D-SH-T ETC2-AT45DB011D-SH-T Datasheet
2Mb / 52P
   1-megabit 2.7-volt Minimum DataFlash
More results

Similar Description - AT45DB011D-SH-T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT45DB011D ETC2-AT45DB011D_12 Datasheet
1Mb / 51P
   1-megabit 2.7-volt Minimum DataFlash
logo
ATMEL Corporation
AT45DB011D ATMEL-AT45DB011D_09 Datasheet
1Mb / 52P
   1-megabit 2.7-volt Minimum DataFlash
logo
List of Unclassifed Man...
AT45DB011D ETC2-AT45DB011D Datasheet
2Mb / 52P
   1-megabit 2.7-volt Minimum DataFlash
logo
ATMEL Corporation
AT45DB021D ATMEL-AT45DB021D_09 Datasheet
1Mb / 54P
   2-megabit 2.7-volt Minimum DataFlash
AT45DB021D ATMEL-AT45DB021D_08 Datasheet
1Mb / 52P
   2-megabit 2.7-volt Minimum DataFlash
AT45DB011D ATMEL-AT45DB011D_07 Datasheet
1Mb / 52P
   1-megabit 2.7-volt DataFlash
AT45DB011B ATMEL-AT45DB011B_06 Datasheet
408Kb / 32P
   1-megabit 2.7-volt Only DataFlash
AT45DB321C ATMEL-AT45DB321C Datasheet
610Kb / 37P
   32 MEGABIT 2.7 VOLT DATAFLASH
AT45DB011 ATMEL-AT45DB011 Datasheet
150Kb / 19P
   1-Megabit 2.7-volt Only Serial DataFlash
AT45DB011 ATMEL-AT45DB011_01 Datasheet
253Kb / 20P
   1-megabit 2.7-volt Only Serial DataFlash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com