Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLL400-915A Datasheet(PDF) 1 Page - SIRENZA MICRODEVICES

Part # PLL400-915A
Description  PLL Product Specification
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRENZA [SIRENZA MICRODEVICES]
Direct Link  
Logo SIRENZA - SIRENZA MICRODEVICES

PLL400-915A Datasheet(HTML) 1 Page - SIRENZA MICRODEVICES

  PLL400-915A Datasheet HTML 1Page - SIRENZA MICRODEVICES  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PLL Product Specification
Model:
PLL400-915A(Y)
Rev: P4
Date: 6/7/2006
Customer:
SIRENZA
MICRODEVICES, INC.
AppNote: 113 Option 207000
Operating Temperature Range:
( -40 ° to 85 ° C)
RoHS Compliant
To order models as RoHS Compliant add "Y" suffix to base
model number.
Parameter
Min
Typ
Max
Units
X
Remarks
Frequency Range -
902
915
928
MHz
X
Step Size -
200
kHz
X
Settling Time - To within 1 kHz
5
10
mSec
Output Power -
0
3
6
dBm
X
Output Phase Noise:
1 kHz
-87
-81
dBc/Hz
10 kHz
-111
-105
dBc/Hz
100 kHz
-133
-127
dBc/Hz
X
Power Supply -
4.75
5
5.25
Volts
Supply Current -
22
30
mA
X
Spurious Product - 200 kHz
-80
-70
dBc
X
Reference Feedthrough -
-80
-70
dBc
Harmonic Suppression:
2nd Harmonic
-15
-10
dBc
X
3rd Harmonic
-20
-10
dBc
X
Ref Osc Signal:
Frequency
10
MHz
Amplitude
3
5
Vp-p
Phase Noise - 1 kHz
-145
dBc/Hz
Input Impedance
100
k
Output Impedance -
50
Package Information
Package Type:
PLL400
(0.6 x 0.6 x 0.14 inches
)
Drawing Number:
60080
Comments
X Indicates parameter to be tested 100% in production
Performance tests and ratings for Sirenza Microdevices' products were performed internally by Sirenza and measured using specific computer systems
and/or components and reflect the approximate performance of the the products as measured by those tests. Any difference in circuit implementation, test
software, or test equipment may affect actual performance. The information provided herein is believed to be reliable at press time and Sirenza
Microdevices assumes no responsibility for the use of this information. All such use shall be entirely at the user's own risk. Prices and specifications for
Sirenza Microdevices' products are subject to change without notice. Buyers should consult Sirenza Microdevices' standard terms and conditions of sale
for Sirenza's limited warranty with regard to its products. These products may be patented or include patented technology. No patent rights or licenses to
any of the circuits described herein are implied or granted to any third party. Sirenza Microdevices does not authorize or warrant any product for use in
life-support devices and/or systems.
Page 1 of 1
Sirenza Microdevices, Inc.
303 S. Technology Ct.
Broomfield, CO 80021
tel 303.327.3030
fax 303.410.7988


Similar Part No. - PLL400-915A

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
PLL400-915AY RFMD-PLL400-915AY Datasheet
270Kb / 3P
   5V NARROWBAND PHASE-LOCKED LOOP
More results

Similar Description - PLL400-915A

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
PLL401-1750 SIRENZA-PLL401-1750 Datasheet
270Kb / 1P
   PLL Product Specification
PLL401-1950 SIRENZA-PLL401-1950 Datasheet
270Kb / 1P
   PLL Product Specification
PLL401-2350A SIRENZA-PLL401-2350A Datasheet
152Kb / 1P
   PLL Product Specification
PLL300-1668 SIRENZA-PLL300-1668 Datasheet
151Kb / 1P
   PLL Product Specification
PLL300-1906 SIRENZA-PLL300-1906 Datasheet
151Kb / 1P
   PLL Product Specification
PLL350-144 SIRENZA-PLL350-144 Datasheet
192Kb / 2P
   PLL Product Specification
PLL350-942 SIRENZA-PLL350-942 Datasheet
158Kb / 1P
   PLL Product Specification
PLL350-1627 SIRENZA-PLL350-1627 Datasheet
158Kb / 1P
   PLL Product Specification
PLL350-2140A SIRENZA-PLL350-2140A Datasheet
152Kb / 1P
   PLL Product Specification
PLL350-2444 SIRENZA-PLL350-2444 Datasheet
152Kb / 1P
   PLL Product Specification
PLL400-735 SIRENZA-PLL400-735 Datasheet
152Kb / 1P
   PLL Product Specification
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com