Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT25DF041A-SH-T Datasheet(PDF) 7 Page - ATMEL Corporation

Part # AT25DF041A-SH-T
Description  4-megabit 2.3-volt or 2.7-volt Minimum SPI Serial Flash Memory
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25DF041A-SH-T Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button AT25DF041A-SH-T Datasheet HTML 3Page - ATMEL Corporation AT25DF041A-SH-T Datasheet HTML 4Page - ATMEL Corporation AT25DF041A-SH-T Datasheet HTML 5Page - ATMEL Corporation AT25DF041A-SH-T Datasheet HTML 6Page - ATMEL Corporation AT25DF041A-SH-T Datasheet HTML 7Page - ATMEL Corporation AT25DF041A-SH-T Datasheet HTML 8Page - ATMEL Corporation AT25DF041A-SH-T Datasheet HTML 9Page - ATMEL Corporation AT25DF041A-SH-T Datasheet HTML 10Page - ATMEL Corporation AT25DF041A-SH-T Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
7
3668D–DFLASH–9/08
AT25DF041A
Note:
1. Three address bytes are only required for the first operation to designate the address to start programming at. Afterwards,
the internal address counter automatically increments, so subsequent Sequential Program Mode operations only require
clocking in of the opcode and the data byte until the Sequential Program Mode has been exited.
Table 6-1.
Command Listing
Command
Opcode
Address Bytes
Dummy Bytes
Data Bytes
Read Commands
Read Array
0Bh
0000 1011
3
1
1+
Read Array (Low Frequency)
03h
0000 0011
3
0
1+
Program and Erase Commands
Block Erase (4 Kbytes)
20h
0010 0000
3
0
0
Block Erase (32 Kbytes)
52h
0101 0010
3
0
0
Block Erase (64 Kbytes)
D8h
1101 1000
3
0
0
Chip Erase
60h
0110 0000
0
0
0
C7h
1100 0111
0
0
0
Byte/Page Program (1 to 256 Bytes)
02h
0000 0010
3
0
1+
Sequential Program Mode
ADh
1010 1101
3, 0(1)
01
AFh
1010 1111
3, 0(1)
01
Protection Commands
Write Enable
06h
0000 0110
0
0
0
Write Disable
04h
0000 0100
0
0
0
Protect Sector
36h
0011 0110
3
0
0
Unprotect Sector
39h
0011 1001
3
0
0
Global Protect/Unprotect
Use Write Status Register command
Read Sector Protection Registers
3Ch
0011 1100
3
0
1+
Status Register Commands
Read Status Register
05h
0000 0101
0
0
1+
Write Status Register
01h
0000 0001
0
0
1
Miscellaneous Commands
Read Manufacturer and Device ID
9Fh
1001 1111
0
0
1 to 4
Deep Power-down
B9h
1011 1001
0
0
0
Resume from Deep Power-down
ABh
1010 1011
0
0
0


Similar Part No. - AT25DF041A-SH-T

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25DF041A-SH-T ATMEL-AT25DF041A-SH-T Datasheet
869Kb / 41P
   4-megabit 2.3-volt or 2.7volt Minimum SPI Serial Flash Memory
logo
List of Unclassifed Man...
AT25DF041A-SH-T ETC2-AT25DF041A-SH-T Datasheet
746Kb / 42P
   Minimum SPI Serial Flash Memory
More results

Similar Description - AT25DF041A-SH-T

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25DF021 ATMEL-AT25DF021_09 Datasheet
972Kb / 41P
   2-Megabit 2.3-volt or 2.7-volt Minimum SPI Serial Flash Memory
AT25DF021 ATMEL-AT25DF021 Datasheet
347Kb / 16P
   2-Megabit 2.3-volt or 2.7-volt Minimum SPI Serial Flash Memory
AT25DF041A ATMEL-AT25DF041A_09 Datasheet
869Kb / 41P
   4-megabit 2.3-volt or 2.7volt Minimum SPI Serial Flash Memory
AT25DF641 ATMEL-AT25DF641 Datasheet
1Mb / 59P
   64-Megabit 2.7-volt Minimum SPI Serial Flash Memory
AT26DF081A ATMEL-AT26DF081A_09 Datasheet
850Kb / 40P
   8-megabit 2.7-volt Minimum SPI Serial Flash Memory
AT25DF321A ATMEL-AT25DF321A Datasheet
1Mb / 58P
   32-Megabit 2.7-volt Minimum SPI Serial Flash Memory
AT25DF321 ATMEL-AT25DF321_09 Datasheet
842Kb / 37P
   32-megabit 2.7-volt Minimum SPI Serial Flash Memory
AT25DF161 ATMEL-AT25DF161 Datasheet
1Mb / 60P
   16-Megabit 2.7-volt Minimum SPI Serial Flash Memory
logo
List of Unclassifed Man...
AT25DF021 ETC2-AT25DF021_12 Datasheet
914Kb / 41P
   2-Megabit 2.3Volt or 2.7-Volt Minimum SPI Serial Falsh Memory
logo
ATMEL Corporation
AT25DF081 ATMEL-AT25DF081 Datasheet
784Kb / 38P
   8-megabit 1.65-volt Minimum SPI Serial Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com