Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSS1C201MZ4T3G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NSS1C201MZ4T3G
Description  100 V, 2.0 A, Low VCE(sat) NPN Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NSS1C201MZ4T3G Datasheet(HTML) 1 Page - ON Semiconductor

  NSS1C201MZ4T3G Datasheet HTML 1Page - ON Semiconductor NSS1C201MZ4T3G Datasheet HTML 2Page - ON Semiconductor NSS1C201MZ4T3G Datasheet HTML 3Page - ON Semiconductor NSS1C201MZ4T3G Datasheet HTML 4Page - ON Semiconductor NSS1C201MZ4T3G Datasheet HTML 5Page - ON Semiconductor NSS1C201MZ4T3G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2008
November, 2008 − Rev. 0
1
Publication Order Number:
NSS1C201MZ4/D
NSS1C201MZ4
100 V, 2.0 A, Low VCE(sat)
NPN Transistor
ON Semiconductor’s e2PowerEdge family of low VCE(sat)
transistors are miniature surface mount devices featuring ultra low
saturation voltage (VCE(sat)) and high current gain capability. These
are designed for use in low voltage, high speed switching applications
where affordable efficient energy control is important.
Typical applications are DC−DC converters and power management
in portable and battery powered products such as cellular and cordless
phones, PDAs, computers, printers, digital cameras and MP3 players.
Other applications are low voltage motor controls in mass storage
products such as disc drives and tape drives. In the automotive
industry they can be used in air bag deployment and in the instrument
cluster. The high current gain allows e2PowerEdge devices to be
driven directly from PMU’s control outputs, and the Linear Gain
(Beta) makes them ideal components in analog amplifiers.
Feature
These are Pb−Free Devices
MAXIMUM RATINGS (TA = 25°C)
Rating
Symbol
Max
Unit
Collector-Emitter Voltage
VCEO
100
Vdc
Collector-Base Voltage
VCBO
140
Vdc
Emitter-Base Voltage
VEBO
7.0
Vdc
Collector Current − Continuous
IC
2.0
A
Collector Current − Peak
ICM
3.0
A
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation
TA = 25°C
Derate above 25°C
PD (Note 1)
800
6.5
mW
mW/°C
Thermal Resistance,
Junction−to−Ambient
RqJA (Note 1)
155
°C/W
Total Device Dissipation
TA = 25°C
Derate above 25°C
PD (Note 2)
2
15.6
W
mW/°C
Thermal Resistance,
Junction−to−Ambient
RqJA (Note 2)
64
°C/W
Total Device Dissipation
(Single Pulse < 10 sec.)
PDsingle
(Note 3)
710
mW
Junction and Storage
Temperature Range
TJ, Tstg
−55 to
+150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. FR−4 @ 7.6 mm2, 1 oz. copper traces.
2. FR−4 @ 645 mm2, 1 oz. copper traces.
3. Thermal response.
COLLECTOR
3
1
BASE
2
EMITTER
http://onsemi.com
100 VOLTS, 2.0 AMPS
NPN LOW VCE(sat) TRANSISTOR
Device
Package
Shipping
ORDERING INFORMATION
NSS1C201MZ4T1G
SOT−223
(Pb−Free)
1000/
Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
SOT−223
CASE 318E
STYLE 1
MARKING
DIAGRAM
Top View Pinout
C
CE
B
4
12
3
1
1C201G
AYW
A
= Assembly Location
Y
= Year
W
= Work Week
1C201 = Specific Device Code
G
= Pb−Free Package
NSS1C201MZ4T3G
SOT−223
(Pb−Free)
4000/
Tape & Reel
PIN ASSIGNMENT


Similar Part No. - NSS1C201MZ4T3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSS1C201MZ4T3G ONSEMI-NSS1C201MZ4T3G Datasheet
106Kb / 6P
   100 V, 2.0 A, Low VCE(sat) NPN Transistor
September, 2010 ??Rev. 2
NSS1C201MZ4T3G ONSEMI-NSS1C201MZ4T3G Datasheet
109Kb / 5P
   NPN Transistor
March, 2013 ??Rev. 4
More results

Similar Description - NSS1C201MZ4T3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSS1C201MZ4 ONSEMI-NSS1C201MZ4_10 Datasheet
106Kb / 6P
   100 V, 2.0 A, Low VCE(sat) NPN Transistor
September, 2010 ??Rev. 2
NSS1C200MZ4 ONSEMI-NSS1C200MZ4 Datasheet
75Kb / 5P
   100 V, 2.0 A, Low VCE(sat) PNP Transistor
April, 2008 - Rev. 0
NSS1C200MZ4 ONSEMI-NSS1C200MZ4_10 Datasheet
106Kb / 5P
   100 V, 2.0 A, Low VCE(sat) PNP Transistor
September, 2010 ??Rev. 2
NSS1C200MZ4T1G ONSEMI-NSS1C200MZ4T1G Datasheet
110Kb / 5P
   100 V, 2.0 A, Low VCE(sat) PNP Transistor
March, 2013??Rev. 5
NSS40201LT1G ONSEMI-NSS40201LT1G_13 Datasheet
107Kb / 6P
   40 V, 2.0 A, Low VCE(sat) NPN Transistor
June, 2013 ??Rev. 8
NSS1C301ET4G ONSEMI-NSS1C301ET4G_14 Datasheet
116Kb / 5P
   100 V, 3.0 A, Low VCE(sat) NPN Transistor
January, 2014 ??Rev. 4
NSS1C201LT1G ONSEMI-NSS1C201LT1G Datasheet
107Kb / 5P
   100 V, 3.0 A, Low VCE(sat) NPN Transistor
September, 2008 ??Rev. 0
NSS1C301ET4G ONSEMI-NSS1C301ET4G Datasheet
83Kb / 5P
   100 V, 3.0 A, Low VCE(sat) NPN Transistor
September, 2013 ??Rev. 3
NSS1C201L ONSEMI-NSS1C201L_14 Datasheet
78Kb / 6P
   100 V, 3.0 A, Low VCE(sat) Transistor
December, 2014 ??Rev. 5
NSS1C200LT1G ONSEMI-NSS1C200LT1G Datasheet
72Kb / 5P
   100 V, 3.0 A, Low VCE(sat) PNP Transistor
March, 2008 - Rev. 0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com